Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA2128U Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # INA2128U
Description  Dual, Low Power INSTRUMENTATION AMPLIFIER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA2128U Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA2128U Datasheet HTML 3Page - Texas Instruments INA2128U Datasheet HTML 4Page - Texas Instruments INA2128U Datasheet HTML 5Page - Texas Instruments INA2128U Datasheet HTML 6Page - Texas Instruments INA2128U Datasheet HTML 7Page - Texas Instruments INA2128U Datasheet HTML 8Page - Texas Instruments INA2128U Datasheet HTML 9Page - Texas Instruments INA2128U Datasheet HTML 10Page - Texas Instruments INA2128U Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
INA2128
7
SBOS035A
www.ti.com
TYPICAL CHARACTERISTICS (Continued)
At TA = +25°C, VS = ±15V, unless otherwise noted.
G = 1
G = 10
5
µs/div
SMALL-SIGNAL STEP RESPONSE
(G = 1, 10)
G = 100
G = 1000
20
µs/div
SMALL-SIGNAL STEP RESPONSE
(G = 100, 1000)
G = 1
G = 10
5
µs/div
LARGE-SIGNAL STEP RESPONSE
(G = 1, 10)
G = 100
G = 1000
5
µs/div
LARGE-SIGNAL STEP RESPONSE
(G = 100, 1000)
0.1
µV/div
1s/div
VOLTAGE NOISE 0.1Hz to 10Hz
INPUT-REFERRED, G
≥ 100
20mV/div
20mV/div
5V/div
5V/div


Similar Part No. - INA2128U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA2128U BURR-BROWN-INA2128U Datasheet
282Kb / 10P
   Dual, Low Power INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA2128U TI1-INA2128U Datasheet
709Kb / 17P
[Old version datasheet]   Dual, Low Power INSTRUMENTATION AMPLIFIER
INA2128U/1K TI1-INA2128U/1K Datasheet
709Kb / 17P
[Old version datasheet]   Dual, Low Power INSTRUMENTATION AMPLIFIER
INA2128U/1KE4 TI1-INA2128U/1KE4 Datasheet
709Kb / 17P
[Old version datasheet]   Dual, Low Power INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA2128UA BURR-BROWN-INA2128UA Datasheet
282Kb / 10P
   Dual, Low Power INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA2128U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA2128 BURR-BROWN-INA2128 Datasheet
282Kb / 10P
   Dual, Low Power INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA2128 TI1-INA2128 Datasheet
709Kb / 17P
[Old version datasheet]   Dual, Low Power INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA102 BURR-BROWN-INA102 Datasheet
173Kb / 13P
   Low Power INSTRUMENTATION AMPLIFIER
INA2141 BURR-BROWN-INA2141 Datasheet
243Kb / 10P
   Dual, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD621ANZ AD-AD621ANZ Datasheet
520Kb / 16P
   Low Drift, Low Power Instrumentation Amplifier
REV. B
AD620 AD-AD620_15 Datasheet
643Kb / 21P
   Low Cost Low Power Instrumentation Amplifier
Rev. H
AD621 AD-AD621_15 Datasheet
520Kb / 16P
   Low Drift, Low Power Instrumentation Amplifier
REV. B
logo
JSC ALFA.
AS620 ALFA-AS620 Datasheet
309Kb / 4P
   Low Cost Low Power Instrumentation Amplifier
logo
Texas Instruments
INA118U2K5 TI1-INA118U2K5 Datasheet
392Kb / 16P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA118 BURR-BROWN-INA118 Datasheet
242Kb / 11P
   Precision, Low Power INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com