Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRCW1218KFHTAP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CRCW1218KFHTAP
Description  Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRCW1218KFHTAP Datasheet(HTML) 1 Page - Vishay Siliconix

  CRCW1218KFHTAP Datasheet HTML 1Page - Vishay Siliconix CRCW1218KFHTAP Datasheet HTML 2Page - Vishay Siliconix CRCW1218KFHTAP Datasheet HTML 3Page - Vishay Siliconix CRCW1218KFHTAP Datasheet HTML 4Page - Vishay Siliconix CRCW1218KFHTAP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Lead (Pb)-bearing Thick Film, Rectangular
Precision Chip Resistor
www.vishay.com
For technical questions, contact: filmresistors.thickfilmchip@vishay.com
Document Number: 20009
136
Revision: 13-Oct-08
D../CRCW....-P
Vishay
FEATURES
• Low temperature coefficient (25 ppm/K) and tight
tolerances (± 0.25 %)
• Excellent stability ((|ΔR/R| ≤ ± 1 % for 1000 h at 70 °C)
• SnPb contacts on Ni barrier layer
• Metal glaze on high quality ceramic
• Protective overglaze
Notes
• These resistors do not feature a limited lifetime when operated within the permissible limits. However, resistance value drift increasing over
operating time may result in exceeding a limit acceptable to the specific application, thereby establishing a functional lifetime.
• Marking and packaging: see appropriate catalog or web pages
• Power rating depends on the max. temperature at the solder point, the component placement density and the substrate material
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
SIZE
POWER RATING
P70 °C W
LIMITING
ELEMENT
VOLTAGE
MAX. V
TEMPERATURE
COEFFICIENT
ppm/K
TOLERANCE
%
RESISTANCE
RANGE
Ω
E-SERIES
INCH METRIC
D10/CRCW0402-P
0402
1005
0.063
50
± 100
± 0.5
10R - 1M0
24 + 96
± 50
± 0.25; ± 0.5; ± 1
100R - 1M0
± 25
± 0.5; ± 1
1K0 - 10K
D11/CRCW0603-P
0603
1608
0.1
75
± 100
± 0.5
10R - 10M
24 + 96
± 50
± 0.5; ± 1
100R - 10M
± 0.25
100R - 1M0
± 25
± 0.25; ± 0.5; ± 1
200R - 10K
D12/CRCW0805-P
0805
2012
0.125
150
± 100
± 0.5
10R - 10M
24 + 96
± 50
± 0.5; ± 1
100R - 10M
± 0.25
100R - 1M0
± 25
± 0.25; ± 0.5; ± 1
150R - 10K
D25/CRCW1206-P
1206
3216
0.25
200
± 100
± 0.5
10R - 10M
24 + 96
± 50
± 0.5; ± 1
100R - 10M
± 0.25
100R - 1M0
± 25
± 0.25; ± 0.5; ± 1
150R - 10K
CRCW1210-P
1210
3225
0.33
200
± 100
± 0.5
100R - 1M0
24 + 96
± 50
± 0.5; ± 1
CRCW1218-P
1218
3246
1.0
200
± 100
± 0.5
100R - 2M2
24 + 96
± 50
± 0.5; ± 1
CRCW2010-P
2010
5025
0.5
400
± 100
± 0.5
10R - 10M
24 + 96
± 50
± 0.5; ± 1
100R - 10M
CRCW2512-P
2512
6332
1.0
500
± 100
± 0.5
10R - 10M
24 + 96
± 50
± 0.5; ± 1
100R - 10M


Similar Part No. - CRCW1218KFHTAP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW1218KFHTAP VISHAY-CRCW1218KFHTAP Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW1218KFHTAP VISHAY-CRCW1218KFHTAP Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW1218KFHTAP VISHAY-CRCW1218KFHTAP Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW1218KFHTAP VISHAY-CRCW1218KFHTAP Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
More results

Similar Description - CRCW1218KFHTAP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW0402-P VISHAY-CRCW0402-P Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW08054M99FKEA VISHAY-CRCW08054M99FKEA Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW0402143RFKED VISHAY-CRCW0402143RFKED Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW0603270KFKEA VISHAY-CRCW0603270KFKEA Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW1206316RFKEA VISHAY-CRCW1206316RFKEA Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW06031K18FKEA VISHAY-CRCW06031K18FKEA Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW12061M58FKEA VISHAY-CRCW12061M58FKEA Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW1206681KFKEA VISHAY-CRCW1206681KFKEA Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW06038K87FKEA VISHAY-CRCW06038K87FKEA Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW0402137KFKED VISHAY-CRCW0402137KFKED Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW020117K4FNED VISHAY-CRCW020117K4FNED Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com