Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL494 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # TL494
Description  SMPS Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TL494 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  TL494 Datasheet HTML 1Page - Fairchild Semiconductor TL494 Datasheet HTML 2Page - Fairchild Semiconductor TL494 Datasheet HTML 3Page - Fairchild Semiconductor TL494 Datasheet HTML 4Page - Fairchild Semiconductor TL494 Datasheet HTML 5Page - Fairchild Semiconductor TL494 Datasheet HTML 6Page - Fairchild Semiconductor TL494 Datasheet HTML 7Page - Fairchild Semiconductor TL494 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TL494
3
Electrical Characteristics
(VCC = 20V, f = 10KHz, TA = 0°C to + 70°C, unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
REFERENCE SECTION
Reference Output Voltage
VREF
IREF = 1mA
4.75
5.0
5.25
V
Line Regulation
∆VREF
VCC = 7V to 40V
-
2.0
25
mV
Temperature Coefficient of VREF
∆VREF/∆TTA = 0°C to 70°C
-
0.01
0.03
%/
°C
Load Regulation
∆VREF
IREF = 1mA to 10mA
-
1.0
15
mV
Short-Circuit Output Currnet
ISC
VREF = 0V
10
35
50
mA
OSCILLATOR SECTION
Oscillation Frequency
f
CT = 0.01
µF, RT = 12KΩ
-10
-
KHz
Frequency Change with Temperature
∆f/∆TCT = 0.01µF, RT = 12KΩ
--
2
%
DEAD TIME CONTROL SECTION
Input Bias Current
IBIAS
VCC = 15V, 0V
≤V4≤5.25V
-
-2.0
-10
µA
Maximum Duty Cycle
D(MAX)
VCC = 15V, V4 = 0V
O.C Pin = VREF
45
-
-
%
Input Threshold Voltage
VITH
Zero Duty Cycle
-
3.0
3.3
V
Max. Duty Cycle
0
-
-
ERROR AMP SECTION
Input Offset Voltage
VIO
V3 = 2.5V
-
2.0
10
mV
Input Offset Current
IIO
V3 = 2.5V
-
25
250
mA
Input Bias Current
IBIAS
V3 = 2.5V
-
0.2
1.0
µA
Common Mode Input Voltage
VCM
7V
≤ VCC ≤ 40V
-0.3
-
VCC
V
Open-Loop Voltage Gain
GVO
0.5V
≤ V3 ≤3 .5V
70
95
-
dB
Unit-Gain Bandwidth
BW
-
-
650
-
KHz
PWM COMPARATOR SECTION
Input Threshold Voltage
VITH
Zero Duty Cycle
-
4
4.5
V
Input Sink Currnet
ISINK
V3=0.7V
-0.3
-0.7
-
mV
OUTPUT SECTION
Output Saturation Voltage
Common Emitter
VCE(SAT)
VE = 0, IC = 200mA
-
1.1
1.3
V
Common Collector
VCC(SAT)
VC = 15V, IE = -200mA
-
1.5
2.5
Collector Off-State Currnet
IC(OFF)
VCC = 40V, VCE = 40V
-
2
100
µA
Emitter Off-State Current
IE(OFF)
VCC = VC = 40V, VE = 0
-
-
-100
TOTAL DEVICE
Supply Current
ICC
Pin 6 = VREF, VCC = 15V
-
6
10
mA
OUTPUT SWITCHING CHARACTERISTIC
Rise Time
tR
-
--
--
Common Emitter
-
-
-
100
200
ns
Common Collector
-
-
-
100
200
Fall Time
tF
-
--
--
Common Emitter
-
-
-
25
100
ns
Common Collector
-
-
-
40
100


Similar Part No. - TL494

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL494 MOTOROLA-TL494 Datasheet
197Kb / 12P
   SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
E-Tech Electronics LTD
TL494 ETL-TL494 Datasheet
291Kb / 8P
   VOLTAGE MODE PWM CONTROL CIRCUIT
logo
ON Semiconductor
TL494 ONSEMI-TL494 Datasheet
143Kb / 12P
   SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
April, 2004 ??Rev. 5
logo
ARTSCHIP ELECTRONICS CO...
TL494 ARTSCHIP-TL494 Datasheet
671Kb / 7P
   SMPS Controller
logo
Texas Instruments
TL494 TI-TL494 Datasheet
210Kb / 8P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Similar Description - TL494

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7511 FAIRCHILD-KA7511 Datasheet
56Kb / 8P
   SMPS Controller
KA3843AC FAIRCHILD-KA3843AC Datasheet
47Kb / 6P
   SMPS Controller
KA3842B FAIRCHILD-KA3842B_02 Datasheet
125Kb / 10P
   SMPS Controller
UC3842A FAIRCHILD-UC3842A Datasheet
42Kb / 8P
   SMPS Controller
logo
ARTSCHIP ELECTRONICS CO...
MC34063A ARTSCHIP-MC34063A Datasheet
334Kb / 10P
   SMPS Controller
logo
Fairchild Semiconductor
UC3842 FAIRCHILD-UC3842 Datasheet
127Kb / 12P
   SMPS Controller
UC3846 FAIRCHILD-UC3846 Datasheet
67Kb / 10P
   SMPS Controller
KA3525A FAIRCHILD-KA3525A Datasheet
78Kb / 5P
   SMPS CONTROLLER
KA7515 FAIRCHILD-KA7515 Datasheet
36Kb / 6P
   SMPS Controller
logo
ON Semiconductor
KA3525A ONSEMI-KA3525A Datasheet
207Kb / 8P
   SMPS Controller
Rev. 1.0.1
KA3843B ONSEMI-KA3843B Datasheet
243Kb / 12P
   SMPS Controller
Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com