Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERJT08J222V Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ERJT08J222V
Description  Anti-Surge Thick Film Chip Re sis tors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJT08J222V Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ERJT08J222V Datasheet HTML 1Page - Panasonic Semiconductor ERJT08J222V Datasheet HTML 2Page - Panasonic Semiconductor ERJT08J222V Datasheet HTML 3Page - Panasonic Semiconductor ERJT08J222V Datasheet HTML 4Page - Panasonic Semiconductor ERJT08J222V Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Anti-Pulse Thick Film Chip Resistors
– 23 –
–40 –20
0
20
40
60
80 100 120 140 160
0
180
–60
70 °C
–55 °C
20
40
60
80
100
Ambient Temperature (°C)
155 °C
Pulse duration
t (msec)
Pulse duration
t (msec)
Pulse duration
t (msec)
1
10
100
1
10
100
1000
1
10
100
1
10
100
1000
1
10
100
1000
1
10
100
1000
Period time : 10 s
Pulse duration :
t
0
Pp
Limiting
Power
Ratings
(1) Rated Continuous Working Voltage (RCWV) shall be determined from RCWV=√Power Rating
× Resistance Values, or Limiting Element Voltage
listed above, whichever less.
(2) Overload (Short-time Overload) Test Voltage (SOTV) shall be determined from SOTV=2.5
× Power Rating or max. Overload Voltage listed above
whichever less.
Type
(inch size)
Power Rating
at 70 °C
(W)
Limiting
Element
Voltage
(1)
(V)
Maximum
Overload
Voltage
(2)
(V)
Resistance
Tolerance
(%)
Resistance
Range
(
Ω)
T.C.R.
(
×10–6/°C)
Category
Temperature
Range
(°C)
ERJT06
(0805)
0.25
150
200
±5
1 to 1 M
(E24)
Less than 10
Ω : –100 to +600
Less than 33
Ω : ±300
More than 33
Ω : ±200
–55 to +155
ERJT08
(1206)
0.33
200
400
±5
1 to 1 M
(E24)
Less than 10
Ω : –100 to +600
More than 10
Ω : ±200
–55 to +155
ERJT14
(1210)
0.5
200
400
±5
1 to 1 M
(E24)
Less than 10
Ω : –100 to +600
More than 10
Ω : ±200
–55 to +155
Power Derating Curve
For resistors operated in ambient temperatures above
70 °C, power rating shall be derated in accordance
with the figure on the right.
Limiting Power Curve
● In rush pulse Characteristic
● ERJT06 (2012 (0805) size)
● ERJT08 (3216 (1206) size)
● ERJT14 (3225 (1210) size)
Test cycle : 1000 cycles
Spec
: Resistance value = within ±5%
Aug. 2012
02


Similar Part No. - ERJT08J222V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJT08 PANASONIC-ERJT08 Datasheet
137Kb / 5P
   Anti-Surge Thick Film Chip Re sis tors 0603, 0805, 1206, 1210, 0805
ERJT081206 PANASONIC-ERJT081206 Datasheet
135Kb / 5P
   Anti-Surge Thick Film Chip Resistors
ERJT081206 PANASONIC-ERJT081206 Datasheet
122Kb / 5P
   Anti-Surge Thick Film Chip Resistors
More results

Similar Description - ERJT08J222V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-P08J152V PANASONIC-ERJ-P08J152V Datasheet
135Kb / 5P
   Anti-Surge Thick Film Chip Re sis tors
ERJP03J2R2V PANASONIC-ERJP03J2R2V Datasheet
137Kb / 5P
   Anti-Surge Thick Film Chip Re sis tors 0603, 0805, 1206, 1210, 0805
ERJP03 PANASONIC-ERJP03 Datasheet
137Kb / 5P
   Anti-Surge Thick Film Chip Re sis tors 0603, 0805, 1206, 1210, 0805
ERD-S1TJ472V PANASONIC-ERD-S1TJ472V Datasheet
171Kb / 7P
   Carbon Film Re sis tors
ERG-1SJ470 PANASONIC-ERG-1SJ470 Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-2SJ223E PANASONIC-ERG-2SJ223E Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-2SJ243A PANASONIC-ERG-2SJ243A Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-2SJ103V PANASONIC-ERG-2SJ103V Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-2SJ103 PANASONIC-ERG-2SJ103 Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERX-2SJ4R7V PANASONIC-ERX-2SJ4R7V Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com