Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7528SQ Datasheet(PDF) 8 Page - Analog Devices

Part # AD7528SQ
Description  CMOS Dual 8-Bit Buffered Multiplying DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7528SQ Datasheet(HTML) 8 Page - Analog Devices

  AD7528SQ Datasheet HTML 1Page - Analog Devices AD7528SQ Datasheet HTML 2Page - Analog Devices AD7528SQ Datasheet HTML 3Page - Analog Devices AD7528SQ Datasheet HTML 4Page - Analog Devices AD7528SQ Datasheet HTML 5Page - Analog Devices AD7528SQ Datasheet HTML 6Page - Analog Devices AD7528SQ Datasheet HTML 7Page - Analog Devices AD7528SQ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AD7528
REV. B
–8–
DIGITALLY CONTROLLED DUAL TELEPHONE
ATTENUATOR
In this configuration the AD7528 functions as a 2-channel digi-
tally controlled attenuator. Ideal for stereo audio and telephone
signal level control applications. Table IV gives input codes vs.
attenuation for a 0 dB to 15.5 dB range.
Input Code = 256
10 exp


Attenuation dB
,
20
VIN B
VOUT A
VIN A
DATA BUS
DAC A/DAC B
CS
WR
AD7528
DB0
DB7
DAC A
DAC B
VDD
VOUT B
A1
A2
SUGGESTED
OP AMP: AD644
Figure 15. Digitally Controlled Dual Telephone Attenuator
Table IV. Attenuation vs. DAC A, DAC B Code for the Circuit
of Figure 15
Attn. DAC Input
Code In
Attn. DAC Input
Code In
dB
Code
Decimal
dB
Code
Decimal
0.0
1 1 1 1 1 1 1 1
255
88.0
0 1 1 0 0 1 1 0
102
0.5
1 1 1 1 0 0 1 0
242
88.5
0 1 1 0 0 0 0 0
96
1.0
1 1 1 0 0 1 0 0
228
89.0
0 1 0 1 1 0 1 1
91
1.5
1 1 0 1 0 1 1 1
215
89.5
0 1 0 1 0 1 1 0
86
2.0
1 1 0 0 1 0 1 1
203
10.0
0 1 0 1 0 0 0 1
81
2.5
1 1 0 0 0 0 0 0
192
10.5
0 1 0 0 1 1 0 0
76
3.0
1 0 1 1 0 1 0 1
181
11.0
0 1 0 0 1 0 0 0
72
3.5
1 0 1 0 1 0 1 1
171
11.5
0 1 0 0 0 1 0 0
68
4.0
1 0 1 0 0 0 1 0
162
12.0
0 1 0 0 0 0 0 0
64
4.5
1 0 0 1 1 0 0 0
152
12.5
0 0 1 1 1 1 0 1
61
5.0
1 0 0 1 0 0 0 0
144
13.0
0 0 1 1 1 0 0 1
57
5.5
1 0 0 0 1 0 0 0
136
13.5
0 0 1 1 0 1 1 0
54
6.0
1 0 0 0 0 0 0 0
128
14.0
0 0 1 1 0 0 1 1
51
6.5
0 1 1 1 1 0 0 1
121
14.5
0 0 1 1 0 0 0 0
48
7.0
0 1 1 1 0 0 1 0
114
15.0
0 0 1 0 1 1 1 0
46
7.5
0 1 1 0 1 1 0 0
108
15.5
0 0 1 0 1 0 1 1
43
For further applications information the reader is referred to
Analog Devices Application Note on the AD7528.
20-Lead Cerdip (Q-20)
0.97 (24.64)
0.935 (23.75)
SEATING
PLANE
0.02 (0.5)
0.016 (0.41)
0.07 (1.78)
0.05 (1.27)
0.15 (3.8)
0.125 (3.18)
0.20 (5.0)
0.14 (3.56)
0.11 (2.79)
0.09 (2.28)
20
110
11
0.28 (7.11)
0.24 (6.1)
PIN 1
0.14 (3.56)
0.125 (3.17)
15
0
0.32 (8.128)
0.29 (7.366)
0.011 (0.28)
0.009 (0.23)
LEAD NO. 1 IDENTIFIED BY DOT OR NOTCH
LEADS ARE SOLDER OR TIN-PLATED KOVAR OR ALLOY 42
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
20-Lead Plastic DIP (N-20)
SEATING
PLANE
0.021 (0.533)
0.015 (0.381)
0.065 (1.66)
0.045 (1.15)
0.11 (2.79)
0.09 (2.28)
0.145 (3.683)
MIN
0.125 (3.175)
MIN
20
110
11
PIN 1
1.07 (27.18) MAX
0.255 (6.477)
0.245 (6.223)
0.32 (8.128)
0.30 (7.62)
0.011 (0.28)
0.009 (0.23)
0.135 (3.429)
0.125 (3.17)
15
0
LEAD NO. 1 IDENTIFIED BY DOT OR NOTCH
LEADS ARE SOLDER OR TIN-PLATED KOVAR OR ALLOY 42
20-Lead SOIC (R-20)
SEATING
PLANE
0.0118 (0.30)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.1043 (2.65)
0.0926 (2.35)
0.0500
(1.27)
BSC
0.0125 (0.32)
0.0091 (0.23)
0.0500 (1.27)
0.0157 (0.40)
8
0
0.0291 (0.74)
0.0098 (0.25)
45
11
20
10
1
0.5118 (13.00)
0.4961 (12.60)
0.4193 (10.65)
0.3937 (10.00)
0.2992 (7.60)
0.2914 (7.40)
PIN 1
20-Lead Plastic Leaded Chip Carrier (P-20A)
0.021 (0.53)
0.013 (0.33)
0.032 (0.81)
0.026 (0.66)
0.180 (4.47)
0.165 (4.19)
0.12 (3.05)
0.09 (2.29)
0.020 (0.51) MIN
0.025 (0.64)
MIN
0.060 (1.53)
MIN
3
PIN 1
IDENTIFIER
4
19
18
8
9
14
13
TOP VIEW
(PINS DOWN)
0.356 (9.04)
0.350 (8.89)
SQ
0.048 (1.21)
0.042 (1.07)
0.02
(0.51)
MAX
0.050
(1.27)
BSC
0.02 (0.51)
MAX
0.395 (10.02)
0.385 (9.78)
SQ


Similar Part No. - AD7528SQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7528SQ AD-AD7528SQ Datasheet
188Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528SQ AD-AD7528SQ Datasheet
191Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528SQ AD-AD7528SQ Datasheet
191Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528SQ AD-AD7528SQ Datasheet
174Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528SQ AD-AD7528SQ Datasheet
174Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
More results

Similar Description - AD7528SQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7528 AD-AD7528 Datasheet
188Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528JP-REEL AD-AD7528JP-REEL Datasheet
191Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528 AD-AD7528_15 Datasheet
191Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7628 AD-AD7628_15 Datasheet
196Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. A
AD7628 AD-AD7628 Datasheet
193Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. A
AD7528JRZ AD-AD7528JRZ Datasheet
191Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528JNZ AD-AD7528JNZ Datasheet
191Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7628KNZ AD-AD7628KNZ Datasheet
196Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. A
5962-8770102RA AD-5962-8770102RA Datasheet
174Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528LRZ AD-AD7528LRZ Datasheet
174Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com