Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD574AKX Datasheet(PDF) 8 Page - Analog Devices

Part # AD574AKX
Description  Complete 12-Bit A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD574AKX Datasheet(HTML) 8 Page - Analog Devices

Back Button AD574AKX Datasheet HTML 4Page - Analog Devices AD574AKX Datasheet HTML 5Page - Analog Devices AD574AKX Datasheet HTML 6Page - Analog Devices AD574AKX Datasheet HTML 7Page - Analog Devices AD574AKX Datasheet HTML 8Page - Analog Devices AD574AKX Datasheet HTML 9Page - Analog Devices AD574AKX Datasheet HTML 10Page - Analog Devices AD574AKX Datasheet HTML 11Page - Analog Devices AD574AKX Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD574A
REV. B
–8–
The full-scale trim is done by applying a signal 1 1/2 LSB below
the nominal full scale (9.9963 for a 10 V range). Trim R2 to
give the last transition (1111 1111 1110 to 1111 1111 1111).
BIPOLAR OPERATION
The connections for bipolar ranges are shown in Figure 5.
Again, as for the unipolar ranges, if the offset and gain specifica-
tions are sufficient, one or both of the trimmers shown can be
replaced by a 50
Ω ± 1% fixed resistor. Bipolar calibration is
similar to unipolar calibration. First, a signal 1/2 LSB above
negative full scale (–4.9988 V for the
±5 V range) is applied and
R1 is trimmed to give the first transition (0000 0000 0000 to
0000 0000 0001). Then a signal 1 1/2 LSB below positive full
scale (+4.9963 V the
±5 V range) is applied and R2 trimmed to
give the last transition (1111 11111110 to 1111 1111 1111).
9
14
13
12
8
10
6
5
4
3
2
28
15
11
7
1
27
24
19
16
23
20
AD574A
STS
HIGH
BIT
MIDDLE
BITS
LOW
BITS
+5V
+15V
–15V
DIG COM
12/8
CS
AO
R/C
CE
REF IN
REF OUT
BIP OFF
10VIN
20VIN
ANA COM
GAIN
R2
100
ANALOG
INPUTS
5V
R1
100
10V
OFFSET
Figure 5. Bipolar Input Connections
CONTROL LOGIC
The AD574A contains on-chip logic to provide conversion ini-
tiation and data read operations from signals commonly avail-
able in microprocessor systems. Figure 6 shows the internal
logic circuitry of the AD574A.
The control signals CE, CS, and R/C control the operation of
the converter. The state of R/C when CE and CS are both
asserted determines whether a data read (R/C = 1) or a convert
(R/C = 0) is in progress. The register control inputs AO and
12/8 control conversion length and data format. The AO line is
usually tied to the least significant bit of the address bus. If a
conversion is started with AO low, a full 12-bit conversion cycle
is initiated. If AO is high during a convert start, a shorter 8-bit
conversion cycle results. During data read operations, AO deter-
mines whether the three-state buffers containing the 8 MSBs of
the conversion result (AO = 0) or the 4 LSBs (AO = 1) are
enabled. The 12/8 pin determines whether the output data is
to be organized as two 8-bit words (12/8 tied to DIGITAL
COMMON) or a single 12-bit word (12/8 tied to VLOGIC). The
12/8 pin is not TTL-compatible and must be hard-wired to
either VLOGIC or DIGITAL COMMON. In the 8-bit mode, the
byte addressed when AO is high contains the 4 LSBs from the
conversion followed by four trailing zeroes. This organization
allows the data lines to be overlapped for direct interface to
8-bit buses without the need for external three-state buffers.
It is not recommended that AO change state during a data read
operation. Asymmetrical enable and disable times of the
three-state buffers could cause internal bus contention resulting
in potential damage to the AD574A.
READ
CONVERT
LOW IF CONVERSION
IN PROGRESS
VALUE OF A0
AT LAST CONVERT
COMMAND
EOC8
EOC12
FROM
NOTE 1
NIBBLE A, B,
ENABLE
NIBBLE C
ENABLE
NIBBLE B = O
ENABLE
TO OUTPUT
BUFFERS
START CONVERT
STATUS
R/C
CE
CS
A0
12/8
(NOTE 2)
NOTE 1: WHEN START CONVERT GOES LOW, THE EOC (END OF CONVERSION) SIGNALS GO LOW.
EOC8 RETURNS HIGH AFTER AN 8-BIT CONVERSION CYCLE IS COMPLETE, AND EOC12
RETURNS HIGH WHEN ALL 12-BITS HAVE BEEN CONVERTED. THE EOC SIGNALS PREVENT
DATA FROM BEING READ DURING CONVERSIONS.
NOTE 2: 12/8 IS NOT A TTL-COMPATABLE INPUT AND SHOULD ALWAYS BE WIRED DIRECTLY TO
VLOGIC OR DIGITAL COMMON.
Figure 6. AD574A Control Logic
An output signal, STS, indicates the status of the converter.
STS goes high at the beginning of a conversion and returns low
when the conversion cycle is complete.
Table I. AD574A Truth Table
CE CS
R/C 12/8
AO
Operation
0
X
X
X
X
None
X
1
X
X
X
None
1
0
0
X
0
Initiate 12-Bit Conversion
1
0
0
X
1
Initiate 8-Bit Conversion
1
0
1
Pin 1
X
Enable 12-Bit Parallel Output
1
0
1
Pin 15 0
Enable 8 Most Significant Bits
1
0
1
Pin 15 1
Enable 4 LSBs + 4 Trailing Zeroes
TIMING
The AD574A is easily interfaced to a wide variety of micropro-
cessors and other digital systems. The following discussion of
the timing requirements of the AD574A control signals should
provide the system designer with useful insight into the opera-
tion of the device.
Table II. Convert Start Timing—Full Control Mode
Symbol
Parameter
Min
Typ
Max
Units
tDSC
STS Delay from CE
400
ns
tHEC
CE Pulse Width
300
ns
tSSC
CS
to CE Setup
300
ns
tHSC
CS
Low During CE High
200
ns
tSRC
R/C to CE Setup
250
ns
tHRC
R/C Low During CE High
200
ns
tSAC
AO to CE Setup
0
ns
tHAC
AO Valid During CE High
300
ns
tC
Conversion Time
8-Bit Cycle
10
24
µs
12-Bit Cycle
15
35
µs


Similar Part No. - AD574AKX

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD574AK AD-AD574AK Datasheet
781Kb / 12P
   Complete 12-Bit A/D Converter
REV. B
AD574AK AD-AD574AK Datasheet
781Kb / 12P
   Complete 12-Bit A/D Converter
REV. B
AD574AK AD-AD574AK Datasheet
781Kb / 12P
   Complete 12-Bit Converter
REV. B
AD574AK AD-AD574AK Datasheet
781Kb / 12P
   Complete 12-Bit A/D Converter
REV. B
AD574AK AD-AD574AK Datasheet
781Kb / 12P
   Complete 12-Bit A/D Converter
REV. B
More results

Similar Description - AD574AKX

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD574AKD AD-AD574AKD Datasheet
781Kb / 12P
   Complete 12-Bit A/D Converter
REV. B
AD574AJDZ AD-AD574AJDZ Datasheet
781Kb / 12P
   Complete 12-Bit A/D Converter
REV. B
AD574A AD-AD574A Datasheet
781Kb / 12P
   Complete 12-Bit A/D Converter
REV. B
AD574AJPZ AD-AD574AJPZ Datasheet
781Kb / 12P
   Complete 12-Bit A/D Converter
REV. B
AD5452YUJZ-REEL7 AD-AD5452YUJZ-REEL7 Datasheet
781Kb / 12P
   Complete 12-Bit A/D Converter
REV. B
AD574A AD-AD574A_15 Datasheet
781Kb / 12P
   COMPLETE 12 BIT A/D CONVERTER
REV. B
AD574AJP AD-AD574AJP Datasheet
781Kb / 12P
   Complete 12-Bit A/D Converter
REV. B
AD574ATD-883B AD-AD574ATD-883B Datasheet
781Kb / 12P
   Complete 12-Bit A/D Converter
REV. B
AD370 AD-AD370_15 Datasheet
1Mb / 5P
   COMPLETE LOW POWER 12 BIT D/A CONVERTER
AD871 AD-AD871_15 Datasheet
382Kb / 16P
   Complete 12-Bit 5 MSPS Monolithic A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com