Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP77FZ Datasheet(PDF) 6 Page - Analog Devices

Part # OP77FZ
Description  Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP77FZ Datasheet(HTML) 6 Page - Analog Devices

Back Button OP77FZ Datasheet HTML 2Page - Analog Devices OP77FZ Datasheet HTML 3Page - Analog Devices OP77FZ Datasheet HTML 4Page - Analog Devices OP77FZ Datasheet HTML 5Page - Analog Devices OP77FZ Datasheet HTML 6Page - Analog Devices OP77FZ Datasheet HTML 7Page - Analog Devices OP77FZ Datasheet HTML 8Page - Analog Devices OP77FZ Datasheet HTML 9Page - Analog Devices OP77FZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
OP77
Rev. E | Page 6 of 16
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter1
Rating
Supply Voltage
±22 V
Differential Input Voltage
±30 V
Input Voltage2
±22 V
Output Short-Circuit Duration
Indefinite
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−25°C to +85°C
Junction Temperature (TJ)
−65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
Table 6.
Package Type
θJA1
θJC
Unit
8-Pin TO-99 H-08 (J Suffix)
150
18
°C/W
8-Lead Hermetic CERDIP Q-8 (Z Suffix)
148
16
°C/W
1Absolute Maximum Ratings apply to both dice and packaged parts, unless
otherwise noted.
2For supply voltages less than ±22 V, the absolute maximum input voltage is
equal to the supply voltage.
1θJA is specified for worst-case mounting conditions, i.e., θJA is specified for a
device in socket for the TO-99 and CERDIP packages.
ESD CAUTION


Similar Part No. - OP77FZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP77FZ AD-OP77FZ Datasheet
458Kb / 12P
   NEXT GENERATION OP07, ULTRALOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
OP77FZ AD-OP77FZ Datasheet
317Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
REV. C
OP77FZ AD-OP77FZ Datasheet
245Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
OP77FZ AD-OP77FZ Datasheet
245Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
More results

Similar Description - OP77FZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP77AZ AD-OP77AZ Datasheet
245Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
OP77 AD-OP77 Datasheet
458Kb / 12P
   NEXT GENERATION OP07, ULTRALOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
OP77 AD-OP77_15 Datasheet
245Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
5962-8773802PA AD-5962-8773802PA Datasheet
245Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
OP77 AD-OP77_02 Datasheet
317Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
REV. C
OP07 AD-OP07_15 Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
OP07AJ AD-OP07AJ Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
Rev. G
OP07AJ AD-OP07AJ Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
Rev. G
OP07DZ AD-OP07DZ Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
Rev. G
OP07Z AD-OP07Z Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com