Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TIP41C Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. TIP41C
Description  Medium Power Linear Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

   
 1 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse Test: PW
≤300µs, Duty Cycle≤2%
Symbol
Parameter
Value
Units
VCBO
Collector-Emitter Voltage: TIP41
: TIP41A
: TIP41B
: TIP41C
40
60
80
100
V
V
V
V
VCEO
Collector-Emitter Voltage: TIP41
: TIP41A
: TIP41B
: TIP41C
40
60
80
100
V
V
V
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current (DC)
6
A
ICP
Collector Current (Pulse)
10
A
IB
Base Current
2
A
PC
Collector Dissipation (TC=25°C)
65
W
PC
Collector Dissipation (Ta=25°C)
2
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 65 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Max.
Units
VCEO(sus)
* Collector-Emitter Sustaining Voltage
: TIP41
: TIP41A
: TIP41B
: TIP41C
IC = 30mA, IB = 0
40
60
80
100
V
V
V
V
ICEO
Collector Cut-off Current
: TIP41/41A
: TIP41B/41C
VCE = 30V, IB = 0
VCE = 60V, IB = 0
0.7
0.7
mA
mA
ICES
Collector Cut-off Current
: TIP41
: TIP41A
: TIP41B
: TIP41C
VCE = 40V, VEB = 0
VCE = 60V, VEB = 0
VCE = 80V, VEB = 0
VCE = 100V, VEB = 0
400
400
400
400
µA
µA
µA
µA
IEBO
Emitter Cut-off Current
VEB = 5V, IC = 0
1
mA
hFE
* DC Current Gain
VCE = 4V,IC = 0.3A
VCE = 4V, IC = 3A
30
15
75
VCE(sat)
* Collector-Emitter Saturation Voltage
IC = 6A, IB = 600mA
1.5
V
VBE(sat)
* Base-Emitter Saturation Voltage
VCE = 4V, IC = 6A
2.0
V
fT
Current Gain Bandwidth Product
VCE = 10V, IC = 500mA
3.0
MHz
TIP41 Series(TIP41/41A/41B/41C)
Medium Power Linear Switching Applications
• Complement to TIP42/42A/42B/42C
1.Base
2.Collector
3.Emitter
1
TO-220




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BD434Medium Power Linear and Switching Applications 1 2 3 4 5 Fairchild Semiconductor
BD439Medium Power Linear and Switching Applications 1 2 3 4 Fairchild Semiconductor
BD135Medium Power Linear and Switching Applications 1 2 3 4 Fairchild Semiconductor
BD440Medium Power Linear and Switching Applications 1 2 3 4 Fairchild Semiconductor
TIP120Medium Power Linear Switching Applications 1 2 3 4 Fairchild Semiconductor
BD136Medium Power Linear and Switching Applications 1 2 3 4 Fairchild Semiconductor
BD533Medium Power Linear and Switching Applications 1 2 3 4 Fairchild Semiconductor
TIP125Medium Power Linear Switching Applications 1 2 3 4 Fairchild Semiconductor
BD175Medium Power Linear and Switching Applications 1 2 3 4 Fairchild Semiconductor
BD534Medium Power Linear and Switching Applications 1 2 3 4 Fairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl