Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERJP03F222U Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ERJP03F222U
Description  Anti-Surge Thick Film Chip Re sis tors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJP03F222U Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ERJP03F222U Datasheet HTML 1Page - Panasonic Semiconductor ERJP03F222U Datasheet HTML 2Page - Panasonic Semiconductor ERJP03F222U Datasheet HTML 3Page - Panasonic Semiconductor ERJP03F222U Datasheet HTML 4Page - Panasonic Semiconductor ERJP03F222U Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Anti-Pulse Thick Film Chip Resistors
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
– 22 –
1
2
3
4
5
6
7
8
9
10
11
Thick Film
Chip Resistors
Product Code
Size, Power Rating
Type: inch
T06 : 0805
T08 : 1206
T14 : 1210
Power R.
0.25 W
0.33 W
0.5 W
Resistance Tolerance
Code
J
Tolerance
± 5 %
The first two digits are significant figures of resistance
and the third one denotes number of zeros following.
Example: 222
2.2 k
Resistance Value
Packaging Methods
Code
V
U
Type
ERJT06
ERJT08
ERJT14
Packaging
Punched Carrier Taping
4 mm pitch, 5,000 pcs.
Embossed Carrier Taping
4 mm pitch, 5,000 pcs.
a
b
t
W
L
Anti-Pulse Thick Film Chip Resistors
0805, 1206, 1210
Type:
ERJ T06, T08, T14
Features
● Anti-Pulse characteristics
High pulse characteristics achieved by the optimized trimming specifications
● High reliability
Metal glaze thick film resistive element and three layers of electrodes
● Suitable for both reflow and flow soldering
● High power…0.25 W : 2012(0805) size
0.33 W : 3216(1206) size
0.5 W : 3225(1210) size
● Reference Standards…IEC 60115-8, JIS C 5201-8, EIAJ RC-2134B
● RoHS compliant
Explanation of Part Numbers
Type
(inch size)
Dimensions (mm)
Mass (Weight)
[g/1000 pcs.]
LWa
b
t
ERJT06
(0805)
2.00
±0.20
1.25
±0.10
0.25
±0.20
0.40
±0.20
0.60
±0.10
4
ERJT08
(1206)
3.20
+0.05
1.60
+0.05
0.40
±0.20
0.50
±0.20
0.60
±0.10
10
ERJT14
(1210)
3.20
±0.20
2.50
±0.20
0.35
±0.20
0.50
±0.20
0.60
±0.10
16
–0.15
Thick film
resistive element
Electrode (Inner)
Electrode (Outer)
Electrode
(Between)
Alumina substrate
Protective coating
Construction
Dimensions in mm (not to scale)
–0.20
■ Packaging Methods, Land Pattern, Soldering Conditions and Safety Precautions
Please see Data Files
Aug. 2012
02


Similar Part No. - ERJP03F222U

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJP03F222U PANASONIC-ERJP03F222U Datasheet
625Kb / 9P
   Anti-Surge Thick Film Chip Resistors
24-Feb-22
More results

Similar Description - ERJP03F222U

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-P08J152V PANASONIC-ERJ-P08J152V Datasheet
135Kb / 5P
   Anti-Surge Thick Film Chip Re sis tors
ERJP03J2R2V PANASONIC-ERJP03J2R2V Datasheet
137Kb / 5P
   Anti-Surge Thick Film Chip Re sis tors 0603, 0805, 1206, 1210, 0805
ERJP03 PANASONIC-ERJP03 Datasheet
137Kb / 5P
   Anti-Surge Thick Film Chip Re sis tors 0603, 0805, 1206, 1210, 0805
ERD-S1TJ472V PANASONIC-ERD-S1TJ472V Datasheet
171Kb / 7P
   Carbon Film Re sis tors
ERG-1SJ470 PANASONIC-ERG-1SJ470 Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-2SJ223E PANASONIC-ERG-2SJ223E Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-2SJ243A PANASONIC-ERG-2SJ243A Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-2SJ103V PANASONIC-ERG-2SJ103V Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERG-2SJ103 PANASONIC-ERG-2SJ103 Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
ERX-2SJ4R7V PANASONIC-ERX-2SJ4R7V Datasheet
172Kb / 7P
   Metal (Oxide) Film Re sis tors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com