Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1632CH2E105W020A Datasheet(PDF) 6 Page - TDK Electronics

Part # C1632CH2E105W020A
Description  Part Number Change Notification
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C1632CH2E105W020A Datasheet(HTML) 6 Page - TDK Electronics

  C1632CH2E105W020A Datasheet HTML 1Page - TDK Electronics C1632CH2E105W020A Datasheet HTML 2Page - TDK Electronics C1632CH2E105W020A Datasheet HTML 3Page - TDK Electronics C1632CH2E105W020A Datasheet HTML 4Page - TDK Electronics C1632CH2E105W020A Datasheet HTML 5Page - TDK Electronics C1632CH2E105W020A Datasheet HTML 6Page - TDK Electronics C1632CH2E105W020A Datasheet HTML 7Page - TDK Electronics C1632CH2E105W020A Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
3) New TDK Part Number Nomenclature – (CER -> YNA Series only)
CER Series will now be referred to as the YNA Series: (Example)
CERB2MX5R0G105M
YNA18B2M0G105M
1) Series Name
YNA: Controlled ESR Noise Absorber
2) Case Size Code
15: 0402(1005), 18: 0603(1608), 21: 0805(2012), 31: 1206(3216)
3) Product Type
A: Std 2 Terminals Type
B: 3 Terminals Type
C: Reverse Geometry Type
4) ESR Value
1
st Digit: ESR Multiplier: 1: 10, 2: 100, 3: 1000
2
nd Digit: ESR Significant Figure: A:1.0, B:1.5, C:2.0, D:2.5, E:3.0, F:3.5, G:4.0,
H:4.5, J:5.0, K:5.5, L:6.0, M:6.5, N:7.0, P:7.5, Q:8.0, R:8.5, S:9.0, T:9.5
5) Rated Voltage Code
0G: 4V, 0J: 6.3V, 1A: 10V, 1C: 16V
6) Nominal Capacitance (pF)
The capacitance is expressed in three digit codes and in units of pico Farads
(pF). The first and second digits identify the first and second significant
figures of the capacitance. The third digit identifies the multiplier. R
designates a decimal point.
Ex. 105 = 1,000,000pF = 1,000nF = 1μF
7) Capacitance Tolerance
K: ±10%, M: ±20%, S: +50%,-20%
YNA ● 18 ● B ● 2M ● 0G ● 105 ● M
(1)
(2) (3)
(4)
(5)
(6)
(7)


Similar Part No. - C1632CH2E105W020A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1632C10012GAC KEMET-C1632C10012GAC Datasheet
937Kb / 7P
   CERAMIC CAPACITOR ARRAY
C1632C10112GAC KEMET-C1632C10112GAC Datasheet
937Kb / 7P
   CERAMIC CAPACITOR ARRAY
C1632C10211RAC KEMET-C1632C10211RAC Datasheet
2Mb / 30P
   CERAMIC CHIP CAPACITORS
C1632C10212RAC KEMET-C1632C10212RAC Datasheet
937Kb / 7P
   CERAMIC CAPACITOR ARRAY
C1632C102RAC KEMET-C1632C102RAC Datasheet
938Kb / 7P
   Four individual capacitors inside one 1206 monolithic structure
More results

Similar Description - C1632CH2E105W020A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C4532X7R1E226M250KC TDK-C4532X7R1E226M250KC Datasheet
110Kb / 8P
   Part Number Change Notification
logo
AVX Corporation
SQCA2A620FA71A AVX-SQCA2A620FA71A Datasheet
1Mb / 633P
   Change Notification Product Part Series Name Change
September 16, 2020
logo
List of Unclassifed Man...
HZ0805D102R-10 ETC2-HZ0805D102R-10 Datasheet
310Kb / 3P
   Part Number Nomenclature
logo
AVX Corporation
06035A121FAT2A AVX-06035A121FAT2A Datasheet
40Kb / 2P
   Part Number Explanation
logo
TriQuint Semiconductor
854927 TRIQUINT-854927_15 Datasheet
570Kb / 5P
   Part Number 854927
logo
Qualtek Electronics Cor...
Q2-F-364-01-QB48IN-25 QUALTEK-Q2-F-364-01-QB48IN-25 Datasheet
823Kb / 1P
   PART NUMBER GUIDE
logo
Aavid, Thermal Division...
371924B00032G AAVID-371924B00032G Datasheet
39Kb / 2P
   Product Change Notification
374324B00032 AAVID-374324B00032 Datasheet
55Kb / 2P
   Product Change Notification
4804_REV_D-G AAVID-4804_REV_D-G Datasheet
55Kb / 2P
   Product Change Notification
4880SG AAVID-4880SG Datasheet
38Kb / 2P
   Product Change Notification
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com