Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTP12N06 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MTP12N06
Description  TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.180 OHM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTP12N06 Datasheet(HTML) 4 Page - Motorola, Inc

  MTP12N06 Datasheet HTML 1Page - Motorola, Inc MTP12N06 Datasheet HTML 2Page - Motorola, Inc MTP12N06 Datasheet HTML 3Page - Motorola, Inc MTP12N06 Datasheet HTML 4Page - Motorola, Inc MTP12N06 Datasheet HTML 5Page - Motorola, Inc MTP12N06 Datasheet HTML 6Page - Motorola, Inc MTP12N06 Datasheet HTML 7Page - Motorola, Inc MTP12N06 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MTP12N06EZL
4
Motorola TMOS Power MOSFET Transistor Device Data
POWER MOSFET SWITCHING
Switching behavior is most easily modeled and predicted
by recognizing that the power MOSFET is charge controlled.
The lengths of various switching intervals (
∆t) are deter-
mined by how fast the FET input capacitance can be charged
by current from the generator.
The published capacitance data is difficult to use for calculat-
ing rise and fall because drain–gate capacitance varies
greatly with applied voltage. Accordingly, gate charge data is
used. In most cases, a satisfactory estimate of average input
current (IG(AV)) can be made from a rudimentary analysis of
the drive circuit so that
t = Q/IG(AV)
During the rise and fall time interval when switching a resis-
tive load, VGS remains virtually constant at a level known as
the plateau voltage, VSGP. Therefore, rise and fall times may
be approximated by the following:
tr = Q2 x RG/(VGG – VGSP)
tf = Q2 x RG/VGSP
where
VGG = the gate drive voltage, which varies from zero to VGG
RG = the gate drive resistance
and Q2 and VGSP are read from the gate charge curve.
During the turn–on and turn–off delay times, gate current is
not constant. The simplest calculation uses appropriate val-
ues from the capacitance curves in a standard equation for
voltage change in an RC network. The equations are:
td(on) = RG Ciss In [VGG/(VGG – VGSP)]
td(off) = RG Ciss In (VGG/VGSP)
The capacitance (Ciss) is read from the capacitance curve at
a voltage corresponding to the off–state condition when cal-
culating td(on) and is read at a voltage corresponding to the
on–state when calculating td(off).
At high switching speeds, parasitic circuit elements com-
plicate the analysis. The inductance of the MOSFET source
lead, inside the package and in the circuit wiring which is
common to both the drain and gate current paths, produces a
voltage at the source which reduces the gate drive current.
The voltage is determined by Ldi/dt, but since di/dt is a func-
tion of drain current, the mathematical solution is complex.
The MOSFET output capacitance also complicates the
mathematics. And finally, MOSFETs have finite internal gate
resistance which effectively adds to the resistance of the
driving source, but the internal resistance is difficult to mea-
sure and, consequently, is not specified.
The resistive switching time variation versus gate resis-
tance (Figure 9) shows how typical switching performance is
affected by the parasitic circuit elements. If the parasitics
were not present, the slope of the curves would maintain a
value of unity regardless of the switching speed. The circuit
used to obtain the data is constructed to minimize common
inductance in the drain and gate circuit loops and is believed
readily achievable with board mounted components. Most
power electronic loads are inductive; the data in the figure is
taken with a resistive load, which approximates an optimally
snubbed inductive load. Power MOSFETs may be safely op-
erated into an inductive load; however, snubbing reduces
switching losses.
GATE–TO–SOURCE OR DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 7. Capacitance Variation
1200
1000
800
600
400
200
0
25
20
15
10
5
0
TJ = 25°C
VDS = 0 V
Coss
Ciss
Crss


Similar Part No. - MTP12N06

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MTP12N06 ISC-MTP12N06 Datasheet
279Kb / 2P
   isc N-Channel MOSFET Transistor
2023-9-27
More results

Similar Description - MTP12N06

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTP3055V MOTOROLA-MTP3055V Datasheet
160Kb / 8P
   TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.15 OHM
MTD2955E MOTOROLA-MTD2955E Datasheet
243Kb / 10P
   TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.3 OHM
MTD2955V MOTOROLA-MTD2955V Datasheet
148Kb / 10P
   TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.230 OHM
MTD3055VL MOTOROLA-MTD3055VL Datasheet
209Kb / 10P
   TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.18 OHM
MTP2955E MOTOROLA-MTP2955E Datasheet
207Kb / 8P
   TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.3 OHM
MTP2955V MOTOROLA-MTP2955V Datasheet
116Kb / 8P
   TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.230 OHM
MTP3055VL MOTOROLA-MTP3055VL Datasheet
161Kb / 8P
   TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.18 OHM
MTD3055V MOTOROLA-MTD3055V Datasheet
206Kb / 10P
   TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.15 OHM
MTP60N06HD MOTOROLA-MTP60N06HD Datasheet
217Kb / 8P
   TMOS POWER FET 60 AMPERES 60 VOLTS RDS(on) = 0.014 OHM
MTP50N06V MOTOROLA-MTP50N06V Datasheet
179Kb / 8P
   TMOS POWER FET 42 AMPERES 60 VOLTS RDS(on) = 0.028 OHM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com