Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX13035EEBE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX13035EEBE
Description  6-Channel High-Speed Logic-Level Translators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13035EEBE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX13035EEBE Datasheet HTML 1Page - Maxim Integrated Products MAX13035EEBE Datasheet HTML 2Page - Maxim Integrated Products MAX13035EEBE Datasheet HTML 3Page - Maxim Integrated Products MAX13035EEBE Datasheet HTML 4Page - Maxim Integrated Products MAX13035EEBE Datasheet HTML 5Page - Maxim Integrated Products MAX13035EEBE Datasheet HTML 6Page - Maxim Integrated Products MAX13035EEBE Datasheet HTML 7Page - Maxim Integrated Products MAX13035EEBE Datasheet HTML 8Page - Maxim Integrated Products MAX13035EEBE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
General Description
The MAX13030E–MAX13035E 6-channel, bidirectional
level translators provide the level shifting necessary for
100Mbps data transfer in multivoltage systems. The
MAX13030E–MAX13035E are ideally suited for memo-
ry-card level translation, as well as generic level trans-
lation in systems with six channels. Externally applied
voltages, VCC and VL, set the logic levels on either side
of the device. Logic signals present on the VL side of
the device appear as a higher voltage logic signal on
the VCC side of the device and vice versa. The
MAX13035E features a CLK_RET output that returns the
same clock signal applied to the CLK_VL input.
The MAX13030E–MAX13035E operate at full speed
with external drivers that source as little as 4mA output
current. Each I/O channel is pulled up to VCC or VL by
an internal 30µA current source, allowing the
MAX13030E–MAX13035E to be driven by either push-
pull or open-drain drivers.
The MAX13030E–MAX13034E feature an enable (EN)
input that places the device into a low-power shutdown
mode when driven low. The MAX13030E–MAX13035E
features an automatic shutdown mode that disables the
part when VCC is less than VL. The state of I/O VCC_
and I/O VL_ during shutdown is chosen by selecting the
appropriate part version (see
Ordering Information/
Selector Guide).
The MAX13030E–MAX13035E accept VCC voltages
from +2.2V to +3.6V and VL voltages from +1.62V to
+3.2V, making them ideal for data transfer between
low-voltage ASIC/PLDs and higher voltage systems.
The MAX13030E–MAX13035E are available in 16-bump
UCSP (2mm x 2mm) and 16-pin TQFN (4mm x 4mm)
packages, and operate over the extended -40°C to
+85°C temperature range.
Applications
SD Card Level Translation
MiniSD Card Level Translation
MMC Level Translation
Transflash Level Translation
Memory Stick Card Level Translation
Features
o Compatible with 4mA Input Drivers or Larger
o 100Mbps Guaranteed Data Rate
o Six Bidirectional Channels
o Clock Return Output (MAX13035E)
o Enable Input (MAX13030E–MAX13034E)
o ±15kV ESD Protection on I/O VCC Lines
o +1.62V ≤ VL ≤ +3.2V and +2.2V ≤ VCC ≤ +3.6V
Supply Voltage Range
o Lead-Free, 16-Bump UCSP (2mm x 2mm) and
16-pin TQFN (4mm x 4mm) Packages
6-Channel High-Speed Logic-Level Translators
________________________________________________________________
Maxim Integrated Products
1
19-0626; Rev 0; 1/07
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
Ordering Information/Selector Guide
GND
GND
GND
+1.8V
SYSTEM
CONTROLLER
+3.3V
SD CARD
VL
VCC
CLK_RET
CLK_VCC
CLOCK_IN
+3.3V
+1.8V
CLK_VL
0.1
μF
1
μF
0.1
μF
MAX13035E
DAT3
DAT2
DAT1
DAT0
CMD
CLOCK
I/O VL_
I/O VL_
I/O VL_
I/O VL_
I/O VL_
I/O VCC_
I/O VCC_
I/O VCC_
I/O VCC_
I/O VCC_
DAT3
DAT2
DAT1
DAT0
CMD
CLOCK
Typical Operating Circuits
PART
PIN-PACKAGE
I/O VL_ STATE DURING
SHUTDOWN
I/O VCC_ STATE DURING
SHUTDOWN
PKG CODE
MAX13030EEBE+
16 UCSP
High impedance
High impedance
B16-1
MAX13030EETE+
16 TQFN-EP**
High impedance
High impedance
T1644-4
Functional Diagram and Pin Configurations appear at end
of data sheet.
Typical Operating Circuits continued at end of data sheet.
Note: All devices are specified over the -40°C to +85°C operating
temperature range.
+
Denotes a lead-free package.
**
EP = Exposed paddle.
Ordering Information/Selector guide continued at end of
data sheet.


Similar Part No. - MAX13035EEBE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13035EEBE++ MAXIM-MAX13035EEBE+ Datasheet
1Mb / 19P
   6-Channel High-Speed Logic-Level Translators
2021
More results

Similar Description - MAX13035EEBE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13030E MAXIM-MAX13030E Datasheet
329Kb / 18P
   6-Channel High-Speed Logic-Level Translators
Rev 0; 1/07
MAX13030E MAXIM-MAX13030E_V01 Datasheet
1Mb / 19P
   6-Channel High-Speed Logic-Level Translators
2021
logo
Intersil Corporation
ISL3034E INTERSIL-ISL3034E Datasheet
506Kb / 16P
   4-Channel And 6-Channel High Speed, Auto-direction Sensing Logic Level Translators
logo
NXP Semiconductors
PTN3310 PHILIPS-PTN3310_04 Datasheet
86Kb / 9P
   High-speed serial logic translators
2004 Feb 24
PTN3310 PHILIPS-PTN3310 Datasheet
62Kb / 7P
   High-speed serial logic translators
2001 Jun 19
logo
Maxim Integrated Produc...
MAX13101E MAXIM-MAX13101E Datasheet
167Kb / 18P
   16-Channel Buffered CMOS Logic-Level Translators
Rev 3; 6/08
logo
Renesas Technology Corp
ISL3034E RENESAS-ISL3034E Datasheet
893Kb / 16P
   6-Channel High Speed, Auto-Direction Sensing Logic Level Translator
Nov 7, 2019
logo
Analog Devices
ADG3308 AD-ADG3308_15 Datasheet
501Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
ADG3308-1 AD-ADG3308-1_15 Datasheet
501Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
ADG3308BRUZ AD-ADG3308BRUZ Datasheet
622Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com