Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX13053ESA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX13053ESA
Description  Industry-Standard High-Speed CAN Transceivers with 80,-80V Fault Protection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13053ESA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX13053ESA Datasheet HTML 4Page - Maxim Integrated Products MAX13053ESA Datasheet HTML 5Page - Maxim Integrated Products MAX13053ESA Datasheet HTML 6Page - Maxim Integrated Products MAX13053ESA Datasheet HTML 7Page - Maxim Integrated Products MAX13053ESA Datasheet HTML 8Page - Maxim Integrated Products MAX13053ESA Datasheet HTML 9Page - Maxim Integrated Products MAX13053ESA Datasheet HTML 10Page - Maxim Integrated Products MAX13053ESA Datasheet HTML 11Page - Maxim Integrated Products MAX13053ESA Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
MAX13050/MAX13052/MAX13053/MAX13054
Industry-Standard High-Speed CAN
Transceivers with ±80V Fault Protection
8
Maxim Integrated
DIFFERENTIAL VOLTAGE
vs. DIFFERENTIAL LOAD
DIFFERENTIAL LOAD RL (
Ω)
260
220
180
140
100
60
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
20
300
TA = +125°C
TA = -40°C
TA = +25°C
RECEIVER PROPAGATION DELAY
MAX13051 toc14
200ns
VDIFF
(1V/div)
RXD
(2V/div)
200ns/div
MAX13054 WAVEFORM
VDIFF
2V/div
TXD
2V/div
RXD
2V/div
MAX13050 toc15
DRIVER PROPAGATION DELAY,
(RRS = 24k
Ω, 75kΩ AND 100kΩ)
MAX13051 toc16
1.00
µs
TXD
(5V/div)
VDIFF
(2V/div)
RRS = 24k
VDIFF
(2V/div)
RRS = 75k
VDIFF
(2V/div)
RRS = 100k
MAX13052
DRIVER PROPAGATION DELAY
MAX13051 toc17
200ns/div
TXD
(2V/div)
VDIFF
(1V/div)
LOOPBACK PROPAGATION DELAY
vs. RRS
RRS (k
Ω)
180
160
140
120
100
80
60
40
20
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
0200
RECESSIVE
DOMINANT
MAX13052
Typical Operating Characteristics (continued)
(VCC = +5V, RL = 60
Ω, CL = 100pF, VCC2 = +3.3V, and TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX13053ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13053ESA MAXIM-MAX13053ESA Datasheet
334Kb / 20P
   Industry-Standard High-Speed CAN Transceivers with 짹80V Fault Protection
Rev 0; 2/05
MAX13053ESA MAXIM-MAX13053ESA Datasheet
298Kb / 20P
   Industry-Standard High-Speed CAN Transceivers
Rev 1; 2/13
More results

Similar Description - MAX13053ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13050 MAXIM-MAX13050 Datasheet
334Kb / 20P
   Industry-Standard High-Speed CAN Transceivers with 짹80V Fault Protection
Rev 0; 2/05
MAX13052ASA MAXIM-MAX13052ASA Datasheet
298Kb / 20P
   Industry-Standard High-Speed CAN Transceivers
Rev 1; 2/13
MAX3050 MAXIM-MAX3050_14 Datasheet
1Mb / 12P
   ±80V Fault-Protected, 2Mbps, Low-Supply Current CAN Transceivers
Rev 1; 6/14
MAX13051 MAXIM-MAX13051_14 Datasheet
249Kb / 12P
   ±80V Fault-Protected Can Transceiver with Autobaud
Rev 1; 10/12
MAX13041 MAXIM-MAX13041_08 Datasheet
207Kb / 20P
   ±80V Fault-Protected High-Speed CAN Transceiver with Low-Power Management and Wake-On CAN
Rev 2; 12/08
MAX13041 MAXIM-MAX13041 Datasheet
275Kb / 21P
   ±80V Fault-Protected High-Speed CAN Transceiver with Low-Power Management and Wake-On CAN
Rev 1; 11/07
MAX3054 MAXIM-MAX3054_14 Datasheet
1Mb / 18P
   ±80V Fault-Protected/Tolerant CAN Transceiver
Rev 1; 9/14
logo
Kinetic Technologies.
KTU1000 KINETIC-KTU1000 Datasheet
768Kb / 13P
   USB Hi-Speed Switch with Fault Protection
August 2020 - Revision 04d
logo
Agilent(Hewlett-Packard...
HFBR-5111 HP-HFBR-5111 Datasheet
287Kb / 15P
   Low Cost, Industry Standard FDDI MIC Transceivers
logo
Texas Instruments
SN75LBC031D TI1-SN75LBC031D Datasheet
825Kb / 17P
[Old version datasheet]   HIGH-SPEED CONTROLLER AREA NETWORK (CAN) TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com