Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

59354-452AC Datasheet(PDF) 4 Page - FCI connector

Part # 59354-452AC
Description  DDR SO-DIMM 0,6MM PITCH 200 POS STANDARD TYPE ASSY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

59354-452AC Datasheet(HTML) 4 Page - FCI connector

  59354-452AC Datasheet HTML 1Page - FCI connector 59354-452AC Datasheet HTML 2Page - FCI connector 59354-452AC Datasheet HTML 3Page - FCI connector 59354-452AC Datasheet HTML 4Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PDM: Rev:L
Released
.
STATUS:
Printed: Jul 28, 2010


Similar Part No. - 59354-452AC

ManufacturerPart #DatasheetDescription
logo
FCI connector
59354-452AC FCI-CONNECTOR-59354-452AC Datasheet
326Kb / 4P
   DDR SO-DIMM 0.6mm PITCH 200 POS. STANDARD TYPE ASSY
More results

Similar Description - 59354-452AC

ManufacturerPart #DatasheetDescription
logo
FCI connector
59354-052FSLF FCI-CONNECTOR-59354-052FSLF Datasheet
326Kb / 4P
   DDR SO-DIMM 0.6mm PITCH 200 POS. STANDARD TYPE ASSY
10033853 FCI-CONNECTOR-10033853 Datasheet
352Kb / 4P
   DDR II 0.6mm PITCH 200 POS STANDARD TYPE ASSY
10033854 FCI-CONNECTOR-10033854 Datasheet
349Kb / 4P
   DDR II 0.6mm PITCH 200 POS REVERSE TYPE ASSY
logo
Hynix Semiconductor
HYMD216726A6J-J HYNIX-HYMD216726A6J-J Datasheet
217Kb / 16P
   Unbuffered DDR SO-DIMM
HYMD264M646BF8-J HYNIX-HYMD264M646BF8-J Datasheet
541Kb / 19P
   Unbuffered DDR SO-DIMM
HYMD264M646BLF8-D43 HYNIX-HYMD264M646BLF8-D43 Datasheet
563Kb / 17P
   Unbuffered DDR SO-DIMM
HYMD512M646AFS8-D43 HYNIX-HYMD512M646AFS8-D43 Datasheet
382Kb / 17P
   Unbuffered DDR SO-DIMM
HYMD564M646A8-J HYNIX-HYMD564M646A8-J Datasheet
317Kb / 17P
   Unbuffered DDR SO-DIMM
HYMD216726A6-M HYNIX-HYMD216726A6-M Datasheet
243Kb / 16P
   Unbuffered DDR SO-DIMM
HYMD216M726AL6-J HYNIX-HYMD216M726AL6-J Datasheet
302Kb / 19P
   Unbuffered DDR SO-DIMM
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com