Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9814ETD Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9814ETD
Description  Microphone Amplifier with AGC and Low-Noise Microphone Bias
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9814ETD Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9814ETD Datasheet HTML 1Page - Maxim Integrated Products MAX9814ETD Datasheet HTML 2Page - Maxim Integrated Products MAX9814ETD Datasheet HTML 3Page - Maxim Integrated Products MAX9814ETD Datasheet HTML 4Page - Maxim Integrated Products MAX9814ETD Datasheet HTML 5Page - Maxim Integrated Products MAX9814ETD Datasheet HTML 6Page - Maxim Integrated Products MAX9814ETD Datasheet HTML 7Page - Maxim Integrated Products MAX9814ETD Datasheet HTML 8Page - Maxim Integrated Products MAX9814ETD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Microphone Amplifier with AGC and
Low-Noise Microphone Bias
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = 3.3V, SHDN = VDD, CCT = 470nF, CCG = 2µF, GAIN = VDD, TA = TMIN to TMAX, unless otherwise specified. Typical values are
at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ..............................................................-0.3V to +6V
All Other Pins to GND.................................-0.3V to (VDD + 0.3V)
Output Short-Circuit Duration.....................................Continuous
Continuous Current (MICOUT, MICBIAS).......................±100mA
All Other Pins ....................................................................±20mA
Continuous Power Dissipation (TA = +70°C)
14-Pin TDFN-EP
(derate 16.7mW/°C above +70°C) ........................1481.5mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
Bump Temperature (soldering) Reflow............................+235°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
GENERAL
Operating Voltage
VDD
Guaranteed by PSRR test
2.7
5.5
V
Supply Current
IDD
3.1
6
mA
Shutdown Supply Current
ISHDN
0.01
1
µA
Input-Referred Noise Density
en
BW = 20kHz, all gain settings
30
nV/
√Hz
Output Noise
BW = 20kHz
430
µVRMS
BW = 22Hz to 22kHz
(500mVRMS output signal)
61
Signal-to-Noise Ratio
SNR
A-weighted
64
dB
Dynamic Range
DR
(Note 2)
60
dB
fIN = 1kHz, BW = 20Hz to 20kHz,
RL = 10k
Ω, VTH = 1V (threshold = 2VP-P),
VIN = 0.5mVRMS, VCT = 0V
0.04
Total Harmonic Distortion Plus
Noise
THD+N
fIN = 1kHz, BW = 20Hz to 20kHz,
RL = 10k
Ω, VTH = 0.1V (threshold =
200mVP-P), VIN = 30mVRMS, VCT = 2V
0.2
%
Amplifier Input BIAS
VIN
1.14
1.23
1.32
V
Maximum Input Voltage
VIN_MAX
1% THD
100
mVP-P
Input Impedance
ZIN
100
k
Ω
GAIN = VDD
39.5
40
40.5
GAIN = GND
49.5
50
50.6
Maximum Gain
A
GAIN = unconnected
59.5
60
60.5
dB
GAIN = VDD
18.7
20
20.5
GAIN = GND
29.0
30
30.8
Minimum Gain
GAIN = unconnected
38.7
40
40.5
dB
Maximum Output Level
VOUT_RMS
1% THD+N, VTH = MICBIAS
0.707
VRMS
Regulated Output Level
AGC enabled, VTH = 0.7V
1.26
1.40
1.54
VP-P
AGC Attack Time
tATTACK
CCT = 470nF (Note 3)
1.1
ms
A/R = GND
1:500
A/R = VDD
1:2000
Attack/Release Ratio
A/R
A/R = unconnected
1:4000
ms/ms
MAX9814
2
Maxim Integrated


Similar Part No. - MAX9814ETD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9814ETD+T MAXIM-MAX9814ETD+T Datasheet
337Kb / 14P
   Microphone Amplifier with AGC and Low-Noise Microphone Bias
Rev 0; 3/07
MAX9814ETD+T MAXIM-MAX9814ETD+T Datasheet
309Kb / 14P
   Microphone Amplifier with AGC and Low-Noise Microphone Bias
Rev 2; 6/09
MAX9814ETD+T MAXIM-MAX9814ETD+T Datasheet
1Mb / 13P
   Microphone Amplifier with AGC and Low-Noise Microphone Bias
19-0764; Rev 3; 8/16
java.util.regex.PatternSyntaxException: Dangling meta character '*' near index 15 MAX9814ETD/V+T** ^

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com