Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9725CETC Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX9725CETC
Description  1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9725CETC Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX9725CETC Datasheet HTML 7Page - Maxim Integrated Products MAX9725CETC Datasheet HTML 8Page - Maxim Integrated Products MAX9725CETC Datasheet HTML 9Page - Maxim Integrated Products MAX9725CETC Datasheet HTML 10Page - Maxim Integrated Products MAX9725CETC Datasheet HTML 11Page - Maxim Integrated Products MAX9725CETC Datasheet HTML 12Page - Maxim Integrated Products MAX9725CETC Datasheet HTML 13Page - Maxim Integrated Products MAX9725CETC Datasheet HTML 14Page - Maxim Integrated Products MAX9725CETC Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Component Selection
Input Filtering
The AC-coupling capacitor (CIN) and an internal gain-
setting resistor form a highpass filter that removes any
DC bias from an input signal (see the
Functional
Diagrams). CIN allows the MAX9725A–MAX9725D to
bias the signal to an optimum DC level. The -3dB point
of the highpass filter, assuming zero source imped-
ance, is given by:
Choose CIN so f-3dB is well below the lowest frequency of
interest. RIN for the MAX9725A–MAX9725D is 25kΩ and a
minimum of 10kΩ for the MAX9725E. Setting f-3dB too
high affects the amplifier’s low-frequency response. Use
capacitors with low-voltage coefficient dielectrics. Film or
C0G dielectric capacitors are good choices for AC-cou-
pling capacitors. Capacitors with high-voltage coeffi-
cients, such as ceramics, can result in increased
distortion at low frequencies.
Charge-Pump Capacitor Selection
Use capacitors with less than 100mΩ of ESR. Low-ESR
ceramic capacitors minimize the output impedance of the
charge pump. Capacitors with an X7R dielectric provide
the best performance over the extended temperature
range. Table 1 lists suggested capacitor manufacturers.
Flying Capacitor (C1)
The value of C1 affects the charge pump’s load regula-
tion and output impedance. Choosing C1 too small
degrades the MAX9725’s ability to provide sufficient
current drive and leads to a loss of output voltage.
Increasing the value of C1 improves load regulation
and reduces the charge-pump output impedance. See
the Output Power vs. Charge-Pump Capacitance and
Load Resistance graph in the
Typical Operating
Characteristics.
Hold Capacitor (C2)
The hold capacitor’s value and ESR directly affect the
ripple at PVSS. Increasing the value of C2 reduces rip-
ple. Choosing a capacitor with lower ESR reduces rip-
ple and output impedance. Lower capacitance values
can be used in systems with low maximum output
power levels. See the Output Power vs. Charge-Pump
Capacitance and Load Resistance graph in the
Typical
Operating Characteristics.
Power-Supply Bypass Capacitor (C3)
The power-supply bypass capacitor (C3) lowers the
output impedance of the power supply and reduces the
impact of the MAX9725’s charge-pump switching tran-
sients. Bypass VDD to PGND with the same value as
C1. Place C3 as close to VDD as possible.
Layout and Grounding
Proper layout and grounding are essential for optimum
performance. Connect PGND and SGND together at a
single point on the PC board. Connect PVSS to SVSS
and bypass with C2 to PGND. Bypass VDD to PGND
with C3. Place capacitors C2 and C3 as close to the
MAX9725 as possible. Route PGND, and all traces that
carry switching transients, away from SGND and the
audio signal path.
The MAX9725 does not require additional heatsinking.
The thin QFN package features an exposed paddle that
improves thermal efficiency of the package. Ensure the
exposed paddle is electrically isolated from GND and
VDD. Connect the exposed paddle to VSS if necessary.
UCSP Applications Information
For the latest application details on UCSP construction,
dimensions, tape carrier information, printed circuit
board techniques, bump-pad layout , and recommend-
ed reflow temperature profile, as well as the latest infor-
mation on reliability testing results, go to Maxim’s
website at www.maxim-ic.com/ucsp for the
Application Note 1891:
Wafer-Level Packaging (WLP)
and Its Applications.
f
2C
-3dB
IN
=
××
1
π
RIN
Table 1. Suggested Capacitor Manufacturers
SUPPLIER
PHONE
FAX
WEBSITE
Murata
770-436-1300
www.murata.com
Taiyo Yuden
800-348-2496
847-925-0899
www.t-yuden.com
TDK
847-803-6100
847-390-4405
www.component.tdk.com
1V, Low-Power, DirectDrive, Stereo Headphone
Amplifier with Shutdown
______________________________________________________________________________________
11


Similar Part No. - MAX9725CETC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9725CETC MAXIM-MAX9725CETC Datasheet
425Kb / 14P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 0; 11/04
More results

Similar Description - MAX9725CETC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9725 MAXIM-MAX9725 Datasheet
425Kb / 14P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 0; 11/04
MAX9725 MAXIM-MAX9725_07 Datasheet
528Kb / 19P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 2; 11/07
MAX9725 MAXIM-MAX9725_V01 Datasheet
332Kb / 17P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-3465; Rev 4; 3/09
MAX9721 MAXIM-MAX9721 Datasheet
559Kb / 14P
   1V, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 0; 1/04
MAX4411 MAXIM-MAX4411 Datasheet
623Kb / 18P
   80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 1; 4/03
MAX4411 MAXIM-MAX4411_V01 Datasheet
523Kb / 18P
   80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-2618; Rev 2; 9/06
MAX9720 MAXIM-MAX9720 Datasheet
508Kb / 21P
   50mW, DirectDrive, Stereo Headphone Amplifier with SmartSense and Shutdown
Rev 0; 4/03
MAX9728AETC-T MAXIM-MAX9728AETC-T Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9724A MAXIM-MAX9724A Datasheet
777Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 3; 3/07
MAX4410 MAXIM-MAX4410 Datasheet
865Kb / 20P
   80mW, DirectDrive Stereo Headphone Driver with Shutdown
Rev 2; 10/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com