Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8881EUT33-T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX8881EUT33-T
Description  12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8881EUT33-T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX8881EUT33-T Datasheet HTML 1Page - Maxim Integrated Products MAX8881EUT33-T Datasheet HTML 2Page - Maxim Integrated Products MAX8881EUT33-T Datasheet HTML 3Page - Maxim Integrated Products MAX8881EUT33-T Datasheet HTML 4Page - Maxim Integrated Products MAX8881EUT33-T Datasheet HTML 5Page - Maxim Integrated Products MAX8881EUT33-T Datasheet HTML 6Page - Maxim Integrated Products MAX8881EUT33-T Datasheet HTML 7Page - Maxim Integrated Products MAX8881EUT33-T Datasheet HTML 8Page - Maxim Integrated Products MAX8881EUT33-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim's website at www.maxim-ic.com.
General Description
The MAX8880/MAX8881 are ultra-low supply current,
low-dropout linear regulators, capable of delivering up
to 200mA. They are designed for battery-powered
applications where reverse battery protection and long
battery life are critical.
These regulators’ low 3.5µA supply current extends bat-
tery life in applications with long standby periods. Unlike
PNP-based designs, a 2
Ω PMOS device maintains ultra-
low supply current throughout the entire operating range
and in dropout. The parts are internally protected from
output short circuits, reverse battery connection, and
thermal overload. An internal power-OK (POK) com-
parator indicates when the output is out of regulation.
The MAX8880 output is adjustable from 1.25V to 5V
using an external resistor-divider. The MAX8881 pro-
vides only factory-preset output voltages of 1.8V, 2.5V,
3.3V, or 5V (see Ordering Information). The devices are
available in 6-pin SOT23 and 6-pin TDFN packages.
Features
♦ 3.5µA Supply Current at 12V
♦ Reverse Battery Protection
♦ 2.5V to 12V Input Voltage Range
♦ ±1.5% Output Voltage Accuracy
♦ 200mA max Output Current
♦ 2Ω PMOS Output Device
♦ Short-Circuit and Thermal Overload Protection
♦ POK Output for Out-of-Regulation Indicator
♦ Fixed 1.8V, 2.5V, 3.3V, and 5V (MAX8881)
Adjustable from 1.25V to 5V (MAX8880)
♦ Tiny 6-Pin SOT23 Package
♦ Thin 6-Pin TDFN Package
12V, Ultra-Low-IQ, Low-Dropout
Linear Regulators with POK
________________________________________________________________ Maxim Integrated Products
1
GND
FB
OUT
16
POK
5
IN
MAX8880
MAX8881
MAX8880
SOT23-6
TOP VIEW
2
34
SHDN
POK
IN
1
GND
OUT
2
3
6
5
4
FB
TDFN
3mm x 3mm
SHDN
Pin Configurations
IN
OUT
FB
GND
4.7
μF
1
μF
ON
OFF
SHDN
VIN
2.5V TO 12V
REGULATION OK
VOUT
1.25V TO 5V
UP TO 200mA
POK
MAX8881
Typical Operating Circuit
________________________Applications
19-1679; Rev 2; 12/07
Ordering Information
PART
OUTPUT
TEMP RANGE
PIN-PACKAGE
TOP MARK
MAX8880EUT-T
Adjustable
-40
°C to +85°C
6 SOT23-6
AAHR
MAX8880ETT-T
Adjustable
-40
°C to +85°C
6 TDFN
AGS
MAX8881EUT18-T
1.8V
-40
°C to +85°C
6 SOT23-6
AAHS
MAX8881EUT25-T
2.5V
-40
°C to +85°C
6 SOT23-6
AAHT
MAX8881EUT33-T
3.3V
-40
°C to +85°C
6 SOT23-6
AAHU
MAX8881EUT50-T
5.0V
-40
°C to +85°C
6 SOT23-6
AAHV
Smoke Detectors
Battery-Powered Alarms
Remote Transmitters
Smart Battery Packs
PDAs
Handy Terminals
CMOS Backup Power
Real-Time Clocks


Similar Part No. - MAX8881EUT33-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8881EUT33-T MAXIM-MAX8881EUT33-T Datasheet
228Kb / 8P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
MAX8881EUT33-T MAXIM-MAX8881EUT33-T Datasheet
234Kb / 12P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
19-1679; Rev 2; 12/07
More results

Similar Description - MAX8881EUT33-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8880 MAXIM-MAX8880 Datasheet
228Kb / 8P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
MAX8880 MAXIM-MAX8880_07 Datasheet
234Kb / 12P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
19-1679; Rev 2; 12/07
MAX1725 MAXIM-MAX1725 Datasheet
152Kb / 7P
   12V, Ultra-Low IQ, Low-Dropout Linear Regulators
19-1680; Rev 1; 2/03
logo
ams AG
AS1361 AMSCO-AS1361_1 Datasheet
732Kb / 15P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
logo
Linear Technology
LT3009 LINER-LT3009_15 Datasheet
268Kb / 20P
   3A IQ, 20mA Low Dropout Linear Regulators
logo
ams AG
AS1361 AMSCO-AS1361 Datasheet
646Kb / 13P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
logo
Linear Technology
LT3008 LINER-LT3008_15 Datasheet
242Kb / 20P
   3A IQ, 20mA, 45V Low Dropout Linear Regulators
logo
ON Semiconductor
NCV8664 ONSEMI-NCV8664 Datasheet
281Kb / 9P
   Ultra?묹ow Iq Low Dropout Linear Regulator
November, 2006 ??Rev. 1
NCV8664 ONSEMI-NCV8664_07 Datasheet
152Kb / 13P
   Ultra?묹ow Iq Low Dropout Linear Regulator
March, 2007 ??Rev. 7
NCV4264-2 ONSEMI-NCV4264-2_17 Datasheet
91Kb / 11P
   Low IQ Low Dropout Linear Regulator
July, 2017 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com