Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6856UK16D3 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6856UK16D3
Description  Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6856UK16D3 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6856UK16D3 Datasheet HTML 1Page - Maxim Integrated Products MAX6856UK16D3 Datasheet HTML 2Page - Maxim Integrated Products MAX6856UK16D3 Datasheet HTML 3Page - Maxim Integrated Products MAX6856UK16D3 Datasheet HTML 4Page - Maxim Integrated Products MAX6856UK16D3 Datasheet HTML 5Page - Maxim Integrated Products MAX6856UK16D3 Datasheet HTML 6Page - Maxim Integrated Products MAX6856UK16D3 Datasheet HTML 7Page - Maxim Integrated Products MAX6856UK16D3 Datasheet HTML 8Page - Maxim Integrated Products MAX6856UK16D3 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Nanopower µP Supervisory Circuits with
Manual Reset and Watchdog Timer
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 1.2V to 5.5V, TA = -40°C to +85°C, unless otherwise specified. Typical values are at VCC = 2.5V, TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
≥ 1.1V, ISOURCE = 10µA,
RESET asserted, TA
≥ 0°C
0.8 x VCC
VCC
≥ 1.2V, ISOURCE = 10µA,
RESET asserted
0.8 x VCC
VCC
≥ 1.53V, ISOURCE = 200µA,
RESET asserted
0.8 x VCC
VOH
VCC
≥ 2.12V, ISOURCE = 500µA,
RESET asserted
0.8 x VCC
VCC
≥ 1.71V, ISINK = 500µA,
RESET deasserted
0.3
RESET Output Voltage
VOL
VCC
≥ 2.38V, ISINK = 1.2mA,
RESET deasserted
0.3
V
CT Input Current
CT = GND or VCC
20
nA
VIH
0.8 x VCC
CT Input Voltage
VIL
0.2 x VCC
V
MANUAL RESET INPUT
VIH
0.7 x VCC
MR Input Voltage
VIL
0.3 x VCC
V
MR Minimum Pulse Width
tMPW
1µs
MR Glitch Rejection
200
ns
MR to Reset Delay
tMRD
250
ns
MR Pullup Resistance
510
20
k
WATCHDOG TIMER (MAX6864–MAX6869)
VIH
0.7 x VCC
WDI Input Voltage
VIL
0.3 x VCC
V
WDI Input Current
WDI = GND or VCC
20
nA
WDI Pulse Width
tWDI
(Note 3)
150
ns
S
1.5
3.3
7.75
Watchdog Timeout Period
tWD
L95
209
487
s
Note 1: Devices are tested at TA = +25°C. Specifications for TA = -40°C to +85°C are guaranteed by design.
Note 2: For the MAX6864–MAX6869, the watchdog period is 1s with tRISE and tFALL < 50ns.
Note 3: Guaranteed by design.


Similar Part No. - MAX6856UK16D3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6856UK16D3 MAXIM-MAX6856UK16D3 Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
More results

Similar Description - MAX6856UK16D3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6864UK16D1L MAXIM-MAX6864UK16D1L Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6854UK16D3 MAXIM-MAX6854UK16D3 Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6854 MAXIM-MAX6854 Datasheet
791Kb / 17P
   Nanopower uP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 2; 9/04
MAX6316 MAXIM-MAX6316_07 Datasheet
232Kb / 15P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 7; 11/07
MAX6316 MAXIM-MAX6316_10 Datasheet
150Kb / 14P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 9; 6/10
MAX6323AUT46-T MAXIM-MAX6323AUT46-T Datasheet
174Kb / 13P
   μP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 6; 1/11
MAX6323 MAXIM-MAX6323_11 Datasheet
174Kb / 13P
   μP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 6; 1/11
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX825ZEXK MAXIM-MAX825ZEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823SEUK-T MAXIM-MAX823SEUK-T Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com