Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8510EXK16-T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX8510EXK16-T
Description  Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8510EXK16-T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX8510EXK16-T Datasheet HTML 1Page - Maxim Integrated Products MAX8510EXK16-T Datasheet HTML 2Page - Maxim Integrated Products MAX8510EXK16-T Datasheet HTML 3Page - Maxim Integrated Products MAX8510EXK16-T Datasheet HTML 4Page - Maxim Integrated Products MAX8510EXK16-T Datasheet HTML 5Page - Maxim Integrated Products MAX8510EXK16-T Datasheet HTML 6Page - Maxim Integrated Products MAX8510EXK16-T Datasheet HTML 7Page - Maxim Integrated Products MAX8510EXK16-T Datasheet HTML 8Page - Maxim Integrated Products MAX8510EXK16-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
General Description
The MAX8510/MAX8511/MAX8512 ultra-low-noise, low-
dropout (LDO) linear regulators are designed to deliver
up to 120mA continuous output current. These regula-
tors achieve a low 120mV dropout for 120mA load cur-
rent. The MAX8510 uses an advanced architecture to
achieve ultra-low output voltage noise of 11µVRMS and
PSRR of 54dB at 100kHz.
The MAX8511 does not require a bypass capacitor,
hence achieving the smallest PC board area. The
MAX8512’s output voltage can be adjusted with an
external divider.
The MAX8510/MAX8511 are preset to a variety of volt-
ages in the 1.5V to 4.5V range. Designed with a P-channel
MOSFET series pass transistor, the MAX8510/MAX8511/
MAX8512 maintain very low ground current (40µA).
The regulators are designed and optimized to work with
low-value, low-cost ceramic capacitors. The MAX8510
requires only 1µF (typ) of output capacitance for stability
with any load. When disabled, current consumption drops
to below 1µA.
Package options include a 5-pin SC70 and a tiny 2mm x
2mm x 0.8mm TDFN package.
Applications
Cellular and Cordless Phones
PDA and Palmtop Computers
Base Stations
Bluetooth Portable Radios and Accessories
Wireless LANs
Digital Cameras
Personal Stereos
Portable and Battery-Powered Equipment
Features
o Space-Saving SC70 and TDFN (2mm x 2mm) Packages
o 11µVRMS Output Noise at 100Hz to 100kHz
Bandwidth (MAX8510)
o 78dB PSRR at 1kHz (MAX8510)
o 120mV Dropout at 120mA Load
o Stable with 1µF Ceramic Capacitor for Any Load
o Guaranteed 120mA Output
o Only Need Input and Output Capacitors (MAX8511)
o Output Voltages: 1.5V, 1.8V, 2.5V, 2.6V, 2.7V, 2.8V,
2.85V, 3V, 3.3V, 4.5V (MAX8510/MAX8511) and
Adjustable (MAX8512)
o Low 40µA Ground Current
o Excellent Load/Line Transient
o Overcurrent and Thermal Protection
Ultra-Low-Noise, High PSRR,
Low-Dropout, 120mA Linear Regulators
________________________________________________________________
Maxim Integrated Products
1
BP (MAX8510)
N.C. (MAX8511)
FB (MAX8512)
GND
BP (MAX8510)
N.C. (MAX8511)
FB (MAX8512)
SHDN
1
2
3
5
4
OUT
IN
MAX8510
MAX8511
MAX8512
MAX8510
MAX8511
MAX8512
SC70
*CONNECT EP TO GND.
1
27
3
4
N.C.
GND
N.C.
N.C.
OUT
EP*
TDFN 2mm
× 2mm
8
6
5
TOP VIEW
SHDN
Pin Configuration
Ordering Information
MAX8510
OUTPUT PRESET
1.5V TO 4.5V
IN
INPUT
2V TO 6V
OFF
SHDN
CBP = 10nF
COUT = 1μF
CIN = 1μF
OUT
ON
BP
GND
Typical Operating Circuits
19-2732; Rev 4; 8/11
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
*
xy is the output voltage code (see Output Voltage Selector
Guide). Other versions between 1.5V and 4.5V are available in
100mV increments. Contact factory for other versions.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
T
= Tape and reel.
PART*
TEMP RANGE
PIN-PACKAGE
MAX8510EXKxy+T
-40°C to +85°C
5 SC70-5
Typical Operating Circuits continued at end of data sheet.
Output Voltage Selector Guide appears at end of data sheet.
Ordering Information continued at end of data sheet.


Similar Part No. - MAX8510EXK16-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8510EXKXY-T MAXIM-MAX8510EXKXY-T Datasheet
377Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout,120mA Linear Regulators in SC70
Rev 1; 6/04
More results

Similar Description - MAX8510EXK16-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8510 MAXIM-MAX8510_06 Datasheet
403Kb / 11P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 3; 5/06
MAX8510 MAXIM-MAX8510 Datasheet
377Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout,120mA Linear Regulators in SC70
Rev 1; 6/04
MAX8940 MAXIM-MAX8940 Datasheet
264Kb / 9P
   Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulator
Rev 0; 6/09
MAX8873R MAXIM-MAX8873R Datasheet
259Kb / 10P
   Low-Dropout, 120mA Linear Regulators
19-1257; Rev 2; 3/13
MAX8863T MAXIM-MAX8863T Datasheet
126Kb / 8P
   Low-Dropout, 120mA Linear Regulators
MAX8873T MAXIM-MAX8873T Datasheet
115Kb / 8P
   Low-Dropout, 120mA Linear Regulators
MAX8863 MAXIM-MAX8863 Datasheet
469Kb / 10P
   Low-Dropout, 120mA Linear Regulators
Rev 4; 7/12
logo
Monolithic Power System...
MP2009 MPS-MP2009 Datasheet
415Kb / 14P
   Ultra-Low-Noise Low-Dropout, 120mA Linear Regulator
EV2009EE-00A MPS-EV2009EE-00A Datasheet
113Kb / 4P
   Ultra Low Noise, Low Dropout 120mA Linear Regulator
logo
Maxim Integrated Produc...
MAX8840 MAXIM-MAX8840_07 Datasheet
579Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in uDFN
19-0629; Rev 1; 1/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com