Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCSCS0J476BAR Datasheet(PDF) 7 Page - Samsung semiconductor

Part # TCSCS0J476BAR
Description  Manganese Dioxide Type
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

TCSCS0J476BAR Datasheet(HTML) 7 Page - Samsung semiconductor

  TCSCS0J476BAR Datasheet HTML 1Page - Samsung semiconductor TCSCS0J476BAR Datasheet HTML 2Page - Samsung semiconductor TCSCS0J476BAR Datasheet HTML 3Page - Samsung semiconductor TCSCS0J476BAR Datasheet HTML 4Page - Samsung semiconductor TCSCS0J476BAR Datasheet HTML 5Page - Samsung semiconductor TCSCS0J476BAR Datasheet HTML 6Page - Samsung semiconductor TCSCS0J476BAR Datasheet HTML 7Page - Samsung semiconductor TCSCS0J476BAR Datasheet HTML 8Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
20
21
0.22
0.33
0.47
0.68
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
100
224
334
474
684
105
155
225
335
475
685
106
156
226
336
476
107
P
P
P
P
P
P
P
P
P
P
4V(0G)
P
P
P
P
P
P
P
P
P
P
P
6.3V(0J)
Cap.(
㎌)
R . V
P
P
P
P
P
P
P
P
10V(1A)
P
P
P
P
P
16V(1C)
P
P
20V(1D)
Reduced to about 1/3 the cubic volume of the SCN.
·
New low profile case size.
(0805 size tantalum chip capacitors)
·
Compatible with automatic pick and place equipment.
·
Meets or exceeds EIA standard 535BAAC.
Feature
Specifications
Standard value and case size
Capacitance
Dissipation Factor (Tan
δ)
Rated Voltage(VR)
Category Voltage(V)
Range
Tolerance
T
≤85℃
85
℃〈 T≤125℃
Surge Voltage(V)
Operating Temperature
T
≤85℃
85
℃〈 T≤125℃
Leakage Current
between 0.01CV and 0.5
㎂, whichever is larger
-55
℃ to 125℃
6.3
4.0
8.0
5.0
4.0
2.5
5.2
3.2
Refer to Specification
0.22
㎌ to 22㎌
±20%(M), ±10%(K)
10.0
6.3
13.0
8.0
16.0
10.0
20.0
13.0
20.0
13.0
25.0
16.0
25.0
16.0
32.0
20.0
35.0
22.0
44.0
28.0
SCS - P CASE
(2012 Size Tantalum
Chip Capacitors)
Precautions in using
Tantalum Capacitors
4 Characteristics
Explanation
SCN Series
SCS Series
SCS-P Series
SCM Series
SCF Series
SCE Series
Taping
Specification
Marking
Specification
SCL Series
PCS Series
PCL Series


Similar Part No. - TCSCS0J476BAR

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
TCSCS0J476BAR SAMSUNG-TCSCS0J476BAR Datasheet
215Kb / 6P
   Miniaturized Tantalum Chip Capacitors
TCSCS0J476BAR SAMSUNG-TCSCS0J476BAR Datasheet
284Kb / 8P
   Manganese Dioxide Type
More results

Similar Description - TCSCS0J476BAR

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
TCSCS1A476KBAR SAMSUNG-TCSCS1A476KBAR Datasheet
284Kb / 8P
   Manganese Dioxide Type
TCSCS1C106KBAR SAMSUNG-TCSCS1C106KBAR Datasheet
284Kb / 8P
   Manganese Dioxide Type
TCSCS1A475KAAR SAMSUNG-TCSCS1A475KAAR Datasheet
284Kb / 8P
   Manganese Dioxide Type
TCSCS1E106MBAR SAMSUNG-TCSCS1E106MBAR Datasheet
284Kb / 8P
   Manganese Dioxide Type
TCSCS0J106MPAR SAMSUNG-TCSCS0J106MPAR Datasheet
284Kb / 8P
   Manganese Dioxide Type
logo
List of Unclassifed Man...
CR2016 ETC-CR2016 Datasheet
269Kb / 1P
   Manganese Dioxide
CR2NP ETC2-CR2NP Datasheet
91Kb / 1P
   Lithium Manganese Dioxide
logo
Panasonic Battery Group
CR-2 PANASONICBATTERY-CR-2 Datasheet
203Kb / 1P
   LITHIUM MANGANESE DIOXIDE
logo
List of Unclassifed Man...
KECR2032-1 ETC2-KECR2032-1 Datasheet
39Kb / 1P
   Lithium Manganese Dioxide
logo
Panasonic Battery Group
CR-AG PANASONICBATTERY-CR-AG Datasheet
210Kb / 1P
   LITHIUM MANGANESE DIOXIDE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com