Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCSCS0J476AAR Datasheet(PDF) 1 Page - Samsung semiconductor

Part # TCSCS0J476AAR
Description  Manganese Dioxide Type
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

TCSCS0J476AAR Datasheet(HTML) 1 Page - Samsung semiconductor

  TCSCS0J476AAR Datasheet HTML 1Page - Samsung semiconductor TCSCS0J476AAR Datasheet HTML 2Page - Samsung semiconductor TCSCS0J476AAR Datasheet HTML 3Page - Samsung semiconductor TCSCS0J476AAR Datasheet HTML 4Page - Samsung semiconductor TCSCS0J476AAR Datasheet HTML 5Page - Samsung semiconductor TCSCS0J476AAR Datasheet HTML 6Page - Samsung semiconductor TCSCS0J476AAR Datasheet HTML 7Page - Samsung semiconductor TCSCS0J476AAR Datasheet HTML 8Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Case Code
EIA Code
L
W1
W2
H
Z
1005
1005
1608 -10
1608 -9
1608 -9
2012L
2012
2012
3216L
3216
3528L
3528
6032
7343
1.0
±0.2
1.0
±0.2
1.6
+0.15
0.1
1.6
±0.1
1.6
+0.15
0.1
2.0
±0.2
2.0
±0.2
2.0
±0.2
3.2
±0.3
3.2
±0.2
3.5
±0.2
3.5
±0.2
6.0
±0.3
7.3
±0.3
0.5
±0.2
0.5
±0.2
0.85
+0.15
0.1
0.85
±0.1
0.85
+0.15
0.1
1.25
±0.2
1.25
±0.2
1.25
±0.2
1.6
±0.2
1.6
±0.2
2.8
±0.2
2.8
±0.2
3.2
±0.3
4.3
±0.3
0.4
±0.05
0.4
±0.05
0.6
±0.1
0.6
±0.1
0.6
±0.1
0.9
±0.1
0.9
±0.1
0.9
±0.1
1.2
±0.1
1.2
±0.1
2.2
±0.1
2.2
±0.1
2.2
±0.1
2.4
±0.1
0.60 max
0.55 max
0.85+0.15
- 0.1
0.8
±0.1
0.90max
0.95 max
1.1
±0.1
1.2 max
1.1
±0.1
1.6
±0.2
1.2 max
1.9
±0.2
2.5
±0.3
2.8
±0.3
0.25
±0.1
0.25
±0.1
0.4
±0.1
0.4
±0.1
0.4
±0.1
0.5
±0.2
0.45
±0.1
0.5
±0.2
0.8
±0.3
0.8
±0.3
0.8
±0.3
0.8
±0.3
1.3
±0.3
1.3
±0.3
U
I
J
K
K
R
P
P
S
A
T
B
C
D
Unit : mm
L
Ta2O5
C/Ag
MnO2
H
W1
ZZ
W2
L
H
W1
ZZ
W2
Tantalum Capacitor
Type of series
Rated Voltage Code
Capacitance Code
Capacitance Tolerance Code
Case Size Code
Packing Code
Packing Polarity Code
Maximum ESR in Milliohms
TC SCE 0J 107 M D A R 0150
(A=7 inches, C=13 inches)
Normal type
Face - down type
Dielectric
Negative
Tantalum wire
Tantalum Power
Positive
Lead Frame
EMC
Feature
Configuration And Dimension
Part Number Code
Case Code (Face-down type)
Manganese
Dioxide Type


Similar Part No. - TCSCS0J476AAR

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
TCSCS0J476AAR SAMSUNG-TCSCS0J476AAR Datasheet
215Kb / 6P
   Miniaturized Tantalum Chip Capacitors
TCSCS0J476AAR SAMSUNG-TCSCS0J476AAR Datasheet
301Kb / 8P
   Manganese Dioxide Type
More results

Similar Description - TCSCS0J476AAR

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
TCSCS1E226MDAR SAMSUNG-TCSCS1E226MDAR Datasheet
301Kb / 8P
   Manganese Dioxide Type
TCSCS1A476KBAR SAMSUNG-TCSCS1A476KBAR Datasheet
284Kb / 8P
   Manganese Dioxide Type
TCSCS1C106KBAR SAMSUNG-TCSCS1C106KBAR Datasheet
284Kb / 8P
   Manganese Dioxide Type
TCSCS1A475KAAR SAMSUNG-TCSCS1A475KAAR Datasheet
284Kb / 8P
   Manganese Dioxide Type
TCSCS1E106MBAR SAMSUNG-TCSCS1E106MBAR Datasheet
284Kb / 8P
   Manganese Dioxide Type
logo
List of Unclassifed Man...
CR2016 ETC-CR2016 Datasheet
269Kb / 1P
   Manganese Dioxide
CR2NP ETC2-CR2NP Datasheet
91Kb / 1P
   Lithium Manganese Dioxide
logo
Panasonic Battery Group
CR-2 PANASONICBATTERY-CR-2 Datasheet
203Kb / 1P
   LITHIUM MANGANESE DIOXIDE
logo
List of Unclassifed Man...
KECR2032-1 ETC2-KECR2032-1 Datasheet
39Kb / 1P
   Lithium Manganese Dioxide
logo
Panasonic Battery Group
CR-AG PANASONICBATTERY-CR-AG Datasheet
210Kb / 1P
   LITHIUM MANGANESE DIOXIDE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com