Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIP147F Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # TIP147F
Description  Monolithic Construction With Built In Base- Emitter Shunt Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TIP147F Datasheet(HTML) 1 Page - Fairchild Semiconductor

  TIP147F Datasheet HTML 1Page - Fairchild Semiconductor TIP147F Datasheet HTML 2Page - Fairchild Semiconductor TIP147F Datasheet HTML 3Page - Fairchild Semiconductor TIP147F Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. B, December 2002
PNP Epitaxial Darlington Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCBO
Collector-Emitter Voltage : TIP145F
: TIP146F
: TIP147F
- 60
- 80
- 100
V
V
V
VCEO
Collector-Emitter Voltage : TIP145F
: TIP146F
: TIP147F
- 60
- 80
- 100
V
V
V
VEBO
Emitter-Base Voltage
- 5
V
IC
Collector Current (DC)
- 10
A
ICP
Collector Current (Pulse)
- 15
A
IB
Base Current (DC)
- 0.5
A
PC
Collector Dissipation (TC=25°C)
60
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 65 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
VCEO(sus)
Collector-Emitter Sustaining Voltage
: TIP145F
: TIP146F
: TIP147F
IC = - 30mA, IB = 0
- 60
- 80
- 100
V
V
V
ICEO
Collector Cut-off Current
: TIP145F
: TIP146F
: TIP147F
VCE = - 30V, IB = 0
VCE = - 40V, IB = 0
VCE = - 50V, IB = 0
- 2
- 2
- 2
mA
mA
mA
ICBO
Collector Cut-off Current
: TIP145F
: TIP146F
: TIP147F
VCB = - 60V, IE = 0
VCB = - 80V, IE = 0
VCB = - 100V, IE = 0
- 1
- 1
- 1
mA
mA
mA
IEBO
Emitter Cut-off Current
VBE = - 5V, IC = 0
- 2
mA
hFE
DC Current Gain
VCE = - 4V, IC = - 5A
VCE = - 4V, IC = - 10A
1000
500
VCE(sat)
Collector-Emitter Saturation Voltage
IC = - 5A, IB = - 10mA
IC = - 10A, IB = - 40mA
- 2
- 3
V
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = - 10A, IB = - 40mA
- 3.5
V
VBE(on)
Base-Emitter On Voltage
VCE = - 4V, IC = - 10A
- 3
V
tD
Delay Time
VCC = - 30V, IC = - 5A
IB1 = -20mA, IB2 = 20mA
RL = 6Ω
0.15
µs
tR
Rise Time
0.55
µs
tSTG
Storage Time
2.5
µs
tf
Fall Time
2.5
µs
TIP145F/146F/147F
Monolithic Construction With Built In Base-
Emitter Shunt Resistors
• High DC Current Gain : hFE = 1000 @ VCE = -4V, IC = -5A (Min.)
• Industrial Use
• Complement to TIP140F/141F/142F
Equivalent Circuit
B
E
C
R1
R2
R18k
R20.12k
TO-3PF
1.Base
2.Collector
3.Emitter
1


Similar Part No. - TIP147F

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
TIP147F SAMSUNG-TIP147F Datasheet
175Kb / 4P
   PNP (HIGH DC CURRENT GAIN)
logo
Continental Device Indi...
TIP147F CDIL-TIP147F Datasheet
89Kb / 2P
   TO-3P Fully Isolated Plastic Package Transistor CDIL
logo
TRANSYS Electronics Lim...
TIP147F TEL-TIP147F Datasheet
60Kb / 2P
   SILICON PLANAR DARLINGTON POWER TRANSISTORS
More results

Similar Description - TIP147F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TIP105 FAIRCHILD-TIP105 Datasheet
50Kb / 4P
   Monolithic Construction With Built In Base- Emitter Shunt Resistors
logo
SemiHow Co.,Ltd.
TIP100 SEMIHOW-TIP100 Datasheet
744Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
TIP125 SEMIHOW-TIP125 Datasheet
510Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
logo
Fairchild Semiconductor
FJPF9020TU FAIRCHILD-FJPF9020TU Datasheet
68Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
logo
SemiHow Co.,Ltd.
TIP106 SEMIHOW-TIP106_10 Datasheet
750Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
logo
TAI-SAW TECHNOLOGY CO.,...
TIP140T TAI-SAW-TIP140T_11 Datasheet
574Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
logo
Fairchild Semiconductor
TIP140 FAIRCHILD-TIP140 Datasheet
52Kb / 4P
   Monolithic Construction With Built In Base- Emitter Shunt Resistors
TIP141T FAIRCHILD-TIP141T Datasheet
52Kb / 4P
   Monolithic Construction With Built In Base- Emitter Shunt Resistors
logo
TAI-SAW TECHNOLOGY CO.,...
TIP145T TAI-SAW-TIP145T Datasheet
536Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
logo
SemiHow Co.,Ltd.
TIP120 SEMIHOW-TIP120 Datasheet
501Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
TIP140T SEMIHOW-TIP140T Datasheet
571Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com