Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EHF4BE5250 Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # EHF4BE5250
Description  Cellular phone For other applications, contact the undersigned in advance.
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EHF4BE5250 Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button EHF4BE5250 Datasheet HTML 2Page - Panasonic Semiconductor EHF4BE5250 Datasheet HTML 3Page - Panasonic Semiconductor EHF4BE5250 Datasheet HTML 4Page - Panasonic Semiconductor EHF4BE5250 Datasheet HTML 5Page - Panasonic Semiconductor EHF4BE5250 Datasheet HTML 6Page - Panasonic Semiconductor EHF4BE5250 Datasheet HTML 7Page - Panasonic Semiconductor EHF4BE5250 Datasheet HTML 8Page - Panasonic Semiconductor EHF4BE5250 Datasheet HTML 9Page - Panasonic Semiconductor EHF4BE5250 Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Balun
Delivery Specification
Enact. Date
March 2, 2004
Enfo. Date
March 2, 2004
P.S.M
-----
Approval
M. Mizuno
Check
M. Mizuno
Plan
H. Ito
EHF4BE5250
Packaging specification 2
Drawing No.
151-EHF-4BE5250
9-7
1. Method
1) Load products in each cavity of an embossed carrier tape, in the correct orientation, by
leaving the product-unloaded part shown in Item No. 8(P9-6) of the packaging specification.
2) Heat-seal a top tape in good alignment on the carrier tape.
3) After 4000 pieces are loaded and reeled, provide a product-unloaded part at the tape-leader
portion. Secure the tip of the carrier tape with a piece of adhesive tape.
4) Stack the reels (21 reels max.) and enclose them in a packaging box. Close the flaps with a
piece of adhesive tape.
5) Provide markings on the packaging box.
< Items to be indicated >
1. Part No.
2. Quantity
3. Lot No.
4. Manufacturer name
5. Country of origin
* Insert cushion material in the empty
spaces to secure reels
Number of
stacking, 21
reels max.
Packaging box shape varies
with the number of reels enclosed
Reel label
Marking on the packaging box


Similar Part No. - EHF4BE5250

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
EHF SAMTEC-EHF Datasheet
275Kb / 1P
   TIGER EYE™ FLAT IDC WIRE CABLES (1.27 mm) .050" PITCH
EHF SAMTEC-EHF Datasheet
179Kb / 1P
   SHROUDED AND EJECTOR IDC HEADER (1.27 mm) .050" PITCH
EHF-10301-F-D-RA SAMTEC-EHF-10301-F-D-RA Datasheet
271Kb / 3P
   .050 EJECTOR HEADER ASSEMBLY
EHF-10301-F-D-SM SAMTEC-EHF-10301-F-D-SM Datasheet
271Kb / 3P
   .050 EJECTOR HEADER ASSEMBLY
EHF-10301-FM-D-RA SAMTEC-EHF-10301-FM-D-RA Datasheet
271Kb / 3P
   .050 EJECTOR HEADER ASSEMBLY
More results

Similar Description - EHF4BE5250

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM74017 OKI-MSM74017 Datasheet
405Kb / 12P
   MODULATOR/DEMODULATOR FOR MODEM FUNCTION IN THE CELLULAR MOBILE PHONE
MSM6808 OKI-MSM6808 Datasheet
679Kb / 18P
   SPLIT FILTER LSI FOR MODEM FUNCTION IN THE CELLULAR MOBILE PHONE
logo
List of Unclassifed Man...
DLBM-CG121 ETC1-DLBM-CG121 Datasheet
318Kb / 40P
   A Class 2 Bluetooth module suitable for cellular phone, smart phone applications.
logo
TOKO, Inc
DE3512C TOKO-DE3512C Datasheet
81Kb / 2P
   Fixed Inductors for Cellular Phone
logo
Rohm
BU8899GU ROHM-BU8899GU Datasheet
388Kb / 6P
   Sound Generator for cellular phone
logo
TOKO, Inc
D310F TOKO-D310F Datasheet
102Kb / 1P
   Fixed Inductors for Cellular Phone
logo
Sipex Corporation
SP4438 SIPEX-SP4438 Datasheet
223Kb / 19P
   Ultra-Quiet Electroluminescent Lamp Driver For Cellular Phone Applications
logo
TOKO, Inc
DJ515C TOKO-DJ515C Datasheet
99Kb / 1P
   Fixed Inductors for Cellular Phone
D412F TOKO-D412F Datasheet
101Kb / 1P
   Fixed Inductors for Cellular Phone
D3313FB TOKO-D3313FB Datasheet
98Kb / 1P
   Fixed Inductors for Cellular Phone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com