Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EHF4BE5250 Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # EHF4BE5250
Description  Cellular phone For other applications, contact the undersigned in advance.
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EHF4BE5250 Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button EHF4BE5250 Datasheet HTML 2Page - Panasonic Semiconductor EHF4BE5250 Datasheet HTML 3Page - Panasonic Semiconductor EHF4BE5250 Datasheet HTML 4Page - Panasonic Semiconductor EHF4BE5250 Datasheet HTML 5Page - Panasonic Semiconductor EHF4BE5250 Datasheet HTML 6Page - Panasonic Semiconductor EHF4BE5250 Datasheet HTML 7Page - Panasonic Semiconductor EHF4BE5250 Datasheet HTML 8Page - Panasonic Semiconductor EHF4BE5250 Datasheet HTML 9Page - Panasonic Semiconductor EHF4BE5250 Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Balun
Delivery Specification
Enact. Date
March 2, 2004
Enfo. Date
March 2, 2004
P.S.M
-----
Approval
M. Mizuno
Check
M. Mizuno
Plan
H. Ito
EHF4BE5250
Packaging specification 1
Drawing No.
151-EHF-4BE5250
9-6
[Packaging materials]
1. Materials
1) Embossed carrier tape (Refer to the attachment)
2) Top tape: Anti-static
3) Packaging box (Refer to the attachment)
4) Packaging tape, carrier-securing adhesive tape
2. Specification
No.
1
2
3
4
5
6
7
8
9
10
Item
Reel outer diameter
Reel inner diameter
Reel inner width
Quantity in a reel
Taping direction
Top tape
attachment
position
Label attachment
position
Tape leader part
and tape ending
part
Missing products
Packaged quantity in a box
Remarks
Tape breaks force.
Min. 10N
Top cover tape strength.
Min. 10N
Tape peel force.
0.1…1.0N
Tape peel angle.
165…180degree
Reel weight.
Max 1500g
Indicated Item
Pat No., Lot No.
Quantity, Maker
Country
84000 pieces/box(Max)
Condition
Refer to the attachment
Refer to the attachment
Refer to the attachment
4000 pieces/reel
Tape unreeling direction
(with markings facing up)
Top tape
< Top tape attachment area >
Embossed tape
Top tape edge must stay inside the sprocket holes of the embossed
carrier (Sprocket holes shall not be covered)
Tape unreeling direction
Label
Leader part
No missing products shall be allowed
21 reels/box (Max)
8.0+/-0.2mm
5.5mm
200~220mm
(Product-unloaded part)
100~150mm, 25~38 pieces
worth, (Product-unloaded part)
300~
400mm
Ending part
Product-loaded part
Top tape
Embossed carrier


Similar Part No. - EHF4BE5250

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
EHF SAMTEC-EHF Datasheet
275Kb / 1P
   TIGER EYE™ FLAT IDC WIRE CABLES (1.27 mm) .050" PITCH
EHF SAMTEC-EHF Datasheet
179Kb / 1P
   SHROUDED AND EJECTOR IDC HEADER (1.27 mm) .050" PITCH
EHF-10301-F-D-RA SAMTEC-EHF-10301-F-D-RA Datasheet
271Kb / 3P
   .050 EJECTOR HEADER ASSEMBLY
EHF-10301-F-D-SM SAMTEC-EHF-10301-F-D-SM Datasheet
271Kb / 3P
   .050 EJECTOR HEADER ASSEMBLY
EHF-10301-FM-D-RA SAMTEC-EHF-10301-FM-D-RA Datasheet
271Kb / 3P
   .050 EJECTOR HEADER ASSEMBLY
More results

Similar Description - EHF4BE5250

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM74017 OKI-MSM74017 Datasheet
405Kb / 12P
   MODULATOR/DEMODULATOR FOR MODEM FUNCTION IN THE CELLULAR MOBILE PHONE
MSM6808 OKI-MSM6808 Datasheet
679Kb / 18P
   SPLIT FILTER LSI FOR MODEM FUNCTION IN THE CELLULAR MOBILE PHONE
logo
List of Unclassifed Man...
DLBM-CG121 ETC1-DLBM-CG121 Datasheet
318Kb / 40P
   A Class 2 Bluetooth module suitable for cellular phone, smart phone applications.
logo
TOKO, Inc
DE3512C TOKO-DE3512C Datasheet
81Kb / 2P
   Fixed Inductors for Cellular Phone
logo
Rohm
BU8899GU ROHM-BU8899GU Datasheet
388Kb / 6P
   Sound Generator for cellular phone
logo
TOKO, Inc
D310F TOKO-D310F Datasheet
102Kb / 1P
   Fixed Inductors for Cellular Phone
logo
Sipex Corporation
SP4438 SIPEX-SP4438 Datasheet
223Kb / 19P
   Ultra-Quiet Electroluminescent Lamp Driver For Cellular Phone Applications
logo
TOKO, Inc
DJ515C TOKO-DJ515C Datasheet
99Kb / 1P
   Fixed Inductors for Cellular Phone
D412F TOKO-D412F Datasheet
101Kb / 1P
   Fixed Inductors for Cellular Phone
D3313FB TOKO-D3313FB Datasheet
98Kb / 1P
   Fixed Inductors for Cellular Phone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com