Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC0402 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # RC0402
Description  THICK-FILM CHIP RESISTOR
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

RC0402 Datasheet(HTML) 2 Page - Samsung semiconductor

  RC0402 Datasheet HTML 1Page - Samsung semiconductor RC0402 Datasheet HTML 2Page - Samsung semiconductor RC0402 Datasheet HTML 3Page - Samsung semiconductor RC0402 Datasheet HTML 4Page - Samsung semiconductor RC0402 Datasheet HTML 5Page - Samsung semiconductor RC0402 Datasheet HTML 6Page - Samsung semiconductor RC0402 Datasheet HTML 7Page - Samsung semiconductor RC0402 Datasheet HTML 8Page - Samsung semiconductor RC0402 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
We, Samsung, declare that our component Chip Resistor is produced in accordance
with EU RoHS directive.
1. RoHS Compliance and restriction of Br
The following restricted materials are not used in packaging materials as well as products in compliance with the law and restriction.
- Cd, Pb, Hg, Cr+6, As, Br and the compounds, PCB, asbestos
- Bromic materials : PBBs, PBBOs, PBDO, PBDE, PBB
2. No use of materials breaking Ozone layer
The following ODS materials are not used in our fabrication process.
- ODS material : Freon, Haron, 1-1-1 TCE, CCl4, HCFC
If you want more detailed Information,Please Visit Samsung Electro-mechanics Website
[http://www.sem.samsung.com, http://www.semlcr.com]


Similar Part No. - RC0402

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC0402 ETC1-RC0402 Datasheet
231Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
logo
YAGEO Corporation
RC0402 YAGEO-RC0402 Datasheet
546Kb / 10P
   Chip Resistor Surface Mount
May. 11, 2022 V.4
logo
TAITRON Components Inco...
RC0402 TAITRON-RC0402 Datasheet
535Kb / 7P
   Thick Film Chip Resistor General Purpose
logo
YAGEO Corporation
RC0402 YAGEO-RC0402 Datasheet
438Kb / 11P
   High component and equipment
V.12 02, 2022
RC0402 YAGEO-RC0402 Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results

Similar Description - RC0402

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
RC1608J000CS SAMSUNG-RC1608J000CS Datasheet
5Mb / 40P
   THICK-FILM CHIP RESISTOR
logo
Riedon Powertron
CLR0201 RIEDON-CLR0201_13 Datasheet
167Kb / 1P
   Thick Film Chip Resistor
logo
YAGEO Corporation
RC0100JR-070RL YAGEO-RC0100JR-070RL Datasheet
117Kb / 7P
   Thick Film Chip Resistor
logo
Samsung semiconductor
RC2012F2491CS SAMSUNG-RC2012F2491CS Datasheet
73Kb / 2P
   Thick - Film chip RESISTOR
RP164PJ000CS SAMSUNG-RP164PJ000CS Datasheet
4Mb / 20P
   THICK-FILM CHIP RESISTOR
RC1608J111CS SAMSUNG-RC1608J111CS Datasheet
5Mb / 40P
   THICK-FILM CHIP RESISTOR
RC0603J271CS SAMSUNG-RC0603J271CS Datasheet
73Kb / 2P
   Thick - Film chip RESISTOR
logo
Riedon Powertron
CLR0201 RIEDON-CLR0201 Datasheet
284Kb / 1P
   Thick Film Chip Resistor
logo
Samsung semiconductor
RC1608F102CS SAMSUNG-RC1608F102CS Datasheet
5Mb / 40P
   THICK-FILM CHIP RESISTOR
RC1005F622CS SAMSUNG-RC1005F622CS Datasheet
5Mb / 40P
   THICK-FILM CHIP RESISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com