Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TIP125 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. TIP125
Description  Medium Power Linear Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

   
 2 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A1, June 2001
Typical Characteristics
Figure 1. DC current Gain
Figure 2. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 3. Output and Input Capacitance
vs. Reverse Voltage
Figure 4. Safe Operating Area
Figure 5. Power Derating
-0.1
-1
-10
100
1k
10k
VCE = 4V
IC[A], COLLECTOR CURRENT
-0.1
-1
-10
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
-3.5
IC = 250IB
VCE(sat)
VBE(sat)
IC[A], COLLECTOR CURRENT
-0.1
-1
-10
-100
10
100
1000
Cob
f = 0.1MHz
VCB[V], COLLECTOR-BASE VOLTAGE
VEB[V], EMITTER-BASE VOLTAGE
Cib
-1
-10
-100
-0.01
-0.1
-1
-10
TIP126
TIP127
TIP125
VCE[V], COLLECTOR-EMITTER VOLTAGE
0
255075
100
125
150
175
0
15
30
45
60
75
90
TC[
oC], CASE TEMPERATURE




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BD434Medium Power Linear and Switching Applications 1 2 3 4 5 Fairchild Semiconductor
BD439Medium Power Linear and Switching Applications 1 2 3 4 Fairchild Semiconductor
BD135Medium Power Linear and Switching Applications 1 2 3 4 Fairchild Semiconductor
BD440Medium Power Linear and Switching Applications 1 2 3 4 Fairchild Semiconductor
TIP120Medium Power Linear Switching Applications 1 2 3 4 Fairchild Semiconductor
BD136Medium Power Linear and Switching Applications 1 2 3 4 Fairchild Semiconductor
BD533Medium Power Linear and Switching Applications 1 2 3 4 Fairchild Semiconductor
TIP29Medium Power Linear Switching Applications 1 2 3 4 Fairchild Semiconductor
BD175Medium Power Linear and Switching Applications 1 2 3 4 Fairchild Semiconductor
BD534Medium Power Linear and Switching Applications 1 2 3 4 Fairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl