Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TIP125 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. TIP125
Description  Medium Power Linear Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

   
 1 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A1, June 2001
PNP Epitaxial Darlington Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse Test : PW
≤300µs, Duty cycle ≤2%
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
: TIP125
: TIP126
: TIP127
- 60
- 80
- 100
V
V
V
VCEO
Collector-Emitter Voltage : TIP125
: TIP126
: TIP127
- 60
- 80
- 100
V
V
V
VEBO
Emitter-Base Voltage
- 5
V
IC
Collector Current (DC)
- 5
A
ICP
Collector Current (Pulse)
- 8
A
IB
Base Current (DC)
- 120
mA
PC
Collector Dissipation (Ta=25°C)
2
W
Collector Dissipation (TC=25°C)
65
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 65 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Max.
Units
VCEO(sus)
Collector-Emitter Sustaining Voltage
: TIP125
: TIP126
: TIP127
IC = -100mA, IB = 0
-60
-80
-120
V
V
V
ICEO
Collector Cut-off Current
: TIP125
: TIP126
: TIP127
VCE = -30V, IB = 0
VCE = -40V, IB = 0
VCE = -50V, IB = 0
-2
-2
-2
mA
mA
mA
ICBO
Collector Cut-off Current
: TIP125
: TIP126
: TIP127
VCB = -60V, IE = 0
VCB = -80V, IE = 0
VCB = -100V, IE = 0
-1
-1
-1
mA
mA
mA
IEBO
Emitter Cut-off Current
VBE = -5V, IC = 0
-2
mA
hFE
* DC Current Gain
VCE = -3V, IC = 0.5A
VCE = -3V, IC = -3A
1000
1000
VCE(sat)
* Collector-Emitter Saturation Voltage
IC = -3A, IB = -12mA
IC=-5A, IB=-20mA
-2
-4
V
V
VBE(on)
* Base-Emitter ON Voltage
VCE = -3V, IC = -3A
-2.5
V
Cob
Output Capacitance
VCB = -10V, IE = 0, f = 0.1MHz
300
pF
TIP125/126/127
Medium Power Linear Switching Applications
• Complementary to TIP120/121/122
Equivalent Circuit
B
E
C
R1
R2
R18k
R20.12k
1.Base
2.Collector
3.Emitter
1
TO-220




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BD434Medium Power Linear and Switching Applications 1 2 3 4 5 Fairchild Semiconductor
BD439Medium Power Linear and Switching Applications 1 2 3 4 Fairchild Semiconductor
BD135Medium Power Linear and Switching Applications 1 2 3 4 Fairchild Semiconductor
BD440Medium Power Linear and Switching Applications 1 2 3 4 Fairchild Semiconductor
TIP120Medium Power Linear Switching Applications 1 2 3 4 Fairchild Semiconductor
BD136Medium Power Linear and Switching Applications 1 2 3 4 Fairchild Semiconductor
BD533Medium Power Linear and Switching Applications 1 2 3 4 Fairchild Semiconductor
TIP29Medium Power Linear Switching Applications 1 2 3 4 Fairchild Semiconductor
BD175Medium Power Linear and Switching Applications 1 2 3 4 Fairchild Semiconductor
BD534Medium Power Linear and Switching Applications 1 2 3 4 Fairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl