Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIP106 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # TIP106
Description  Monolithic Construction With Built In Base- Emitter Shunt Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TIP106 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  TIP106 Datasheet HTML 1Page - Fairchild Semiconductor TIP106 Datasheet HTML 2Page - Fairchild Semiconductor TIP106 Datasheet HTML 3Page - Fairchild Semiconductor TIP106 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A1, June 2001
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Collector-Emitter Saturation Voltage
Base-Emitter Saturation Voltage
Figure 4. Collector Output Capacitance
Figure 5. Safe Operating Area
Figure 6. Power Derating
-0
-1
-2
-3
-4
-5
-0
-1
-2
-3
-4
-5
IB = -800 uA
IB = -900 uA
IB = -1000 uA
IB = -700 uA
IB = -600 uA
IB = -500 uA
IB = -400 uA
IB = -300 uA
IB = -200 uA
VCE[V], COLLECTOR-EMITTER VOLTAGE
-0.1
-1
-10
100
1k
10k
VCE = -4V
Ic[A], COLLECTOR CURRENT
-0.1
-1
-10
-100
-100
-1k
-10k
-100k
IC = 500 IB
VCE(sat)
VBE(sat)
IC[A], COLLECTOR CURRENT
-0.1
-1
-10
-100
1
10
100
1k
10k
f = 0.1 MHz
IE = 0
VCB[V], COLLECTOR-BASE VOLTAGE
-0.1
-1
-10
-100
-0.01
-0.1
-1
-10
-100
TIP106
TIP107
TIP105
1ms
DC
VCE[V], COLLECTOR-EMITTER VOLTAGE
0
255075
100
125
150
175
0
10
20
30
40
50
60
70
80
90
100
TC[
o
C], CASE TEMPERATURE


Similar Part No. - TIP106

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP106 MOSPEC-TIP106 Datasheet
200Kb / 4P
   POWER TRANSISTORS(8A,60-100V,80W)
logo
Rectron Semiconductor
TIP106 RECTRON-TIP106 Datasheet
76Kb / 3P
   TO-220 - Power Transistors and Darlingtons
logo
ON Semiconductor
TIP106 ONSEMI-TIP106 Datasheet
138Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 14
logo
Motorola, Inc
TIP106 MOTOROLA-TIP106 Datasheet
218Kb / 6P
   DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
SemiHow Co.,Ltd.
TIP106 SEMIHOW-TIP106 Datasheet
750Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
More results

Similar Description - TIP106

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
TIP100 SEMIHOW-TIP100 Datasheet
744Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
TIP125 SEMIHOW-TIP125 Datasheet
510Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
logo
Fairchild Semiconductor
FJPF9020TU FAIRCHILD-FJPF9020TU Datasheet
68Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
logo
SemiHow Co.,Ltd.
TIP106 SEMIHOW-TIP106_10 Datasheet
750Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
logo
TAI-SAW TECHNOLOGY CO.,...
TIP140T TAI-SAW-TIP140T_11 Datasheet
574Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
logo
Fairchild Semiconductor
TIP140 FAIRCHILD-TIP140 Datasheet
52Kb / 4P
   Monolithic Construction With Built In Base- Emitter Shunt Resistors
TIP141T FAIRCHILD-TIP141T Datasheet
52Kb / 4P
   Monolithic Construction With Built In Base- Emitter Shunt Resistors
logo
TAI-SAW TECHNOLOGY CO.,...
TIP145T TAI-SAW-TIP145T Datasheet
536Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
logo
SemiHow Co.,Ltd.
TIP120 SEMIHOW-TIP120 Datasheet
501Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
TIP140T SEMIHOW-TIP140T Datasheet
571Kb / 5P
   Monolithic Construction With Built In Base-Emitter Shunt Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com