Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6642ATT9A Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX6642ATT9A
Description  SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6642ATT9A Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX6642ATT9A Datasheet HTML 4Page - Maxim Integrated Products MAX6642ATT9A Datasheet HTML 5Page - Maxim Integrated Products MAX6642ATT9A Datasheet HTML 6Page - Maxim Integrated Products MAX6642ATT9A Datasheet HTML 7Page - Maxim Integrated Products MAX6642ATT9A Datasheet HTML 8Page - Maxim Integrated Products MAX6642ATT9A Datasheet HTML 9Page - Maxim Integrated Products MAX6642ATT9A Datasheet HTML 10Page - Maxim Integrated Products MAX6642ATT9A Datasheet HTML 11Page - Maxim Integrated Products MAX6642ATT9A Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
the ALERT is cleared by responding to the alert
response address and the temperature fault condition
still exists, ALERT is reasserted after the next tempera-
ture-monitoring cycle. To clear ALERT while the tempera-
ture is above the trip threshold, write a new high limit that
is higher than the current temperature. The ALERT out-
put is open drain, allowing multiple devices to share a
common interrupt line.
Alert Response Address
The SMBus alert response interrupt pointer provides
quick fault identification for simple slave devices like
temperature sensors. Upon receiving an ALERT inter-
rupt signal, the host master can broadcast a Receive
Byte transmission to the alert response slave address
(0001 100). Following such a broadcast, any slave
device that generated an interrupt attempts to identify
itself by putting its own address on the bus.
The alert response can activate several different slave
devices simultaneously, similar to the I2C General Call.
If more than one slave attempts to respond, bus arbitra-
±1°C, SMBus-Compatible Remote/Local
Temperature Sensor with Overtemperature Alarm
8
_______________________________________________________________________________________
ADDRESS
POR STATEFUNCTION
00h
00h (0000 0000)
Read local temperature
01h
00h (0000 0000)
Read remote temperature
02h
N/A
Read status byte
03h
10h (0001 0000)
Read configuration byte
05h
46h (0100 0110) +70
°C
Read local high limit
07h
78h (0111 1000) +120
°C Read remote high limit
09h
N/A
Write configuration byte
0Bh
N/A
Write local high limit
0DhN/A
Write remote high limit
0Fh
N/A
Single shot
10h
0000 0000
Read remote extended
temperature
11h
0000 0000
Read internal extended
temperature
FEh4Dh (0100 1101)
Read manufacturer ID
Table 3. Command-Byte Assignments
BIT
NAME
POR STATE
FUNCTION
7 (MSB)
MASK1
0
A 1 masks off (disables) the
ALERT interrupts.
6
STOP/RUN
0
A 1 puts the MAX6642 into standby mode.
5
External only
0
A 1 disables local temperature measurements so that only
remote temperature is measured. The measurement rate
becomes 8Hz.
4
Fault
queue
1
0:
ALERT is set by a single fault. 1: Two consecutive faults
are required to set
ALERT.
3 to 0
0000
Reserved.
Table 4. Configuration-Byte Bit Assignments
BIT
NAME
POR STATE
FUNCTION
7 (MSB)
BUSY
0
A 1 indicates the MAX6642 is busy converting.
6
LHIGH
0
A 1 indicates an internal high-temperature fault. Clear
LHIGH with a POR or by reading the status byte.
5
0
Reserved.
4
RHIGH
0
A 1 indicates an external high-temperature fault. Clear
RHIGH with a POR or by reading the status byte.
3
0
Reserved.
2
OPEN
0
A 1 indicates a diode open condition. Clear OPEN with a
POR or by reading the status byte when the condition no
longer exists.
1 to 0
0
Reserved.
Table 5. Status-Byte Bit Assignments


Similar Part No. - MAX6642ATT9A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6642ATT9A-T MAXIM-MAX6642ATT9A-T Datasheet
221Kb / 13P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with vertemperature Alarm
Rev 0; 8/03
MAX6642ATT9A-T MAXIM-MAX6642ATT9A-T Datasheet
154Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 1; 10/08
MAX6642ATT9A-T MAXIM-MAX6642ATT9A-T Datasheet
218Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 2; 7/09
MAX6642ATT9A-T MAXIM-MAX6642ATT9A-T Datasheet
160Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
MAX6642ATT9A-T MAXIM-MAX6642ATT9A-T Datasheet
174Kb / 14P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
2015
More results

Similar Description - MAX6642ATT9A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6642 MAXIM-MAX6642_V01 Datasheet
174Kb / 14P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
2015
MAX6642 MAXIM-MAX6642_09 Datasheet
218Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 2; 7/09
MAX6642_0910 MAXIM-MAX6642_0910 Datasheet
160Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
MAX6642 MAXIM-MAX6642_08 Datasheet
154Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 1; 10/08
MAX6642 MAXIM-MAX6642 Datasheet
221Kb / 13P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with vertemperature Alarm
Rev 0; 8/03
MAX6657 MAXIM-MAX6657 Datasheet
275Kb / 17P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 2; 1/02
MAX6648 MAXIM-MAX6648_08 Datasheet
200Kb / 16P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 4; 6/08
MAX6648 MAXIM-MAX6648 Datasheet
280Kb / 17P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 1; 10/02
MAX6657 MAXIM-MAX6657_10 Datasheet
170Kb / 16P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 5; 10/10
MAX6646 MAXIM-MAX6646 Datasheet
227Kb / 16P
   145째C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 1; 7/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com