Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6314US33D1-T Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6314US33D1-T
Description  68HC11/Bidirectional-Compatible muP Reset Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6314US33D1-T Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX6314US33D1-T Datasheet HTML 1Page - Maxim Integrated Products MAX6314US33D1-T Datasheet HTML 2Page - Maxim Integrated Products MAX6314US33D1-T Datasheet HTML 3Page - Maxim Integrated Products MAX6314US33D1-T Datasheet HTML 4Page - Maxim Integrated Products MAX6314US33D1-T Datasheet HTML 5Page - Maxim Integrated Products MAX6314US33D1-T Datasheet HTML 6Page - Maxim Integrated Products MAX6314US33D1-T Datasheet HTML 7Page - Maxim Integrated Products MAX6314US33D1-T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
68HC11/Bidirectional-Compatible
µP Reset Circuit
_______________________________________________________________________________________
7
Figure 4. RESET Timing Diagram
tR
tS
RESET
RESET PULLED LOW
BY µC OR
RESET GENERATOR
ACTIVE
PULL-UP
TURNS ON
VCC
0.5V
0.8 x VCC
tRP
OR
µC RESET DELAY
The MAX6314 is available in a SOT143 package, -40°C to +85°C temperature range.
††The first two letters in the package top mark identify the part, while the remaining two letters are the lot tracking code.
†††Sample stocks generally held on the bolded products; also, the bolded products have 2,500 piece minimum-order quantities.
Non-bolded products have 10,000 piece minimum-order quantities. Contact factory for details.
Devices are available in both leaded and lead-free packaging. Specify lead-free by replacing “-T” with “+T” when ordering.
Note: All devices available in tape-and-reel only. Contact factory for availability.
___________________________________________Ordering Information (continued)
PART
NOMINAL
VTH (V)
MIN tRP
(ms)
TOP
MARK††
MAX6314US44D1-T†††
4.39
1
AG_ _
MAX6314US43D1-T
4.30
1
AH_ _
MAX6314US42D1-T
4.20
1
AI_ _
MAX6314US41D1-T
4.10
1
AJ_ _
MAX6314US40D1-T
4.00
1
AK_ _
MAX6314US39D1-T
3.90
1
AL_ _
MAX6314US38D1-T
3.80
1
CA_ _
MAX6314US37D1-T
3.70
1
CB_ _
MAX6314US36D1-T
3.60
1
CC_ _
MAX6314US35D1-T
3.50
1
CD_ _
MAX6314US34D1-T
3.40
1
CE_ _
MAX6314US33D1-T
3.30
1
CF_ _
MAX6314US32D1-T
3.20
1
CG_ _
MAX6314US31D1-T
3.08
1
CH_ _
MAX6314US30D1-T
3.00
1
CI_ _
MAX6314US29D1-T
2.93
1
CJ_ _
MAX6314US28D1-T
2.80
1
CK_ _
MAX6314US27D1-T
2.70
1
CL_ _
MAX6314US26D1-T†††
2.63
1
CM_ _
PART
NOMINAL
VTH (V)
MIN tRP
(ms)
TOP
MARK††
MAX6314US25D1-T
2.50
1
CN_ _
MAX6314US50D2-T
5.00
20
CO_ _
MAX6314US49D2-T
4.90
20
CP_ _
MAX6314US48D2-T
4.80
20
CQ_ _
MAX6314US47D2-T
4.70
20
CR_ _
MAX6314US46D2-T
4.63
20
CS_ _
MAX6314US45D2-T
4.50
20
CT_ _
MAX6314US44D2-T†††
4.39
20
CU_ _
MAX6314US43D2-T
4.30
20
CV_ _
MAX6314US42D2-T
4.20
20
CW_ _
MAX6314US41D2-T
4.10
20
CX_ _
MAX6314US40D2-T
4.00
20
CY_ _
MAX6314US39D2-T
3.90
20
CZ_ _
MAX6314US38D2-T
3.80
20
DA_ _
MAX6314US37D2-T
3.70
20
DB_ _
MAX6314US36D2-T
3.60
20
DC_ _
MAX6314US35D2-T
3.50
20
DD_ _
MAX6314US34D2-T
3.40
20
DE_ _
MAX6314US33D2-T
3.30
20
DJ_ _


Similar Part No. - MAX6314US33D1-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6314US33D1-T MAXIM-MAX6314US33D1-T Datasheet
114Kb / 8P
   68HC11/Bidirectional-Compatible 關P Reset Circuit
Rev 1; 1/99
More results

Similar Description - MAX6314US33D1-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6314 MAXIM-MAX6314 Datasheet
114Kb / 8P
   68HC11/Bidirectional-Compatible 關P Reset Circuit
Rev 1; 1/99
MAX6315US30D3 MAXIM-MAX6315US30D3 Datasheet
536Kb / 7P
   Open-Drain SOT muP Reset Circuit
Rev 3; 12/05
MAX6414UK31 MAXIM-MAX6414UK31 Datasheet
211Kb / 12P
   Low-Power, Single/Dual-Voltage muP Reset Circuits
Rev 5; 8/12
logo
Texas Instruments
ADC0804LCWMX TI-ADC0804LCWMX Datasheet
3Mb / 48P
[Old version datasheet]   8-Bit muP Compatible A/D Converters
logo
Maxim Integrated Produc...
MAX6337US23D3-T MAXIM-MAX6337US23D3-T Datasheet
199Kb / 8P
   4-Pin, Ultra-Low-Voltage, Low-Power muP Reset Circuits with Manual Reset
Rev 2; 12/05
logo
Analog Devices
AD7548JNZ AD-AD7548JNZ Datasheet
627Kb / 12P
   LC2 MOS 8-Bit muP-Compatible 12-bit DAC
REV. A
logo
STMicroelectronics
STM809 STMICROELECTRONICS-STM809 Datasheet
255Kb / 18P
   Reset Circuit
STM809 STMICROELECTRONICS-STM809_10 Datasheet
424Kb / 21P
   Reset circuit
STM1001 STMICROELECTRONICS-STM1001 Datasheet
185Kb / 13P
   Reset Circuit
November 2004
STM1001 STMICROELECTRONICS-STM1001_05 Datasheet
243Kb / 14P
   Reset Circuit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com