Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5900LCETT-T Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5900LCETT-T
Description  -100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5900LCETT-T Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5900LCETT-T Datasheet HTML 3Page - Maxim Integrated Products MAX5900LCETT-T Datasheet HTML 4Page - Maxim Integrated Products MAX5900LCETT-T Datasheet HTML 5Page - Maxim Integrated Products MAX5900LCETT-T Datasheet HTML 6Page - Maxim Integrated Products MAX5900LCETT-T Datasheet HTML 7Page - Maxim Integrated Products MAX5900LCETT-T Datasheet HTML 8Page - Maxim Integrated Products MAX5900LCETT-T Datasheet HTML 9Page - Maxim Integrated Products MAX5900LCETT-T Datasheet HTML 10Page - Maxim Integrated Products MAX5900LCETT-T Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Turn-On and Turn-Off Delays
After power is applied, or ON/OFF is released, there is
a 300ms delay (tON) before the gate ramp is started.
This delay is also the automatic restart time delay.
In the event of a circuit-breaker condition or an over-
temperature fault condition, the turn-off delay is less
than 2µs. An undervoltage condition must exist for at
least 20ms (tOFF) before the MAX5900/MAX5901 turn
off the external MOSFET. ON/OFF must be held low for
at least 20ms (tOFF) before the MAX5900/MAX5901 turn
off the external MOSFET. Turn-off delay minimizes spu-
rious shutdowns due to noisy signals or momentary
voltage spikes, as well as preventing accidental
resetting of the circuit-breaker latch (MAX5900L/
MAX5901L).
Thermal Shutdown
A thermal shutdown feature helps protect the external
MOSFET. If the die temperature of the MAX5900/
MAX5901 exceeds +125°C, the MOSFET is turned off.
For accurate performance, the MAX5900/MAX5901
must be in close thermal contact with the external
MOSFET (see the Layout Guidelines section). Due to
the low power dissipation of the MAX5900/MAX5901, its
junction temperature will typically be within a few
degrees of the MOSFET. All versions of the MAX5900/
MAX5901 automatically restart from a temperature fault
when the junction temperature drops below +110°C.
Undervoltage Lockout
The MAX5900/MAX5901 turn off the external MOSFET if
the magnitude of the input voltage is below the level set
by ON/OFF for longer than 20ms (tOFF). If ON/OFF is
left unconnected, the lockout voltage (VUVLO) defaults
to -31.5V. VUVLO may also be set to any value within
the power-supply range by using external resistors. To
set the lockout voltage to a value between -9V and
-100V, use a resistor-divider connected between GND
and VEE, with the center node of the divider connected
to ON/OFF. For example, use a 3k
Ω resistor (R1 in
Figure 2) from ON/OFF to VEE and calculate the other
resistor, R2, using:
where VUVLO is the desired lockout voltage, and
VON/OFF is the ON/OFF reference threshold specified in
the Electrical Characteristics table (typically 1.26V).
Figure 2 shows an example circuit with VUVLO set for
-20V. To defeat the UVLO, simply connect a single 100k
resistor between ON/OFF and GND, as shown in Figure 4.
RR
VUVLO
21
126
1
⎝⎜
⎠⎟
.
-100V, SOT23/TDFN, Simple Swapper
Hot-Swap Controllers
_______________________________________________________________________________________
7
HOT-SWAP CONTROLLER
OPTIONAL
-48V
VEE
GND
R2
47k
R1
3k
MAX5900
GND
ON/OFF
ON/OFF
MAX5901
DGND
HOT-SWAP CONTROLLER #1
VEE
GND
C
2C
MAX5900
GND
ON/OFF
HOT-SWAP CONTROLLER #2
VEE
VEE
GND
ON/OFF
MAX5901
MAX5900
MAX5901
Figure 2. Programmed -20V Lockout With Optional
Optocoupler On/Off Control
Figure 3. Power-Supply Sequencing
Figure 4. Defeating Undervoltage Lockout
HOT-SWAP CONTROLLER
-48V
VEE
GND
100k
MAX5900
GND
ON/OFF
MAX5901


Similar Part No. - MAX5900LCETT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5900LCETT-T MAXIM-MAX5900LCETT-T Datasheet
295Kb / 14P
   -100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
More results

Similar Description - MAX5900LCETT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5901LAETT-T MAXIM-MAX5901LAETT-T Datasheet
295Kb / 14P
   -100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5900 MAXIM-MAX5900_07 Datasheet
295Kb / 14P
   100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5902 MAXIM-MAX5902_07 Datasheet
339Kb / 14P
   72V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 3; 1/07
MAX5902AAETT-T MAXIM-MAX5902AAETT-T Datasheet
339Kb / 14P
   72V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 3; 1/07
MAX5900 MAXIM-MAX5900 Datasheet
260Kb / 11P
   -100V SOT23 Simple Swapper Hot-Swap Controllers
19-1988; Rev 3; 8/03
MAX5902 MAXIM-MAX5902 Datasheet
279Kb / 11P
   72V SOT23 Simple Swapper Hot-Swap Controllers
19-1988; Rev 1; 9/02
MAX5911 MAXIM-MAX5911 Datasheet
417Kb / 8P
   -48V Simple Swapper Hot-Swap Switches
19-1832; Rev 0a; 1/01
MAX5910 MAXIM-MAX5910 Datasheet
273Kb / 11P
   65V Simple Swapper Hot-Swap Switches
19-1706; Rev 0; 7/01
MAX5923 MAXIM-MAX5923 Datasheet
444Kb / 12P
   60V Simple Swapper Hot-Swap Switch
Rev 0; 4/03
logo
Linear Technology
LTC1647-1 LINER-LTC1647-1_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com