Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP5037 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP5037
Description  Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5037 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP5037 Datasheet HTML 6Page - Analog Devices ADP5037 Datasheet HTML 7Page - Analog Devices ADP5037 Datasheet HTML 8Page - Analog Devices ADP5037 Datasheet HTML 9Page - Analog Devices ADP5037 Datasheet HTML 10Page - Analog Devices ADP5037 Datasheet HTML 11Page - Analog Devices ADP5037 Datasheet HTML 12Page - Analog Devices ADP5037 Datasheet HTML 13Page - Analog Devices ADP5037 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ADP5037
Data Sheet
Rev. D | Page 10 of 28
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
IOUT (A)
–40°C
+25°C
+85°C
Figure 15. BUCK1 Efficiency vs. Load Current, Across Temperature,
VIN = 3.9 V, VOUT1 = 3.3 V, Auto Mode
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
IOUT (A)
+85°C
+25°C
–40°C
Figure 16. BUCK2 Efficiency vs. Load Current, Across Temperature,
VOUT2 = 1.8 V, Auto Mode
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
IOUT (A)
+85°C
+25°C
–40°C
Figure 17. BUCK1 Efficiency vs. Load Current, Across Temperature
VOUT1 = 0.8 V, Auto Mode
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
0
0.2
0.4
0.6
0.8
1.0
1.2
IOUT (A)
+85°C
+25°C
–40°C
Figure 18. BUCK2 Switching Frequency vs. Output Current, Across
Temperature, VOUT2 = 1.8 V, PWM Mode
2
4
T
1
CH1 50.0mV
M 4.00µs
A CH2
240mA
T 28.40%
CH2 500mA Ω
CH4 2.00V
ISW
VOUT
SW
Figure 19. Typical Waveforms, VOUT1 = 3.3 V, IOUT1 = 30 mA, Auto Mode
2
4
T
1
CH1 50.0mV BW
M 4.00µs
A CH2
220mA
T 28.40%
CH2 500mA Ω
CH4 2.00V BW
ISW
VOUT
SW
Figure 20. Typical Waveforms, VOUT2 = 1.8 V, IOUT2 = 30 mA, Auto Mode


Similar Part No. - ADP5037

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5037 AD-ADP5037 Datasheet
758Kb / 28P
   Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs
REV. D
ADP5037 AD-ADP5037 Datasheet
782Kb / 24P
   Triple 1800 mA Buck Regulator with Precision Enables and Power-Good Outputs
Rev. 0
ADP5037 AD-ADP5037 Datasheet
758Kb / 28P
   Dual 3 MHz, 1200 mA Buck Regulators with Two 300 mA LDOs
Rev. E
More results

Similar Description - ADP5037

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5033 AD-ADP5033 Datasheet
681Kb / 28P
   Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs
REV. 0
ADP5037 AD-ADP5037 Datasheet
758Kb / 28P
   Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs
REV. D
ADP5034 AD-ADP5034_V01 Datasheet
758Kb / 28P
   Dual 3 MHz, 1200 mA Buck Regulators with Two 300 mA LDOs
Rev. E
ADP5034 AD-ADP5034 Datasheet
706Kb / 28P
   Dual 3 MHz, 1200 mA Buck Regulators with Two 300 mA LDOs
REV. A
ADP5023 AD-ADP5023 Datasheet
826Kb / 28P
   Dual 3 MHz, 800 mA Buck
REV. A
logo
Microchip Technology
MIC2810 MICROCHIP-MIC2810 Datasheet
2Mb / 26P
   Digital Power Management IC 2 MHz, 600 mA DC/DC with Dual 300 mA/300 mA Low VIN LDOs
09/14/21
logo
Analog Devices
ADP5024 AD-ADP5024 Datasheet
993Kb / 28P
   Dual 3 MHz, 1200 mA Buck
REV. A
ADP2140 AD-ADP2140 Datasheet
2Mb / 32P
   3 MHz, 600 mA, Low Quiescent Current Buck with 300 mA LDO Regulator
Rev. B
ADP5022 AD-ADP5022 Datasheet
683Kb / 28P
   Dual 3 MHz, 600 mA Buck Regulator with 150 mA LDO
REV. A
ADP5041 AD-ADP5041 Datasheet
4Mb / 40P
   Micro PMU with 1.2 A Buck, Two 300 mA LDOs, Supervisory, Watchdog, and Manual Reset
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com