Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5900NNETT-T Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5900NNETT-T
Description  -100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5900NNETT-T Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5900NNETT-T Datasheet HTML 1Page - Maxim Integrated Products MAX5900NNETT-T Datasheet HTML 2Page - Maxim Integrated Products MAX5900NNETT-T Datasheet HTML 3Page - Maxim Integrated Products MAX5900NNETT-T Datasheet HTML 4Page - Maxim Integrated Products MAX5900NNETT-T Datasheet HTML 5Page - Maxim Integrated Products MAX5900NNETT-T Datasheet HTML 6Page - Maxim Integrated Products MAX5900NNETT-T Datasheet HTML 7Page - Maxim Integrated Products MAX5900NNETT-T Datasheet HTML 8Page - Maxim Integrated Products MAX5900NNETT-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
-100V, SOT23/TDFN, Simple Swapper
Hot-Swap Controllers
_______________________________________________________________________________________
3
Note 1: All currents into device pins are positive, all currents out of device pins are negative, and all voltages are referenced to
GND, unless otherwise noted.
Note 2: All specifications are 100% tested at TA = +25°C. Specifications over -40°C to +85°C are guaranteed by characterization.
Note 3: This is the delay time from a valid on condition until VGS begins rising. Valid on conditions are: the device is not in undervolt-
age lockout; ON/OFF is not driven low; and the device is not in thermal shutdown.
Note 4: This is the delay from a valid low on ON/OFF until VGS falls. Pulses on ON/OFF less than tOFF are ignored, offering glitch
immunity.
Note 5: Guaranteed by design, not production tested.
Note 6: For a detailed description, see the Power-Good Output section.
ELECTRICAL CHARACTERISTICS (continued)
(VEE = -9V to -100V, GND = 0V, ON/OFF open circuit, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VEE = -48V
and TA = +25°C.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
PGOOD (PGOOD)
Assertion Threshold
(Note 6)
VPG
VDRAIN - VEE; MAX590_A,
MAX590_L only
0.75 VCB
mV
PGOOD (PGOOD)
Output Low Voltage
VOL
MAX5900, VPGOOD - VEE, IOL = 1mA;
MAX5901, VPGOOD - VEE, IOL = 1mA
0.6
1.65
V
Power-Good Output Open-
Drain Leakage Current
IOH
VPGOOD - VEE = 100V (MAX5900);
VPGOOD - VEE = 100V (MAX5901)
0.2
10
µA
Thermal Shutdown
Temperature
TSD
Junction temperature
+125
°C
Thermal Shutdown
Hysteresis
THY
15
°C
Typical Operating Characteristics
(VEE = -48V, GND = 0V, and TA = +25°C, unless otherwise noted. See Figure 6 for test circuits.)
0.5
0.7
0.6
0.9
0.8
1.0
1.1
-100
-60
-80
-40
-20
0
SUPPLY CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
100k
Ω FROM ON/OFF TO GND
0.55
0.65
0.60
0.75
0.70
0.85
0.80
0.90
-50
0
25
-25
50
75
100
125
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
VEE = -75V
VEE = -48V
VEE = -12V
-37.5
-35.5
-36.5
-34.5
-33.5
-32.5
-31.5
-30.5
-29.5
-28.5
-27.5
-26.5
-25.5
DEFAULT UNDERVOLTAGE LOCKOUT
vs. TEMPERATURE
TEMPERATURE (
°C)
-50
0
25
-25
50
75
100
125
DECREASING |VEE|
INCREASING |VEE|


Similar Part No. - MAX5900NNETT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5900NNETT-T MAXIM-MAX5900NNETT-T Datasheet
295Kb / 14P
   -100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
More results

Similar Description - MAX5900NNETT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5901ABEUT-T MAXIM-MAX5901ABEUT-T Datasheet
295Kb / 14P
   -100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5900 MAXIM-MAX5900_07 Datasheet
295Kb / 14P
   100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5902 MAXIM-MAX5902_07 Datasheet
339Kb / 14P
   72V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 3; 1/07
MAX5902AAETT-T MAXIM-MAX5902AAETT-T Datasheet
339Kb / 14P
   72V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 3; 1/07
MAX5900 MAXIM-MAX5900 Datasheet
260Kb / 11P
   -100V SOT23 Simple Swapper Hot-Swap Controllers
19-1988; Rev 3; 8/03
MAX5902 MAXIM-MAX5902 Datasheet
279Kb / 11P
   72V SOT23 Simple Swapper Hot-Swap Controllers
19-1988; Rev 1; 9/02
MAX5911 MAXIM-MAX5911 Datasheet
417Kb / 8P
   -48V Simple Swapper Hot-Swap Switches
19-1832; Rev 0a; 1/01
MAX5910 MAXIM-MAX5910 Datasheet
273Kb / 11P
   65V Simple Swapper Hot-Swap Switches
19-1706; Rev 0; 7/01
MAX5923 MAXIM-MAX5923 Datasheet
444Kb / 12P
   60V Simple Swapper Hot-Swap Switch
Rev 0; 4/03
logo
Linear Technology
LTC1647-1 LINER-LTC1647-1_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com