Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5901LBEUT-T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5901LBEUT-T
Description  -100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5901LBEUT-T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5901LBEUT-T Datasheet HTML 1Page - Maxim Integrated Products MAX5901LBEUT-T Datasheet HTML 2Page - Maxim Integrated Products MAX5901LBEUT-T Datasheet HTML 3Page - Maxim Integrated Products MAX5901LBEUT-T Datasheet HTML 4Page - Maxim Integrated Products MAX5901LBEUT-T Datasheet HTML 5Page - Maxim Integrated Products MAX5901LBEUT-T Datasheet HTML 6Page - Maxim Integrated Products MAX5901LBEUT-T Datasheet HTML 7Page - Maxim Integrated Products MAX5901LBEUT-T Datasheet HTML 8Page - Maxim Integrated Products MAX5901LBEUT-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
-100V, SOT23/TDFN, Simple Swapper
Hot-Swap Controllers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VEE = -9V to -100V, GND = 0V, ON/OFF open circuit, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VEE = -48V
and TA = +25°C.) (Notes 1, 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Terminal Voltage (with respect to GND, unless otherwise noted)
VEE, DRAIN, PGOOD, PGOOD ............................-120V to +0.3V
ON/OFF to VEE .........................................................-0.3V to +4V
GATE to VEE ......................................................... -0.3V to +12V
Current into Any Pin............................................................±3mA
Continuous Power Dissipation (TA = +70°C)
6-Pin SOT23 (derate 9.1mW/°C above +70°C)...........727mW
6-Pin TDFN (derate 18.2mW/°C above +70°C) ........1454mW
Junction to Case Thermal Resistance,
θJC (TDFN) ........8.5°C/W
Maximum Junction Temperature .....................................+150°C
Storage Temperature Range .............................-60°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VEE
-100
-9
V
Supply Current
IGND
Measured at GND
0.5
1.3
mA
VEE = -36V to -72V
7.5
9.5
11.6
VEE = -100V
8
10
11.6
External Gate Drive
VGS
VGATE - VEE
VEE = -9V
6
7
V
Load Voltage Slew-Rate
Magnitude
SR
| dVDRAIN/dt |, CLOAD = 10µF, VEE = -9V to -36V
4.5
10
17
V/ms
Default UVLO
VUVLO
|VEE| increasing
-34.5
-31.5
-28.5
V
UVLO Hysteresis
3.5
V
ON/OFF Input Resistance
RON/OFF
20
32
50
k
Drain to VEE Resistance
RDVEE
466
k
ON/OFF Reference
Threshold
VON/OFF
(VON/OFF - VEE) increasing
1.14
1.26
1.38
V
ON/OFF Hysteresis
140
mV
Start Delay (Note 3)
tON
150
300
500
ms
ON/OFF Off Delay (Note 4)
tOFF
VGATE - VEE < 1V
9
20
32
ms
MAX590_ _AEUT
170
200
240
MAX590_ _BEUT
265
300
345
Circuit-Breaker
Threshold
VCB
VDRAIN - VEE
MAX590_ _CEUT
365
400
455
mV
CGATE = 1nF
1.5
3
CGATE = 4.7nF
2.5
4.5
Circuit-Breaker Delay
(Note 5)
tCB
(VDRAIN - VEE) > VCB
until (VGATE - VEE ) <
1V, 200mV overdrive
step
CGATE = 10nF
4
6
µs
Restart Delay (Note 3)
tRS
After circuit-breaker event, MAX590_A_EUT only
150
300
500
ms


Similar Part No. - MAX5901LBEUT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5901LBEUT-T MAXIM-MAX5901LBEUT-T Datasheet
295Kb / 14P
   -100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
More results

Similar Description - MAX5901LBEUT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5901ABEUT-T MAXIM-MAX5901ABEUT-T Datasheet
295Kb / 14P
   -100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5900 MAXIM-MAX5900_07 Datasheet
295Kb / 14P
   100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5902 MAXIM-MAX5902_07 Datasheet
339Kb / 14P
   72V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 3; 1/07
MAX5902AAETT-T MAXIM-MAX5902AAETT-T Datasheet
339Kb / 14P
   72V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 3; 1/07
MAX5900 MAXIM-MAX5900 Datasheet
260Kb / 11P
   -100V SOT23 Simple Swapper Hot-Swap Controllers
19-1988; Rev 3; 8/03
MAX5902 MAXIM-MAX5902 Datasheet
279Kb / 11P
   72V SOT23 Simple Swapper Hot-Swap Controllers
19-1988; Rev 1; 9/02
MAX5911 MAXIM-MAX5911 Datasheet
417Kb / 8P
   -48V Simple Swapper Hot-Swap Switches
19-1832; Rev 0a; 1/01
MAX5910 MAXIM-MAX5910 Datasheet
273Kb / 11P
   65V Simple Swapper Hot-Swap Switches
19-1706; Rev 0; 7/01
MAX5923 MAXIM-MAX5923 Datasheet
444Kb / 12P
   60V Simple Swapper Hot-Swap Switch
Rev 0; 4/03
logo
Linear Technology
LTC1647-1 LINER-LTC1647-1_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com