Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDC1044AN9C Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # TDC1044AN9C
Description  Monolithic Video A/D Converter 4-Bit, 25 Msps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TDC1044AN9C Datasheet(HTML) 5 Page - Fairchild Semiconductor

  TDC1044AN9C Datasheet HTML 1Page - Fairchild Semiconductor TDC1044AN9C Datasheet HTML 2Page - Fairchild Semiconductor TDC1044AN9C Datasheet HTML 3Page - Fairchild Semiconductor TDC1044AN9C Datasheet HTML 4Page - Fairchild Semiconductor TDC1044AN9C Datasheet HTML 5Page - Fairchild Semiconductor TDC1044AN9C Datasheet HTML 6Page - Fairchild Semiconductor TDC1044AN9C Datasheet HTML 7Page - Fairchild Semiconductor TDC1044AN9C Datasheet HTML 8Page - Fairchild Semiconductor TDC1044AN9C Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
PRODUCT SPECIFICATION
TDC1044A
5
Absolute Maximum Ratings
(beyond which the device may be damaged)1
Notes:
1. Absolute maximum ratings are limiting values applied individually while all other parameters are within specified operating
conditions. Functional operation under any of these conditions is NOT implied.
2. Applied voltage must be current limited to specified range.
3. Forcing voltage must be limited to specified range.
4. Current is specified as positive when flowing into the device.
Operating Conditions
Type
Parameter
Min
Max
Unit
Supply Voltages
VCC (measured to DGND)
-0.5
7.0
V
VEE (measured to AGND)
+0.5
-7.0
V
AGND (measured to DGND)
-0.5
+0.5
V
Input Voltages
CONV, NMINV, NLINV (measured to DGND)
-0.5
+5.5
V
VIN, VRT, VRB (measured to AGND)
+0.5
VEE
V
VRT (measured to VRB)
-2.2
+2.2
V
Output
Applied voltage (measured to DGND)
2
-0.5
+5.5
V
Applied current, externally forced3,4
-1.0
+6.0
mA
Short circuit duration (single output in high state to ground)
1
sec
Temperature
Operating, ambient
-55
+125
°C
Operating, junction
+150
°C
Lead, soldering (10 seconds)
+300
°C
Storage
-65
+150
°C
Parameter
Min.
Nom.
Max.
Units
VCC
Positive Supply Voltage (measured to DGND)
4.75
5.0
5.25
V
VEE
Negative Supply Voltage (measured to AGND)
-4.9
-5.2
-5.5
V
VAGND
Analog Ground Voltage (measured to DGND)
-0.1
0.0
0.1
V
tPWL
CONV Pulse Width, LOW
17
ns
tPWH
CONV Pulse Width, HIGH
17
ns
VIL
Input Voltage, Logic LOW
0.8
V
VIH
Input Voltage, Logic HIGH
2.0
V
IOL
Output Current, Logic LOW
4.0
mA
IOH
Output Current, Logic HIGH
-400
mA
VRT
Most Positive Reference
-1.9
0.0
0.1
V
VRB
Most Negative Reference
-2.1
-1.0
-0.1
V
VRT – VRB
Reference Differential
0.2
1.0
2.0
V
VIN
Input Voltage
VRB
VRT
V
TA
Ambient Temperature, Still Air
0
70
°C


Similar Part No. - TDC1044AN9C

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TDC104035NSE-F CDE-TDC104035NSE-F Datasheet
195Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
TDC104035NSE-F CDE-TDC104035NSE-F Datasheet
149Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
TDC104050NSE-F CDE-TDC104050NSE-F Datasheet
195Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
TDC104050NSE-F CDE-TDC104050NSE-F Datasheet
149Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
More results

Similar Description - TDC1044AN9C

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9225ARZ AD-AD9225ARZ Datasheet
914Kb / 25P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. C
AD9225 AD-AD9225_03 Datasheet
460Kb / 24P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. B
AD9225 AD-AD9225 Datasheet
321Kb / 24P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. A
AD9225 AD-AD9225_15 Datasheet
914Kb / 25P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. C
logo
Intersil Corporation
HI3304 INTERSIL-HI3304 Datasheet
117Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converter
August 1997
HI3304 INTERSIL-HI3304_02 Datasheet
289Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converter
logo
Analog Devices
AD9032 AD-AD9032_15 Datasheet
253Kb / 8P
   12-Bit 25 MSPS A/D Converter
REV. 0
logo
Intersil Corporation
HI1179 INTERSIL-HI1179 Datasheet
117Kb / 14P
   8-Bit, 35 MSPS, Video A/D Converter
August 1997
logo
Cadeka Microcircuits LL...
TMC1175A CADEKA-TMC1175A Datasheet
467Kb / 18P
   Video A/D Converter 8 bit, 40 Msps
logo
Renesas Technology Corp
HI1179 RENESAS-HI1179 Datasheet
721Kb / 15P
   8-Bit, 35 MSPS, Video A/D Converter
October 25, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com