Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4583LESE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4583LESE
Description  Low-Voltage, CMOS Analog Multiplexers/Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4583LESE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4583LESE Datasheet HTML 1Page - Maxim Integrated Products MAX4583LESE Datasheet HTML 2Page - Maxim Integrated Products MAX4583LESE Datasheet HTML 3Page - Maxim Integrated Products MAX4583LESE Datasheet HTML 4Page - Maxim Integrated Products MAX4583LESE Datasheet HTML 5Page - Maxim Integrated Products MAX4583LESE Datasheet HTML 6Page - Maxim Integrated Products MAX4583LESE Datasheet HTML 7Page - Maxim Integrated Products MAX4583LESE Datasheet HTML 8Page - Maxim Integrated Products MAX4583LESE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
100
90
70
60
80
0
06
7
8
9 10 11
12 3
4
5
12
ON-RESISTANCE vs. VCOM
VCOM (V)
50
40
30
20
10
100
90
70
60
80
0
06
7
8
9 10 11
12 3
4
5
12
ON-RESISTANCE vs. VCOM
VCOM (V)
50
40
30
20
10
TA = +70
°C T
A = +85
°C
TA = -40
°C
TA = +25
°C
TA = 0
°C
100
10
1
0.0001
-40
35 50 65 80 95 110
-25 -10 5
20
125
OFF-LEAKAGE CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
0.1
0.01
0.001
IX, IY, IZ
IX_, IY_, IZ_
Typical Operating Characteristics
(VCC = 12V, VEN = GND, TA = +25°C, unless otherwise noted.)
Low-Voltage, CMOS Analog
Multiplexers/Switches
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +12V
±5%, V_H = 2.0V, V_L = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
TEMP
MIN
TYP
(NOTE 3)
MAX
UNITS
Off-Isolation
VISO
RL = 50
Ω, ƒ = 1MHz
(Figure 7)
+25°C
-90
dB
Channel-to-Channel
Crosstalk
VCT
RL = 50
Ω, ƒ = 1MHz
(Figure 7)
+25°C
-96
dB
Total Harmonic Distortion
THD
RL = 600
Ω,
VX_ or VY_ or VZ_ = 5VP-P,
ƒ = 20Hz to 20kHz
+25°C
0.02
%
POWER SUPPLY
Power-Supply Range
VCC
2
12.6
V
+25°C
-1
+1
Power-Supply Current
ICC
VCC = 12.6V; VA, VB, VZ,
VENABLE = VCC or 0V
-40°C to +85°C
-10
+10
µA
Note 2: Thin QFN packages are production tested at TA = +85
°C. Limits over temperature are guaranteed by design.
Note 3: The algebraic convention used in this data sheet is where the most negative value is the minimum column.
Note 4:
ΔRON = RON(MAX) - RON(MIN).
Note 5: Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the
specified analog signal ranges.
Note 6: Leakage parameters are 100% tested at the maximum-rated hot operating temperature and guaranteed by design at TA =
+25°C.
Note 7: Guaranteed by design, not production tested.


Similar Part No. - MAX4583LESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4583L MAXIM-MAX4583L Datasheet
381Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 8/03
More results

Similar Description - MAX4583LESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4581 MAXIM-MAX4581 Datasheet
253Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 10/99
MAX4581 MAXIM-MAX4581_12 Datasheet
198Kb / 17P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 6; 3/12
MAX4581 MAXIM-MAX4581_05 Datasheet
553Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 4; 8/05
MAX4581 MAXIM-MAX4581_07 Datasheet
519Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 5; 6/07
MAX4051 MAXIM-MAX4051 Datasheet
148Kb / 20P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 0; 1/96
MAX4581L MAXIM-MAX4581L_07 Datasheet
304Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4581L MAXIM-MAX4581L Datasheet
381Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 8/03
MAX4052AESE-T MAXIM-MAX4052AESE-T Datasheet
368Kb / 19P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 2; 10/05
MAX4051 MAXIM-MAX4051_V01 Datasheet
368Kb / 19P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 2; 10/05
MAX4581L MAXIM-MAX4581L_V01 Datasheet
1Mb / 13P
   Low-Voltage, CMOS Analog Multiplexers/Switches
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com