Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3225ECAP Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3225ECAP
Description  15,-15kV ESD-Protected, 1muA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3225ECAP Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3225ECAP Datasheet HTML 1Page - Maxim Integrated Products MAX3225ECAP Datasheet HTML 2Page - Maxim Integrated Products MAX3225ECAP Datasheet HTML 3Page - Maxim Integrated Products MAX3225ECAP Datasheet HTML 4Page - Maxim Integrated Products MAX3225ECAP Datasheet HTML 5Page - Maxim Integrated Products MAX3225ECAP Datasheet HTML 6Page - Maxim Integrated Products MAX3225ECAP Datasheet HTML 7Page - Maxim Integrated Products MAX3225ECAP Datasheet HTML 8Page - Maxim Integrated Products MAX3225ECAP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
±15kV ESD-Protected, 1µA, 1Mbps, 3.0V to 5.5V,
RS-232 Transceivers with AutoShutdown Plus
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +3V to +5.5V, C1–C4 = 0.1µF, tested at 3.3V ±10%; C1 = 0.047µF, C2–C4 = 0.33µF, tested at 5.0V ±10%; TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ..............................................................-0.3V to +6V
V+ to GND (Note 1) ..................................................-0.3V to +7V
V- to GND (Note 1) ...................................................+0.3V to -7V
V+ +
⏐V-⏐(Note 1) ................................................................+13V
Input Voltages
T_IN, FORCEON, FORCEOFF to GND ................ -0.3V to +6V
R_IN to GND ....................................................................±25V
Output Voltages
T_OUT to GND.............................................................±13.2V
R_OUT, INVALID, READY to GND .........-0.3V to (VCC + 0.3V)
Short-Circuit Duration
T_OUT to GND .......................................................Continuous
Continuous Power Dissipation (TA = +70°C)
16-Pin SSOP (derate 7.14mW/°C above +70°C) .........571mW
16-Pin TSSOP (derate 9.4mW/°C above +70°C) ......754.7mW
16-Pin TQFN (derate 20.8mW/°C above +70°C) ....1666.7mW
20-Pin TQFN (derate 21.3mW/°C above +70°C) ....1702.1mW
20-Pin Plastic DIP (derate 11.11mW/°C above +70°C) ...889mW
20-Pin SSOP (derate 8.00mW/°C above +70°C) .........640mW
20-Pin TSSOP (derate 10.9mW/°C above +70°C) .......879mW
28-Pin Wide SO (derate 12.5mW/°C above +70°C)............1W
28-Pin SSOP (derate 9.52mW/°C above +70°C) .........762mW
28-Pin TSSOP (derate 12.8mW/°C above +70°C) .......1026mW
36-Pin TQFN (derate 26.3mW/°C above +70°C)...........2105mW
Operating Temperature Ranges
MAX32_ _EC_ _ .................................................0°C to +70°C
MAX32_ _EE_ _................................................-40°C to +85°C
MAX32_ _EAA_ ..............................................-40°C to +125°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
Note 1: V+ and V- can have maximum magnitudes of 7V, but their absolute difference cannot exceed 13V.
VCC = 5.0V
FORCEON = GND, FORCEOFF = VCC,
all R_IN idle, all T_IN idle
TA = +25°C
VCC = 3.3V
T_IN, FORCEON,
FORCEOFF
CONDITIONS
k
Ω
35
7
Input Resistance
V
0.5
Input Hysteresis
1.8
2.4
V
1.5
2.4
Input Threshold High
0.8
1.5
V
0.6
1.2
Input Threshold Low
V
-25
+25
Input Voltage Range
V
VCC - 0.6 VCC - 0.1
Output Voltage High
V
0.4
Output Voltage Low
µA
110
Supply Current, Shutdown
µA
110
Supply Current,
AutoShutdown Plus
µA
±0.05
±10
Output Leakage Current
µA
±0.01
±1
Transmitter Input Hysteresis
V
0.5
V
2.4
Input Logic Threshold High
mA
0.3
1
Supply Current,
AutoShutdown Plus Disabled
V
0.8
Input Logic Threshold Low
2
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
FORCEOFF = GND
TA = +25°C
VCC = 5.0V
VCC = 3.3V
TA = +25°C
R_OUT (MAX3244E/MAX3245E), receivers
disabled
T_IN, FORCEON, FORCEOFF
VCC = 5.0V
FORCEON = FORCEOFF = VCC, no load
T_IN, FORCEON, FORCEOFF
IOUT = -1.0mA
VCC = 3.3V
IOUT = 1.6mA
DC CHARACTERISTICS (VCC = 3.3V or 5.0V, TA = +25°C)
LOGIC INPUTS AND RECEIVER OUTPUTS
RECEIVER INPUTS
Input Leakage Current
2
Maxim Integrated
MAX3224E/MAX3225E/
MAX3226E/MAX3227E/MAX3244E/MAX3245E


Similar Part No. - MAX3225ECAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3225ECAP MAXIM-MAX3225ECAP Datasheet
243Kb / 20P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
More results

Similar Description - MAX3225ECAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3221EEUE MAXIM-MAX3221EEUE Datasheet
1Mb / 19P
   15,-15kV ESD-Protected, 1muA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers
Rev 7; 8/11
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX3227EEAE MAXIM-MAX3227EEAE Datasheet
942Kb / 19P
   1muA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers
Rev 5; 2/11
MAX3244EEAI MAXIM-MAX3244EEAI Datasheet
958Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3224E MAXIM-MAX3224E Datasheet
243Kb / 20P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3245EEUI MAXIM-MAX3245EEUI Datasheet
958Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3224E MAXIM-MAX3224E_14 Datasheet
454Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3222E MAXIM-MAX3222E_03 Datasheet
411Kb / 22P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 7; 2/03
MAX3222E MAXIM-MAX3222E_10 Datasheet
345Kb / 22P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 12; 12/10
MAX3222E MAXIM-MAX3222E_06 Datasheet
874Kb / 26P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 10; 1/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com