Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1073 Datasheet(PDF) 6 Page - Analog Devices

Part # ADM1073
Description  Full-Feature ??8 V Hot Swap Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1073 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM1073 Datasheet HTML 2Page - Analog Devices ADM1073 Datasheet HTML 3Page - Analog Devices ADM1073 Datasheet HTML 4Page - Analog Devices ADM1073 Datasheet HTML 5Page - Analog Devices ADM1073 Datasheet HTML 6Page - Analog Devices ADM1073 Datasheet HTML 7Page - Analog Devices ADM1073 Datasheet HTML 8Page - Analog Devices ADM1073 Datasheet HTML 9Page - Analog Devices ADM1073 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADM1073
Data Sheet
Rev. B | Page 6 of 24
ABSOLUTE MAXIMUM RATINGS
All voltages referred to VEE, TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Rating
Supply Voltage (VDD − VEE)
−0.3 V to −200.0 V
Maximum Shunt Supply Voltage, VSS
16 V
SENSE Pin
−2 V to +2 V
GATE Pin
−0.3 V to +16 V
UV Pin
−0.3 V to +6 V
OV Pin
−0.3 V to +6 V
SS Pin
−0.3 V to +6 V
TIMER Pin
−0.3 V to +6 V
DRAIN Pin
−0.3 V to +6 V
SHDN Pin
−0.3 V to +16 V
SPLYGD Pin
−0.3 V to +16 V
LATCHED Pin
−0.3 V to +16 V
PWRGD Pin
−0.3 V to +16 V
RESTART Pin
−0.3 V to +16 V
Maximum Junction Temperature
125°C
Operating Temperature Range
−40°C to +85°C
Continuous Power Dissipation
180 mW
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 10 s)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS
14-lead TSSOP Package:
θJA = 240°C/W
θJC = 43°C/W
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - ADM1073

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1073 AD-ADM1073 Datasheet
305Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. 0
ADM1073 AD-ADM1073 Datasheet
376Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. B
ADM1073ARU AD-ADM1073ARU Datasheet
305Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. 0
ADM1073ARU-REEL AD-ADM1073ARU-REEL Datasheet
305Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. 0
ADM1073ARU-REEL7 AD-ADM1073ARU-REEL7 Datasheet
305Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. 0
More results

Similar Description - ADM1073

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1073 AD-ADM1073 Datasheet
305Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. 0
ADM1073ARUZ AD-ADM1073ARUZ Datasheet
376Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. B
ADM1073 AD-ADM1073_15 Datasheet
376Kb / 24P
   Full-Feature 48 V Hot Swap Controller
REV. B
logo
Texas Instruments
TPS23521 TI1-TPS23521 Datasheet
719Kb / 29P
[Old version datasheet]   ??8 V High Performance Hot Swap Controller
logo
Analog Devices
ADM1075 AD-ADM1075 Datasheet
745Kb / 52P
   ??8 V Hot Swap Controller and Digital
REV. A
ADM1070 AD-ADM1070 Datasheet
367Kb / 16P
   -48 V Hot Swap Controller
REV. 0
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
   48 V Hot Swap Controller
REV. 0
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com