Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4475ASA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4475ASA
Description  SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4475ASA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4475ASA Datasheet HTML 2Page - Maxim Integrated Products MAX4475ASA Datasheet HTML 3Page - Maxim Integrated Products MAX4475ASA Datasheet HTML 4Page - Maxim Integrated Products MAX4475ASA Datasheet HTML 5Page - Maxim Integrated Products MAX4475ASA Datasheet HTML 6Page - Maxim Integrated Products MAX4475ASA Datasheet HTML 7Page - Maxim Integrated Products MAX4475ASA Datasheet HTML 8Page - Maxim Integrated Products MAX4475ASA Datasheet HTML 9Page - Maxim Integrated Products MAX4475ASA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Typical Operating Characteristics (continued)
(VDD = +5V, VSS = 0V, VCM = 0V, VOUT = VDD/2, RL tied to VDD/2, input noise floor of test equipment =10nV/√Hz for all distortion
measurements, TA = +25°C, unless otherwise noted.)
0
1.0
0.5
2.0
1.5
2.5
3.0
2.5
3.5
4.0
3.0
4.5
5.0
5.5
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
PER AMPLIFIER
0
1.0
0.5
2.0
1.5
2.5
3.0
02
13
4
5
SUPPLY CURRENT vs. OUTPUT VOLTAGE
OUTPUT VOLTAGE (V)
VDD = 5V
VDD = 3V
-20
-15
-10
-5
0
5
10
15
20
2.5
3.5
3.0
4.0
4.5
5.0
5.5
INPUT OFFSET VOLTAGE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
MAX4475–MAX4478
GAIN AND PHASE vs. FREQUENCY
INPUT FREQUENCY (Hz)
100
100k
1M
10M
1k
10k
100M
60
-40
-30
-20
-10
0
10
20
50
40
30
-180
180
-144
-108
-72
-36
0
36
144
108
72
MAX4475 toc16
VDD = 3V OR 5V
RL = 50k
CL = 20pF
AV = +1000V/V
GAIN
PHASE
MAX4488/MAX4489
GAIN AND PHASE vs. FREQUENCY
INPUT FREQUENCY (Hz)
100
100k
1M
10M
1k
10k
100M
60
-40
-30
-20
-10
0
10
20
50
40
30
-180
180
-144
-108
-72
-36
0
36
144
108
72
MAX4475 toc17
VDD = 3V OR 5V
RL = 50k
CL = 20pF
AV = +1000V/V
GAIN
PHASE
1000
100,000
-130
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
0
0.001
0.1
10
MAX4475–MAX4478
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (kHz)
VDD = 3V OR 5V
1000
100
10
1
0.1
0.01
1
100
1k
10
10k
OUTPUT IMPEDANCE vs. FREQUENCY
FREQUENCY (Hz)
AV = +5
AV = +1
MAX4475–MAX4478/MAX4488/MAX4489
SOT23, Low-Noise, Low-Distortion,
Wide-Band, Rail-to-Rail Op Amps
6
Maxim Integrated


Similar Part No. - MAX4475ASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4475ASA MAXIM-MAX4475ASA Datasheet
585Kb / 15P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 1; 10/02
MAX4475ASA++ MAXIM-MAX4475ASA+ Datasheet
2Mb / 17P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
2019
More results

Similar Description - MAX4475ASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4475 MAXIM-MAX4475_12 Datasheet
755Kb / 21P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 6; 6/12
MAX4475 MAXIM-MAX4475 Datasheet
585Kb / 15P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 1; 10/02
MAX4475 MAXIM-MAX4475_V01 Datasheet
2Mb / 17P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
2019
MAX4249 MAXIM-MAX4249 Datasheet
238Kb / 16P
   SOT23, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
19-1295; Rev 2; 4/98
MAX4249 MAXIM-MAX4249_11 Datasheet
1Mb / 21P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 8; 10/11
MAX4249 MAXIM-MAX4249_V01 Datasheet
1Mb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
2021
MAX4257 MAXIM-MAX4257_12 Datasheet
738Kb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 9; 12/12
logo
Linear Technology
LT1806 LINER-LT1806_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1807 LINER-LT1807_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1678 LINER-LT1678_15 Datasheet
298Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com