Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4466EUK-T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4466EUK-T
Description  Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4466EUK-T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4466EUK-T Datasheet HTML 1Page - Maxim Integrated Products MAX4466EUK-T Datasheet HTML 2Page - Maxim Integrated Products MAX4466EUK-T Datasheet HTML 3Page - Maxim Integrated Products MAX4466EUK-T Datasheet HTML 4Page - Maxim Integrated Products MAX4466EUK-T Datasheet HTML 5Page - Maxim Integrated Products MAX4466EUK-T Datasheet HTML 6Page - Maxim Integrated Products MAX4466EUK-T Datasheet HTML 7Page - Maxim Integrated Products MAX4466EUK-T Datasheet HTML 8Page - Maxim Integrated Products MAX4466EUK-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Low-Cost, Micropower, SC70/SOT23-8, Microphone
Preamplifiers with Complete Shutdown
4
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (Hz)
10
1k
10k
100k
100
1M
-10
-130
-110
-90
-70
-50
-30
10,000
1000
100
10
1
-40
10
-15
35
60
85
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
VSHDN = VCC
22
23
25
24
26
27
-40
10
-15
35
60
85
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
1000
100
10
1
0.1
-40
10
-15
35
60
85
OUTPUT LEAKAGE CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
VSHDN = VCC
VOUT = VCC/2
0
-100
0.1
1
100
1000
CHANNEL-TO-CHANNEL ISOLATION
vs. FREQUENCY
-80
-60
-40
-20
FREQUENCY (kHz)
10
-600
-200
-400
200
0
400
600
-40
10
-15
35
60
85
TEMPERATURE (
°C)
INPUT OFFSET VOLTAGE
vs. TEMPERATURE
0
1
3
2
4
5
-40
10
-15
35
60
85
TEMPERATURE (
°C)
OUTPUT VOLTAGE SWING HIGH
vs. TEMPERATURE
0
1
3
2
4
5
-40
10
-15
35
60
85
TEMPERATURE (
°C)
OUTPUT VOLTAGE SWING LOW
vs. TEMPERATURE
-120
-114
-116
-118
-112
-110
-108
-106
-104
-102
-100
-40
10
-15
35
60
85
TEMPERATURE (
°C)
COMMON-MODE REJECTION RATIO
vs. TEMPERATURE
Typical Operating Characteristics (continued)
(VCC = +5V, VCM = 0V, VOUT = VCC/2, RL= 100kΩ to VCC/2, SHDN = GND (MAX4467/MAX4468 only), TA = +25°C, unless otherwise
noted.)


Similar Part No. - MAX4466EUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4466EUK-T MAXIM-MAX4466EUK-T Datasheet
502Kb / 14P
   Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers with Complete Shutdown
Rev 1; 4/01
More results

Similar Description - MAX4466EUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4465_V2 MAXIM-MAX4465_V2 Datasheet
282Kb / 12P
   Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers with Complete Shutdown
Rev 2; 6/12
MAX4465 MAXIM-MAX4465 Datasheet
502Kb / 14P
   Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers with Complete Shutdown
Rev 1; 4/01
logo
Zetex Semiconductors
ZXCL5213V25 ZETEX-ZXCL5213V25 Datasheet
287Kb / 11P
   MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS
logo
Diodes Incorporated
ZXCL DIODES-ZXCL Datasheet
427Kb / 14P
   Micropower SC70-5 & SOT23-5 low dropout regulators
logo
Maxim Integrated Produc...
MAX6101 MAXIM-MAX6101 Datasheet
260Kb / 12P
   Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 0; 1/00
MAX6100 MAXIM-MAX6100 Datasheet
326Kb / 14P
   Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 3; 3/02
MAX6501 MAXIM-MAX6501_V01 Datasheet
294Kb / 9P
   Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23
2011
logo
Acutechnology Semicondu...
AQ4041 ACUTECH-AQ4041 Datasheet
437Kb / 6P
   Precision Micropower Shunt Voltage Reference SOT23, SC70, and TO92 Package
logo
Maxim Integrated Produc...
MAX4372T MAXIM-MAX4372T Datasheet
111Kb / 8P
   Low-Cost, SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
Rev 0; 10/99
logo
Zetex Semiconductors
ZXCL250 ZETEX-ZXCL250 Datasheet
374Kb / 11P
   ULTRA SMALL MICROPOWER SC70 LOW DROPOUT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com