Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM101EARM Datasheet(PDF) 1 Page - Analog Devices

Part # ADM101EARM
Description  Craft PortTM Tiny RS-232 Transceiver for Portable Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM101EARM Datasheet(HTML) 1 Page - Analog Devices

  ADM101EARM Datasheet HTML 1Page - Analog Devices ADM101EARM Datasheet HTML 2Page - Analog Devices ADM101EARM Datasheet HTML 3Page - Analog Devices ADM101EARM Datasheet HTML 4Page - Analog Devices ADM101EARM Datasheet HTML 5Page - Analog Devices ADM101EARM Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADM101E
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
Craft PortTM Tiny RS-232 Transceiver for
Portable Applications
FUNCTIONAL BLOCK DIAGRAM
VCC
GND
V–
SD
TIN
1
2
3
4
10
9
8
7
C1–
C1+
TOUT
5
6
ROUT
RIN
R1
T1
+5V TO –5V
VOLTAGE
INVERTER
0.1 F
0.1 F
5V
0.1 F
+
+
+
ADM101E
FEATURES
460 kbit/s Transmission Rate
Single 5 V Power Supply
Compatible with RS-232 Input/Output Levels
0.1
F Charge Pump Capacitors
One Driver and One Receiver
On-Board DC-DC Converter
4.2 V Output Swing with 5 V Supply
Low Power BiCMOS: 500
A ICC
Ultralow Power (1
A) Shutdown Mode
10-Lead
SOIC Package
APPLICATIONS
Mobile Telephones
Palmtop Computers
PDAs
Portable Instrumentation
GPS Receivers
GENERAL DESCRIPTION
The ADM101E is a single channel RS-232 driver and receiver in
the Analog Devices Craft Port series, designed to operate from a
single, 5 V supply. A highly efficient charge-pump voltage inverter
generates an on-chip –5 V supply, which eliminates the need
for a negative power supply for the driver and permits RS-232
compatible output levels to be developed using charge pump
capacitors as small as 0.1
µF.
A shutdown input disables the charge pump and puts the device
into a low power shutdown mode, in which the current con-
sumption is typically less than 1
µA. The transmitter is disabled
during shutdown but the receiver remains functional.
Craft Port is a trademark of Analog Devices, Inc.
An epitaxial BiCMOS construction minimizes power consump-
tion to 3 mW and also guards against latch-up. Overvoltage
protection is provided allowing the receiver inputs to withstand
continuous voltages in excess of
±30 V. In addition, all I-O pins
have ESD protection to levels greater than 15 kV.
The ADM101E is available in a 10-lead
µSOIC package, which
makes it ideal for serial communications in small, portable
applications such as palmtop computers and mobile telephones,
where a full, RS-232 serial interface is not required, but com-
pact size and low power drain are paramount.


Similar Part No. - ADM101EARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM101EARM AD-ADM101EARM Datasheet
64Kb / 6P
   Craft PortTM Tiny RS-232 Transceiver for Portable Applications
REV. 0
ADM101EARM AD-ADM101EARM Datasheet
200Kb / 12P
   Craft Port™ Tiny RS-232 Transceiver for Portable Applications
Rev. B
ADM101EARM-REEL AD-ADM101EARM-REEL Datasheet
200Kb / 12P
   Craft Port™ Tiny RS-232 Transceiver for Portable Applications
Rev. B
ADM101EARM-REEL7 AD-ADM101EARM-REEL7 Datasheet
200Kb / 12P
   Craft Port™ Tiny RS-232 Transceiver for Portable Applications
Rev. B
ADM101EARMZ AD-ADM101EARMZ Datasheet
80Kb / 6P
   Craft PortTM Tiny RS-232 Transceiver for Portable Applications
REV. A
More results

Similar Description - ADM101EARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM101EARMZ AD-ADM101EARMZ Datasheet
80Kb / 6P
   Craft PortTM Tiny RS-232 Transceiver for Portable Applications
REV. A
ADM101E AD-ADM101E Datasheet
64Kb / 6P
   Craft PortTM Tiny RS-232 Transceiver for Portable Applications
REV. 0
ADM101E AD-ADM101E_V01 Datasheet
200Kb / 12P
   Craft Port™ Tiny RS-232 Transceiver for Portable Applications
Rev. B
logo
Exar Corporation
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP335E EXAR-SP335E Datasheet
356Kb / 22P
   RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER
logo
Sipex Corporation
SP334 SIPEX-SP334 Datasheet
155Kb / 12P
   Programmable RS-232/RS-485 Transceiver
logo
Exar Corporation
SP334CT-L-TR EXAR-SP334CT-L-TR Datasheet
725Kb / 14P
   Programmable RS-232/RS-485 Transceiver
logo
Sipex Corporation
SP331 SIPEX-SP331 Datasheet
169Kb / 13P
   Programmable RS-232/RS-485 Transceiver
logo
List of Unclassifed Man...
9502 ETC2-9502 Datasheet
33Kb / 3P
   Computer Cable for EIA RS-232 Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com