Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3224CUP Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3224CUP
Description  1muA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3224CUP Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3224CUP Datasheet HTML 1Page - Maxim Integrated Products MAX3224CUP Datasheet HTML 2Page - Maxim Integrated Products MAX3224CUP Datasheet HTML 3Page - Maxim Integrated Products MAX3224CUP Datasheet HTML 4Page - Maxim Integrated Products MAX3224CUP Datasheet HTML 5Page - Maxim Integrated Products MAX3224CUP Datasheet HTML 6Page - Maxim Integrated Products MAX3224CUP Datasheet HTML 7Page - Maxim Integrated Products MAX3224CUP Datasheet HTML 8Page - Maxim Integrated Products MAX3224CUP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
AVAILABLE
Functional Diagrams
Pin Configurations appear at end of data sheet.
Functional Diagrams continued at end of data sheet.
UCSP is a trademark of Maxim Integrated Products, Inc.
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maximintegrated.com.
1µA Supply Current, 1Mbps, 3.0V to 5.5V,
RS-232 Transceivers with AutoShutdown Plus
AutoShutdown Plus, MegaBaud, and UCSP are trademarks
of Maxim Integrated Products, Inc.
________________General Description
The MAX3224–MAX3227/MAX3244/MAX3245 are 3V-
powered EIA/TIA-232 and V.28/V.24 communications
interfaces with automatic shutdown/wakeup features
and high data-rate capabilities.
All devices achieve a 1µA supply current using Maxim’s
revolutionary AutoShutdown Plus™ feature. These
devices automatically enter a low-power shutdown
mode when the RS-232 cable is disconnected or the
transmitters of the connected peripherals are inactive,
and the UART driving the transmitter inputs is inactive
for more than 30 seconds. They turn on again when
they sense a valid transition at any transmitter or receiv-
er input. AutoShutdown Plus saves power without
changes to the existing BIOS or operating system.
The MAX3225/MAX3227/MAX3245 also feature
MegaBaud™ operation, guaranteeing 1Mbps for high-
speed applications such as communicating with ISDN
modems. The MAX3224/MAX3226/MAX3244 guarantee
250kbps operation. The transceivers have a proprietary
low-dropout transmitter output stage enabling true RS-
232 performance from a +3.0V to +5.5V supply with a
dual charge pump. The charge pump requires only four
small 0.1µF capacitors for operation from a 3.3V supply.
The MAX3224–MAX3227 feature a logic-level output
(READY) that asserts when the charge pump is regulat-
ing and the device is ready to begin transmitting.
All devices are available in a space-saving TQFN,
TSSOP, and SSOP packages.
________________________Applications
Notebook, Subnotebook, and Palmtop Computers
Cellular Phones
Battery-Powered Equipment
Handheld Equipment
Peripherals
Printers
_Next Generation Device Features
♦♦ For Smaller Packaging:
MAX3228/MAX3229: +2.5V to +5.5V RS-232
Transceivers in UCSP™
♦♦ For Low-Voltage or Data Cable Applications:
MAX3380E/MAX3381E: +2.35V to +5.5V, 1µA,
2 Tx/2 Rx RS-232 Transceivers with ±15kV ESD-
Protected I/O and Logic Pins
♦♦ For Integrated ESD Protection:
MAX3222E/MAX3232E/MAX3237E/MAX3241E/
MAX3246E: ±15kV ESD-Protected, Down to 10nA,
+3.0V to +5.5V, Up to 1Mbps, True RS-232
Transceivers (MAX3246E Available in UCSP)
PART
MAX3224
MAX3225
MAX3226
1/1
2/2
2/2
NO. OF
DRIVERS/
RECEIVERS
READY
OUTPUT
Auto-
Shutdown
Plus
250k
1M
250k
GUARANTEED
DATA RATE
(bps)
MAX3227
MAX3244
MAX3245
3/5
3/5
1/1
1M
250k
1M
_____________________ Selector Guide
_______________Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
MAX3224CPP+
0
°C to +70°C
20 PDIP
MAX3224CAP+
0
°C to +70°C
20 SSOP
MAX3224CTP+
0
°C to +70°C
20 TQFN-EP*
MAX3224CUP+
0
°C to +70°C
20 TSSOP
MAX3224EPP+
-40
°C to +85°C
20 PDIP
MAX3224EAP+
-40
°C to +85°C
20 SSOP
MAX3224ETP+
-40
°C to +85°C
20 TQFN-EP*
MAX3224EUP+
-40
°C to +85°C
20 TSSOP
+
Denotes a lead(Pb)-free/RoHS-compliant package.
*
EP = Exposed pad.
Ordering Information continued at end of data sheet.
19-1289; Rev 5; 2/11
MAX3224–MAX3227/
MAX3244/MAX3245


Similar Part No. - MAX3224CUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3224CUP MAXIM-MAX3224CUP Datasheet
211Kb / 20P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
MAX3224CUP++ MAXIM-MAX3224CUP+ Datasheet
251Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
MAX3224CUP++ MAXIM-MAX3224CUP+ Datasheet
430Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
More results

Similar Description - MAX3224CUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3245EEAI MAXIM-MAX3245EEAI Datasheet
958Kb / 21P
   15,-15kV ESD-Protected, 1muA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers
Rev 10; 3/11
MAX3224 MAXIM-MAX3224 Datasheet
235Kb / 20P
   1uA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 1; 3/98
MAX3224 MAXIM-MAX3224_14 Datasheet
430Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
MAX3224 MAXIM-MAX3224_08 Datasheet
211Kb / 20P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
MAX3224 MAXIM-MAX3224_11 Datasheet
251Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
logo
Exar Corporation
SP3224E EXAR-SP3224E Datasheet
4Mb / 23P
   3.0V to 5.5V RS-232 Transceivers
logo
Maxim Integrated Produc...
MAX3225EEUP MAXIM-MAX3225EEUP Datasheet
958Kb / 21P
   15kV ESD-Protected, 1uA, 1Mbps, 3.0V to 5.5V RS-232 Transceivers
Rev 10; 3/11
MAX3221EEUE MAXIM-MAX3221EEUE Datasheet
1Mb / 19P
   15,-15kV ESD-Protected, 1muA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers
Rev 7; 8/11
MAX3222 MAXIM-MAX3222_V01 Datasheet
1Mb / 17P
   3.0V to 5.5V, Low-Power, Up to 1Mbps, True RS-232 Transceivers
19-0273; Rev 10; 5/19
logo
Sipex Corporation
SP3223B SIPEX-SP3223B Datasheet
180Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com