Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX775CPA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX775CPA
Description  -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-to-DC Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX775CPA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX775CPA Datasheet HTML 1Page - Maxim Integrated Products MAX775CPA Datasheet HTML 2Page - Maxim Integrated Products MAX775CPA Datasheet HTML 3Page - Maxim Integrated Products MAX775CPA Datasheet HTML 4Page - Maxim Integrated Products MAX775CPA Datasheet HTML 5Page - Maxim Integrated Products MAX775CPA Datasheet HTML 6Page - Maxim Integrated Products MAX775CPA Datasheet HTML 7Page - Maxim Integrated Products MAX775CPA Datasheet HTML 8Page - Maxim Integrated Products MAX775CPA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
General Description
The MAX774/MAX775/MAX776 inverting switching
regulators deliver high efficiency over three decades of
load current. A unique current-limited, pulse-
frequency modulated (PFM) control scheme provides
the benefits of pulse-width modulation (high efficiency
with heavy loads), while using less than 100µA of supply
current (vs. 2mA to 10mA for PWM converters). The result
is high efficiency over a wide range of loads.
These ICs also use tiny external components; their high
switching frequency (up to 300kHz) allows for less than
5mm diameter surface-mount magnetics.
The MAX774/MAX775/MAX776 accept input voltages from
3V to 16.5V, and have preset output voltages of
-5V, -12V, and -15V, respectively. Or, the output voltage
can be user-adjusted with two resistors. Maximum
VIN - VOUT differential voltage is limited only by the break-
down voltage of the chosen external switch transistor.
These inverters use external P-channel MOSFET switches,
allowing them to power loads up to 5W. If less power is
required, use the MAX764/MAX765/MAX766 inverting
switching regulators with on-board MOSFETs.
Applications
LCD-Bias Generators
High-Efficiency DC-to-DC Converters
Battery-Powered Applications
Data Communicators
Features
o 85% Efficiency for 5mA to 1A Load Currents
o Up to 5W Output Power
o 100µA (max) Supply Current
o 5µA (max) Shutdown Current
o 3V to 16.5V Input Range
o -5V (MAX774), -12V (MAX775), -15V (MAX776),
or Adjustable Output Voltage
o Current-Limited PFM Control Scheme
o 300kHz Switching Frequency
Ordering Information
*Contact factory for dice specifications.
-5V/-12V/-15V or Adjustable, High-Efficiency,
Low IQ Inverting DC-to-DC Controllers
________________________________________________________________ Maxim Integrated Products
1
1
2
3
4
5
8
7
6
MAX774
MAX775
MAX776
DIP/SO
TOP VIEW
GND
EXT
CS
V+
OUT
FB
SHDN
REF
Pin Configuration
MAX774
OUTPUT
-5V
REF
SHDN
GND
V+
CS
EXT
OUT
ON/OFF
INPUT
3V TO 16V
P
FB
Typical Operating Circuit
PART
TEMP RANGE
PIN-PACKAGE
MAX774CPA
0°C to +70°C
8 Plastic DIP
MAX774CSA
0°C to +70°C
8 SO
MAX774C/D
0°C to +70°C
Dice*
MAX774EPA
-40°C to +85°C
8 Plastic DIP
MAX774ESA
-40°C to +85°C
8 SO
MAX774MJA
-55°C to +125°C
8 CERDIP
19-0191; Rev 2; 12/02
EVALUATION
KIT
AVAILABLE
Ordering Information continued on last page.


Similar Part No. - MAX775CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX775CPA MAXIM-MAX775CPA Datasheet
163Kb / 16P
   -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-DC Controllers
Rev 1; 3/94
More results

Similar Description - MAX775CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX774 MAXIM-MAX774 Datasheet
163Kb / 16P
   -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-DC Controllers
Rev 1; 3/94
MAX770 MAXIM-MAX770 Datasheet
204Kb / 20P
   5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
Rev 2; 11/96
MAX764 MAXIM-MAX764 Datasheet
132Kb / 12P
   -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ DC-DC Inverters
Rev 0; 6/94
MAX761 MAXIM-MAX761 Datasheet
122Kb / 12P
   12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Converters
Rev 0; 11/93
MAX1771 MAXIM-MAX1771 Datasheet
195Kb / 16P
   12V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controller
19-0263; Rev 1; 7/95
MAX1649 MAXIM-MAX1649 Datasheet
167Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
19-0305; Rev 2; 9/95
MAX1649 MAXIM-MAX1649_09 Datasheet
223Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
Rev 3; 3/09
MAX1626 MAXIM-MAX1626 Datasheet
185Kb / 16P
   5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
19-1075; Rev 0; 6/96
MAX1626 MAXIM-MAX1626_V01 Datasheet
383Kb / 16P
   5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
2015
MAX639 MAXIM-MAX639_05 Datasheet
778Kb / 13P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Conver
Rev 4; 7/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com