Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1615EUK-T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1615EUK-T
Description  High-Voltage, Low-Power Linear Regulators for Notebook Computers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1615EUK-T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1615EUK-T Datasheet HTML 1Page - Maxim Integrated Products MAX1615EUK-T Datasheet HTML 2Page - Maxim Integrated Products MAX1615EUK-T Datasheet HTML 3Page - Maxim Integrated Products MAX1615EUK-T Datasheet HTML 4Page - Maxim Integrated Products MAX1615EUK-T Datasheet HTML 5Page - Maxim Integrated Products MAX1615EUK-T Datasheet HTML 6Page - Maxim Integrated Products MAX1615EUK-T Datasheet HTML 7Page - Maxim Integrated Products MAX1615EUK-T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
_______________Detailed Description
The MAX1615/MAX1616 low-quiescent-current linear
regulators are designed primarily for high input voltage
applications. The MAX1615 supplies a preselected 3.3V
or 5.0V output for loads up to 30mA. The MAX1616
provides an adjustable voltage from 1.24V to 28V. The
maximum output current is a function of the package’s
maximum power dissipation for a given temperature. A
5µA load is required to maintain output regulation.
The MAX1615’s output voltage is fed back through an
internal resistor voltage divider connected to OUT. Set
the output voltage to either 3.3V or 5.0V with the 5/3 pin.
Select the 5V output by connecting 5/3 to OUT, or the
3.3V output by connecting 5/3 to GND.
The MAX1616 uses external feedback, allowing the out-
put voltage to be set by external resistors (see Setting
the MAX1616 Output Voltage section). The typical FB
threshold is at 1.24V.
Shutdown
The device enters shutdown mode when SHDN is low.
In shutdown mode, the pass transistor, control circuit,
reference, and all biases turn off, reducing the supply
current to below 1µA. Connect SHDN to IN for automatic
start-up.
Current Limit
Output current is limited to 100mA (typical). The current
limit exceeds the 30mA (max) safe operating limit. The
output can be shorted to ground for 30 seconds without
damaging the part.
Thermal-Overload Protection
When the junction temperature exceeds TJ = +150°C,
the thermal sensor sends a signal to the shutdown
logic, turning off the pass transistor and allowing the IC
to cool. The thermal sensor turns the pass transistor on
again after the IC’s junction temperature cools by
+20°C (typical), resulting in a pulsating output during
continuous thermal-overload conditions.
Operating Region and Power Dissipation
Maximum power dissipation depends on the thermal
resistance of the case and circuit board, the tempera-
ture difference between the die junction and ambient
air, and the rate of air flow. The device’s power dissipa-
High-Voltage, Low-Power Linear Regulators
for Notebook Computers
_______________________________________________________________________________________
5
______________________________________________________________Pin Description
1
IN
Positive Input Voltage. Connect to a +4V to +28V supply.
2
GND
Ground
4
5/3
Preset Output Voltage Select. Connect to GND for 3.3V output or to OUT
for 5.0V output.
5
SHDN
Shutdown, active low input. Connect to IN for automatic start up.
CURRENT
LIMIT
VREF
OUT
GND
SHDN
5/3
(MAX1615)
FB
(MAX1616)
IN
MAX1615
MAX1616
Figure 1. Functional Diagram
1
2
PIN
5
NAME
FUNCTION
MAX1615
MAX1616
3
OUT
Regulator Output
3
FB
Feedback Input. Regulates to 1.24V nominally.
4


Similar Part No. - MAX1615EUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1615EUK-T MAXIM-MAX1615EUK-T Datasheet
92Kb / 8P
   High-Voltage, Low-Power Linear Regulators for Notebook Computers
19-1225; Rev 2; 1/98
More results

Similar Description - MAX1615EUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1615 MAXIM-MAX1615 Datasheet
92Kb / 8P
   High-Voltage, Low-Power Linear Regulators for Notebook Computers
19-1225; Rev 2; 1/98
MAX8718 MAXIM-MAX8718 Datasheet
185Kb / 10P
   High-Voltage, Low-Power Linear Regulators for Notebook Computers
Rev 0; 11/04
logo
Shanghai Leiditech Elec...
LCDA12C-8 LEIDITECH-LCDA12C-8 Datasheet
223Kb / 3P
   Notebook Computers
logo
Microchip Technology
EMC1186 MICROCHIP-EMC1186 Datasheet
461Kb / 43P
   Notebook Computers
Rev. 1.0 07-11-13
EMC1188 MICROCHIP-EMC1188 Datasheet
541Kb / 48P
   Notebook Computers
Rev. 1.0 07-11-13
logo
SMSC Corporation
EMC1186 SMSC-EMC1186 Datasheet
461Kb / 43P
   Notebook Computers
EMC1188 SMSC-EMC1188 Datasheet
541Kb / 48P
   Notebook Computers
logo
Anpec Electronics Corop...
APW8820 ANPEC-APW8820 Datasheet
534Kb / 23P
   System Power PWM Controller for Notebook Computers
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Richtek Technology Corp...
RT8206B RICHTEK-RT8206B Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com