Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CURNM101-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CURNM101-HF
Description  SMD Ultra Fast Recovery Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CURNM101-HF Datasheet(HTML) 2 Page - Comchip Technology

  CURNM101-HF Datasheet HTML 1Page - Comchip Technology CURNM101-HF Datasheet HTML 2Page - Comchip Technology CURNM101-HF Datasheet HTML 3Page - Comchip Technology CURNM101-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATING AND CHARACTERISTIC CURVES (CURNM101-HF Thru. CURNM105-HF)
Page 2
QW-JU006
Fig.1- Typical Forward Current Derating Curve
0
Case Temperature, (°C)
0
75
175
Fig.2- Maximum Non-Repetitive Peak
Forward Surge Current
0
Number Of Cycles At 60Hz
1
100
50
100
10
125
1.0
10
Fig.4- Typical Reverse Characteristics
0.01
Percent Of Rated Peak Reverse Voltage (%)
1.0
25
150
0.5
Fig.5- Typical Junction Capacitance
1
Reverse Voltage, (V)
10
10
200
0.1
100
REV:A
RESISTIVE OR INDUCTIVE LOAD
0.1
0
140
20
40
60
80
1
100
5
15
20
10
Comchip Technology CO., LTD.
SMD Ultra Fast Recovery Rectifiers
8.3ms Single Half Sine-Wave
(JEDEC Method)
Fig.3- Typical Instantaneous Forward
Characteristics
Instantaneous Forward Voltage, (V)
0.4
1.4
1.8
0.8
0.6
0.01
0.1
10
1.0
1.6
CURNM101-HF
CURNM102-HF
CURNM103-HF~105-HF
1.2
1.0
2.0
o
TJ=25 C
o
TJ=25 C
100
120
o
TJ=150 C
o
TJ=125 C
Per Bridge Element
o
TJ = 25 C
Company reserves the right to improve product design , functions and reliability without notice.


Similar Part No. - CURNM101-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CURNM101-HF COMCHIP-CURNM101-HF Datasheet
237Kb / 4P
   SMD Ultra Fast Recovery Rectifiers
More results

Similar Description - CURNM101-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CURC301-G COMCHIP-CURC301-G Datasheet
50Kb / 2P
   SMD Ultra Fast Recovery Rectifiers
CURA101-G COMCHIP-CURA101-G_12 Datasheet
63Kb / 2P
   SMD Ultra Fast Recovery Rectifiers
CURM101-G COMCHIP-CURM101-G_12 Datasheet
99Kb / 4P
   SMD Ultra Fast Recovery Rectifiers
CURC301-G COMCHIP-CURC301-G_12 Datasheet
105Kb / 4P
   SMD Ultra Fast Recovery Rectifiers
CURB201-G COMCHIP-CURB201-G Datasheet
50Kb / 2P
   SMD Ultra Fast Recovery Rectifiers
CURA101-HF COMCHIP-CURA101-HF Datasheet
108Kb / 4P
   SMD Ultra Fast Recovery Rectifiers
CURNM101-HF COMCHIP-CURNM101-HF Datasheet
237Kb / 4P
   SMD Ultra Fast Recovery Rectifiers
logo
Marl International Limi...
CURNM101 MARL-CURNM101_15 Datasheet
237Kb / 4P
   SMD Ultra Fast Recovery Rectifiers
logo
Comchip Technology
ACURN101-HF COMCHIP-ACURN101-HF Datasheet
133Kb / 4P
   SMD Ultra Fast Recovery Rectifiers
CURC301-HF COMCHIP-CURC301-HF Datasheet
105Kb / 4P
   SMD Ultra Fast Recovery Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com