Electronic Components Datasheet Search |
|
MAX200CWP Datasheet(PDF) 2 Page - Maxim Integrated Products |
|
MAX200CWP Datasheet(HTML) 2 Page - Maxim Integrated Products |
2 / 23 page +5V, RS-232 Transceivers with 0.1µF External Capacitors ABSOLUTE MAXIMUM RATINGS Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. VCC..........................................................................-0.3V to +6V V+.............................................................. (VCC - 0.3V) to +14V V- ...........................................................................+0.3V to -14V Input Voltages TIN ......................................................... -0.3V to (VCC + 0.3V) RIN................................................................................... Q30V Output Voltages TOUT.................................................(V+ + 0.3V) to (V- - 0.3V) ROUT ..................................................... -0.3V to (VCC + 0.3V) Short-Circuit Duration TOUT.......................................................................Continuous Continuous Power Dissipation (TA = +70NC) 14-Pin Plastic DIP (derate 10.00mW/NC above +70NC)...800mW 16-Pin Plastic DIP (derate 10.53mW/NC above +70NC)...842mW 16-Pin SO (derate 8.70mW/NC above +70NC) .............696mW 16-Pin Wide SO (derate 9.52mW/NC above +70NC)....762mW 16-Pin CERDIP (derate 10.00mW/NC above +70NC) ...800mW 20-Pin Plastic DIP (derate 11.11mW/NC above +70NC)...889mW 20-Pin Wide SO (derate 10.00mW/NC above +70NC)..800mW 20-Pin CERDIP (derate 11.11mW/NC above +70NC) ...889mW 24-Pin Narrow Plastic DIP (derate 13.33mW/NC above +70NC) .......................1067mW 24-Pin Wide Plastic DIP (derate 9.09mW/NC above +70NC) ...........................727mW 24-Pin Wide SO (derate 11.76mW/NC above +70NC)..941mW 24-Pin SSOP (derate 8.00mW/NC above +70NC).........640mW 24-Pin CERDIP (derate 12.50mW/NC above +70NC) .1000mW 28-Pin Wide SO (derate 12.50mW/NC above +70NC) 1000mW 28-Pin SSOP (derate 9.52mW/NC above +70NC).........762mW Operating Temperature Ranges MAX2_ _C_ _...................................................... 0NC to +70NC MAX2_ _E_ _ ................................................... -40NC to +85NC MAX2_ _ M_ _ ............................................... -55NC to +125NC Storage Temperature Range............................ -65NC to +160NC Lead Temperature (soldering, 10s) (Note 1) ..................+300NC Note 1: Maximum reflow temperature for the MAX203 and MAX205 is +225°C. ELECTRICAL CHARACTERISTICS (MAX202/MAX204/MAX206/MAX208/MAX211/MAX213: VCC = +5V Q10%; MAX200/MAX203/MAX205/MAX207: VCC = +5V Q5%, C1–C4 = 0.1FF; MAX201/MAX209: VCC = +5V Q10%, V+ = +9.0V to +13.2V, TA = TMIN to TMAX, unless otherwise noted.) PARAMETER CONDITIONS MIN TYP MAX UNITS Output-Voltage Swing All transmitter outputs loaded with 3kI to ground Q 5 Q 8 V VCC Power-Supply Current No load, TA = +25NC MAX202, MAX203 8 15 mA MAX200, MAX204–MAX208, MAX211, MAX213 11 20 MAX201, MAX209 0.4 1 V+ Power-Supply Current No load MAX201 5 10 mA MAX209 7 15 Shutdown Supply Current Figure 1, TA = +25NC MAX200, MAX205, MAX206, MAX211 1 10 F A MAX213 15 50 Input Logic Threshold Low TIN, EN, SHDN, EN, SHDN 0.8 V Input Logic Threshold High TIN 2.0 V EN, SHDN, EN, SHDN 2.4 Logic Pullup Current TIN = 0V 15 200 F A RS-232 Input-Voltage Operating Range -30 +30 V MAX200–MAX209/MAX211/MAX213 2 Maxim Integrated |
Similar Part No. - MAX200CWP |
|
Similar Description - MAX200CWP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |