Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9764ARU Datasheet(PDF) 4 Page - Analog Devices

Part # AD9764ARU
Description  14-Bit, 125 MSPS TxDAC D/A Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9764ARU Datasheet(HTML) 4 Page - Analog Devices

  AD9764ARU Datasheet HTML 1Page - Analog Devices AD9764ARU Datasheet HTML 2Page - Analog Devices AD9764ARU Datasheet HTML 3Page - Analog Devices AD9764ARU Datasheet HTML 4Page - Analog Devices AD9764ARU Datasheet HTML 5Page - Analog Devices AD9764ARU Datasheet HTML 6Page - Analog Devices AD9764ARU Datasheet HTML 7Page - Analog Devices AD9764ARU Datasheet HTML 8Page - Analog Devices AD9764ARU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
REV. B
AD9764
–4–
DIGITAL SPECIFICATIONS
Parameter
Min
Typ
Max
Units
DIGITAL INPUTS
Logic “1” Voltage @ DVDD = +5 V
3.5
5
V
Logic “1” Voltage @ DVDD = +3 V
2.1
3
V
Logic “0” Voltage @ DVDD = +5 V
0
1.3
V
Logic “0” Voltage @ DVDD = +3 V
0
0.9
V
Logic “1” Current
–10
+10
µA
Logic “0” Current
–10
+10
µA
Input Capacitance
5
pF
Input Setup Time (tS)
2.0
ns
Input Hold Time (tH)
1.5
ns
Latch Pulsewidth (tLPW)
3.5
ns
Specifications subject to change without notice.
0.1%
0.1%
tS
tH
tLPW
t
PD
t
ST
DB0–DB13
CLOCK
IOUTA
OR
IOUTB
Figure 1. Timing Diagram
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Options*
AD9764AR
–40
°C to +85°C 28-Lead 300 mil SOIC R-28
AD9764ARU –40
°C to +85°C 28-Lead TSSOP
RU-28
AD9764-EB
Evaluation Board
*R = Small Outline IC, RU = TSSOP.
THERMAL CHARACTERISTICS
Thermal Resistance
28-Lead 300 mil SOIC
θ
JA = 71.4
°C/W
θ
JC = 23
°C/W
28-Lead TSSOP
θ
JA = 97.9
°C/W
θ
JC = 14.0
°C/W
ABSOLUTE MAXIMUM RATINGS*
With
Parameter
Respect to
Min
Max
Units
AVDD
ACOM
–0.3
+6.5
V
DVDD
DCOM
–0.3
+6.5
V
ACOM
DCOM
–0.3
+0.3
V
AVDD
DVDD
–6.5
+6.5
V
CLOCK, SLEEP
DCOM
–0.3
DVDD + 0.3
V
Digital Inputs
DCOM
–0.3
DVDD + 0.3
V
IOUTA, IOUTB
ACOM
–1.0
AVDD + 0.3
V
COMP1, COMP2
ACOM
–0.3
AVDD + 0.3
V
REFIO, FSADJ
ACOM
–0.3
AVDD + 0.3
V
REFLO
ACOM
–0.3
+0.3
V
Junction Temperature
+150
°C
Storage Temperature
–65
+150
°C
Lead Temperature
(10 sec)
+300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum ratings
for extended periods may affect device reliability.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD9764 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE


Similar Part No. - AD9764ARU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9764ARU AD-AD9764ARU Datasheet
307Kb / 22P
   14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9764ARU AD-AD9764ARU Datasheet
314Kb / 22P
   14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9764ARU AD-AD9764ARU Datasheet
314Kb / 22P
   14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9764ARUZ AD-AD9764ARUZ Datasheet
314Kb / 22P
   14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9764ARUZRL7 AD-AD9764ARUZRL7 Datasheet
314Kb / 22P
   14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
More results

Similar Description - AD9764ARU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9764ARUZ AD-AD9764ARUZ Datasheet
314Kb / 22P
   14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9764ARUZRL7 AD-AD9764ARUZRL7 Datasheet
314Kb / 22P
   14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9764 AD-AD9764 Datasheet
307Kb / 22P
   14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9767 AD-AD9767 Datasheet
469Kb / 27P
   14-Bit, 125 MSPS Dual TxDAC D/A Converter
REV. B
AD9754ARURL7 AD-AD9754ARURL7 Datasheet
326Kb / 24P
   14-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. A
AD9754 AD-AD9754 Datasheet
327Kb / 24P
   14-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. A
AD9760 AD-AD9760 Datasheet
412Kb / 23P
   10-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9762 AD-AD9762 Datasheet
414Kb / 23P
   12-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9763 AD-AD9763 Datasheet
460Kb / 28P
   10-Bit, 125 MSPS Dual TxDAC D/A Converter
REV. B
AD9709 AD-AD9709 Datasheet
466Kb / 27P
   8-Bit, 125 MSPS Dual TxDAC D/A Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com