Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4041BEM3-1.2-T Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # LM4041BEM3-1.2-T
Description  Improved Precision Micropower Shunt Voltage Reference
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LM4041BEM3-1.2-T Datasheet(HTML) 3 Page - Maxim Integrated Products

  LM4041BEM3-1.2-T Datasheet HTML 1Page - Maxim Integrated Products LM4041BEM3-1.2-T Datasheet HTML 2Page - Maxim Integrated Products LM4041BEM3-1.2-T Datasheet HTML 3Page - Maxim Integrated Products LM4041BEM3-1.2-T Datasheet HTML 4Page - Maxim Integrated Products LM4041BEM3-1.2-T Datasheet HTML 5Page - Maxim Integrated Products LM4041BEM3-1.2-T Datasheet HTML 6Page - Maxim Integrated Products LM4041BEM3-1.2-T Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Improved Precision Micropower
Shunt Voltage Reference
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(IR = 100µA, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Note 1: All devices are 100% production tested at +25°C and are guaranteed by design for TA = TMIN to TMAX, as specified.
Note 2: The overtemperature limit for Reverse Breakdown Voltage Tolerance is defined as the room-temperature Reverse
Breakdown Voltage Tolerance ±[(
ΔVR / ΔT)(maxΔT)(VR)], where ΔVR / ΔT is the VR temperature coefficient, maxΔT is the
maximum difference in temperature from the reference point of +25°C to TMIN or TMAX, and VR is the reverse breakdown
voltage. The total overtemperature tolerance for the different grades in the temperature range where max
ΔT = +65°C is
shown below:
A grade: ±0.75% = ±0.1% ±100ppm/°C 65°C
B grade: ±0.85% = ±0.2% ±100ppm/°C 65°C
C grade: ±1.15% = ±0.5% ±100ppm/°C 65°C
D grade: ±1.98% = ±1.0% ±150ppm/°C 65°C
The total overtemperature tolerance for the different grades in the extended temperature range where max
ΔT = +100°C is
shown below:
A grade: ±1.1% = ±0.1% ±100ppm/°C 100°C
B grade: ±1.2% = ±0.2% ±100ppm/°C 100°C
C grade: ±1.5% = ±0.5% ±100ppm/°C 100°C
D grade: ±2.5% = ±1.0% ±150ppm/°C 100°C
Therefore, as an example, the A-grade LM4041-1.2 has an overtemperature reverse breakdown voltage tolerance of ±2.5V
x 0.75% = ±19mV.
Note 3: Guaranteed by design.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Wideband Noise
eN
IR = 100
μA, 10Hz ≤ f ≤ 10kHz
20
μVRMS
Reverse Breakdown Voltage
Long-Term Stability
ΔVR
T = 1000h, IR = 100
μA
120
ppm
TEMPERATURE DRIFT
TEMPERATURE (
°C)
100
75
50
25
0
-25
-2
-1
0
1
-3
-50
125
REVERSE VOLTAGE vs. CURRENT
SOURCE CURRENT (mA)
15
10
5
1
2
3
4
5
6
0
020
TA = +25
°C
TA = -40
°C
TA = +125
°C
TA = +85
°C
Typical Operating Characteristics
(IR = 100µA, SC70-3 package, TA = +25°C, unless otherwise noted.)
0
20
60
40
80
100
0
0.8
0.4
1.2
1.6
2.0
REVERSE CHARACTERISTICS AND
MINIMUM OPERATING CURRENT
REVERSE VOLTAGE (V)


Similar Part No. - LM4041BEM3-1.2-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LM4041BEM3-1.2+T MAXIM-LM4041BEM3-1.2+T Datasheet
143Kb / 7P
   Improved Precision Micropower Shunt Voltage Reference
19-1704; Rev 5; 1/09
More results

Similar Description - LM4041BEM3-1.2-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LM4041 MAXIM-LM4041 Datasheet
143Kb / 7P
   Improved Precision Micropower Shunt Voltage Reference
19-1704; Rev 5; 1/09
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com