Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4041BEX3-1.2-T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # LM4041BEX3-1.2-T
Description  Improved Precision Micropower Shunt Voltage Reference
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LM4041BEX3-1.2-T Datasheet(HTML) 4 Page - Maxim Integrated Products

  LM4041BEX3-1.2-T Datasheet HTML 1Page - Maxim Integrated Products LM4041BEX3-1.2-T Datasheet HTML 2Page - Maxim Integrated Products LM4041BEX3-1.2-T Datasheet HTML 3Page - Maxim Integrated Products LM4041BEX3-1.2-T Datasheet HTML 4Page - Maxim Integrated Products LM4041BEX3-1.2-T Datasheet HTML 5Page - Maxim Integrated Products LM4041BEX3-1.2-T Datasheet HTML 6Page - Maxim Integrated Products LM4041BEX3-1.2-T Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Improved Precision Micropower
Shunt Voltage Reference
4
_______________________________________________________________________________________
100
10k
1k
100k
1M
OUTPUT IMPEDANCE vs. FREQUENCY
FREQUENCY (Hz)
1000
0.1
1
10
100
C1 = 0
IR =
C1 = 1
μF
IR = 1mA
150
μA
10,000
100
10
1k
10k
1000
FREQUENCY (Hz)
100
NOISE vs. FREQUENCY
IR = 200
μA
RS = 30k
Ω
SEE FIGURE 2
08
412
16
STARTUP CHARACTERISTICS
RESPONSE TIME (
μs)
5V
VIN
OV
0V
1.5V
1.0V
VOUT
O.5V
2V/div
2mV/div
LOAD-TRANSIENT RESPONSE
LM4041-05
10
μs/div
ISHUNT = 1mA
± 250μA,
RL = 10k
Ω
SEE FIGURE 1
2V/div
2mV/div
LOAD-TRANSIENT RESPONSE
LM4041-06
10
μs/div
ISHUNT = 10mA
± 2.5mA,
RL = 1k
Ω
SEE FIGURE 1
2V/div
2mV/div
LOAD-TRANSIENT RESPONSE
LM4041-04
10
μs/div
ISHUNT = 100
μA ± 25μA,
RL = 100k
Ω
SEE FIGURE 1
Typical Operating Characteristics (continued)
(IR = 100µA, SC70-3 package, TA = +25°C, unless otherwise noted.)
RS
30k
Ω
VIN
1Hz RATE
VR
Figure 2. Startup Characteristics Test Circuit
1k
Ω
VB
+
-
ISHUNT
VR
RL
VGEN
Figure 1. Load-Transient Test Circuit


Similar Part No. - LM4041BEX3-1.2-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LM4041BEX3-1.2+T MAXIM-LM4041BEX3-1.2+T Datasheet
143Kb / 7P
   Improved Precision Micropower Shunt Voltage Reference
19-1704; Rev 5; 1/09
More results

Similar Description - LM4041BEX3-1.2-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LM4041 MAXIM-LM4041 Datasheet
143Kb / 7P
   Improved Precision Micropower Shunt Voltage Reference
19-1704; Rev 5; 1/09
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com