Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8360ZUAJDHA Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MPC8360ZUAJDHA
Description  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8360ZUAJDHA Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPC8360ZUAJDHA Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8360ZUAJDHA Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8360ZUAJDHA Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8360ZUAJDHA Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8360ZUAJDHA Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8360ZUAJDHA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8360ZUAJDHA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8360ZUAJDHA Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8360ZUAJDHA Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
6
Freescale Semiconductor
— DRAM chip configurations from 64 Mbits to 1 Gigabit with ×8/×16 data ports
— Full ECC support (when the MPC8360E is configured as 2×32-bit DDR memory controllers, both support ECC)
— Page mode support (up to 16 simultaneous open pages for DDR1, up to 32 simultaneous open pages for DDR2)
— Contiguous or discontiguous memory mapping
— Read-modify-write support
— Sleep mode support for self refresh SDRAM
— Supports auto refreshing
— Supports source clock mode
— On-the-fly power management using CKE
— Registered DIMM support
— 2.5-V SSTL2 compatible I/O for DDR1, 1.8-V SSTL2 compatible I/O for DDR2
— External driver impedance calibration
— On-die termination (ODT)
PCI interface
— PCI Specification Revision 2.3 compatible
— Data bus widths:
Single 32-bit data PCI interface that operates at up to 66 MHz
— PCI 3.3-V compatible (not 5-V compatible)
— PCI host bridge capabilities on both interfaces
— PCI agent mode supported on PCI interface
— Support for PCI-to-memory and memory-to-PCI streaming
— Memory prefetching of PCI read accesses and support for delayed read transactions
— Support for posting of processor-to-PCI and PCI-to-memory writes
— On-chip arbitration, supporting five masters on PCI
— Support for accesses to all PCI address spaces
— Parity support
— Selectable hardware-enforced coherency
— Address translation units for address mapping between host and peripheral
— Dual address cycle supported when the device is the target
— Internal configuration registers accessible from PCI
Local bus controller (LBC)
— Multiplexed 32-bit address and data operating at up to 133 MHz
— Eight chip selects support eight external slaves
— Up to eight-beat burst transfers
— 32-, 16-, and 8-bit port sizes are controlled by an on-chip memory controller
— Three protocol engines available on a per chip select basis:
General-purpose chip select machine (GPCM)
Three user programmable machines (UPMs)
Dedicated single data rate SDRAM controller
— Parity support
— Default boot ROM chip select with configurable bus width (8-, 16-, or 32-bit)
Programmable interrupt controller (PIC)
— Functional and programming compatibility with the MPC8260 interrupt controller
— Support for 8 external and 35 internal discrete interrupt sources
— Support for one external (optional) and seven internal machine checkstop interrupt sources


Similar Part No. - MPC8360ZUAJDHA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8360 FREESCALE-MPC8360 Datasheet
1Mb / 112P
   PowerQUICC??II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
MPC8360 FREESCALE-MPC8360 Datasheet
616Kb / 102P
   PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
logo
NXP Semiconductors
MPC8360 NXP-MPC8360 Datasheet
1Mb / 102P
   PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
Rev. 5, 09/2011
logo
Freescale Semiconductor...
MPC8360CVVAJDGA FREESCALE-MPC8360CVVAJDGA Datasheet
616Kb / 102P
   PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
MPC8360E FREESCALE-MPC8360E Datasheet
1Mb / 112P
   PowerQUICC??II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
More results

Similar Description - MPC8360ZUAJDHA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8360E FREESCALE-MPC8360E Datasheet
1Mb / 112P
   PowerQUICC??II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
MPC8360CVVAJDGA FREESCALE-MPC8360CVVAJDGA Datasheet
616Kb / 102P
   PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
MPC8360E FREESCALE-MPC8360E_11 Datasheet
1Mb / 108P
   PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
logo
NXP Semiconductors
MPC8360EEC NXP-MPC8360EEC Datasheet
1Mb / 102P
   PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
Rev. 5, 09/2011
logo
Freescale Semiconductor...
MPC8358E FREESCALE-MPC8358E Datasheet
1Mb / 96P
   PowerQUICC??II Pro Processor Revision 2.1 PBGA Silicon Hardware Specifications
logo
NXP Semiconductors
MPC8358EEC NXP-MPC8358EEC Datasheet
1Mb / 95P
   PowerQUICC II Pro Processor Revision 2.1 PBGA Silicon Hardware Specifications
Rev. 3, 01/2011
logo
Freescale Semiconductor...
MPC8315E FREESCALE-MPC8315E Datasheet
1Mb / 112P
   PowerQUICC??II Pro Processor Hardware Specifications
MPC8379E FREESCALE-MPC8379E Datasheet
1Mb / 114P
   PowerQUICC??II Pro Processor Hardware Specifications
MPC8314EEC FREESCALE-MPC8314EEC Datasheet
651Kb / 101P
   PowerQUICC II Pro Processor Hardware Specifications
MPC8313EEC FREESCALE-MPC8313EEC Datasheet
1Mb / 100P
   PowerQUICC??II Pro Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com